Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BCY78X Arkusz danych(PDF) 5 Page - NXP Semiconductors

Numer części BCY78X
Szczegółowy opis  PNP switching transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BCY78X Arkusz danych(HTML) 5 Page - NXP Semiconductors

  BCY78X Datasheet HTML 1Page - NXP Semiconductors BCY78X Datasheet HTML 2Page - NXP Semiconductors BCY78X Datasheet HTML 3Page - NXP Semiconductors BCY78X Datasheet HTML 4Page - NXP Semiconductors BCY78X Datasheet HTML 5Page - NXP Semiconductors BCY78X Datasheet HTML 6Page - NXP Semiconductors BCY78X Datasheet HTML 7Page - NXP Semiconductors BCY78X Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
1997 Jun 18
5
Philips Semiconductors
Product specification
PNP switching transistors
BCY78; BCY79
F
noise figure
IC = −200 µA; VCE = −5 V; RS =2kΩ;
f = 1 kHz; B = 200 Hz
−−
10
dB
Switching times (between 10% and 90% levels); see Fig.2
ton
turn-on time
ICon = −10 mA; IBon = −1 mA;
IBoff = 1 mA; test conditions A
−−
100
ns
td
delay time
−−
50
ns
tr
rise time
−−
50
ns
toff
turn-off time
−−
700
ns
ts
storage time
−−
600
ns
tf
fall time
−−
100
ns
ton
turn-on time
ICon = −100 mA; IBon = −10 mA;
IBoff = 10 mA; test conditions B
−−
100
ns
td
delay time
−−
35
ns
tr
rise time
−−
65
ns
toff
turn-off time
−−
400
ns
ts
storage time
−−
300
ns
tf
fall time
−−
100
ns
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Test conditions A
Vi = −5 V; T = 500 µs; tp =10 µs; tr =tf ≤ 3 ns.
R1 = 56
Ω; R2 = 2.5 kΩ; RB = 3.9 kΩ; RC = 270 Ω.
VBB = 1.9 V; VCC = −3V
Oscilloscope input impedance Zi =50 Ω.
Fig.2 Test circuit for switching times.
ndbook, full pagewidth
RC
R2
R1
DUT
MGD624
Vo
RB
(probe)
450
(probe)
450
oscilloscope
oscilloscope
VBB
Vi
VCC
Test conditions B
Vi = −9.8 V; T = 500 µs; tp =10 µs; tr =tf ≤ 3 ns.
R1 = 62
Ω; R2 = 470 Ω; RB = 470 Ω; RC = 100 Ω.
VBB = 3.4 V; VCC = −10.8 V
Oscilloscope input impedance Zi =50 Ω.


Podobny numer części - BCY78X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Central Semiconductor C...
BCY78 CENTRAL-BCY78 Datasheet
73Kb / 2P
   PNP SILICON TRANSISTOR
logo
Comset Semiconductor
BCY78 COMSET-BCY78 Datasheet
250Kb / 4P
   SILICON PLANAR EPITAXIAL TRANSISTORS
BCY78 COMSET-BCY78 Datasheet
156Kb / 4P
   SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Continental Device Indi...
BCY78 CDIL-BCY78 Datasheet
85Kb / 5P
   PNP SILICON PLANAR TRANSISTORS
logo
New Jersey Semi-Conduct...
BCY78 NJSEMI-BCY78 Datasheet
132Kb / 2P
   PNP SILICON TRANSISTOR
More results

Podobny opis - BCY78X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BSR15 NXP-BSR15 Datasheet
139Kb / 8P
   PNP switching transistors
2004 Jan 13
PMBT2907 NXP-PMBT2907 Datasheet
136Kb / 8P
   PNP switching transistors
2004 Jan 16
logo
Micro Commercial Compon...
2N2907 MCC-2N2907_11 Datasheet
459Kb / 3P
   PNP Switching Transistors
logo
NXP Semiconductors
2N2907 PHILIPS-2N2907 Datasheet
52Kb / 8P
   PNP switching transistors
1997 May 30
BSR15 PHILIPS-BSR15 Datasheet
45Kb / 8P
   PNP switching transistors
1999 Apr 15
logo
Micro Commercial Compon...
2N2907 MCC-2N2907 Datasheet
415Kb / 3P
   PNP Switching Transistors
logo
NXP Semiconductors
2N2906 PHILIPS-2N2906 Datasheet
52Kb / 8P
   PNP switching transistors
1997 Jun 02
logo
Guangdong Kexin Industr...
BSR15 KEXIN-BSR15 Datasheet
44Kb / 2P
   PNP Switching Transistors
logo
Comset Semiconductor
2N5679 COMSET-2N5679 Datasheet
79Kb / 3P
   PNP SWITCHING TRANSISTORS
logo
NXP Semiconductors
2N2905 PHILIPS-2N2905 Datasheet
55Kb / 8P
   PNP switching transistors
1997 May 28
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com