Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PCM3052A Arkusz danych(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Numer części PCM3052A
Szczegółowy opis  24-BIT, 96-kHz STEREO AUDIO CODEC WITH MICROPHONE AMPLIFIER, BIAS, MUXTIPLEXER, AND PGA
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BURR-BROWN [Burr-Brown (TI)]
Strona internetowa  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM3052A Arkusz danych(HTML) 4 Page - Burr-Brown (TI)

  PCM3052A Datasheet HTML 1Page - Burr-Brown (TI) PCM3052A Datasheet HTML 2Page - Burr-Brown (TI) PCM3052A Datasheet HTML 3Page - Burr-Brown (TI) PCM3052A Datasheet HTML 4Page - Burr-Brown (TI) PCM3052A Datasheet HTML 5Page - Burr-Brown (TI) PCM3052A Datasheet HTML 6Page - Burr-Brown (TI) PCM3052A Datasheet HTML 7Page - Burr-Brown (TI) PCM3052A Datasheet HTML 8Page - Burr-Brown (TI) PCM3052A Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
www.ti.com
PCM3052A
SLES160 – NOVEMBER 2005
ELECTRICAL CHARACTERISTICS (continued)
All specifications at T
A = 25°C, VCC1 = VCC2 = VCC3 = 5 V, VDD = 3.3 V, fS = 48 kHz, SCKI = 256 fS, 24-bit data, unless
otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AFE MULTIPLEXER
Input channel
2
CH
Input range for full scale
VINL, VINR
0.1
1
1.5
Vrms
Input Impedance
VINL, VINR
22
143
k
Antialiasing filter frequency response
–3 dB, PGA gain = 0 dB
300
kHz
Input center voltage (VREF1)
0.5 VCC1
V
AFE PGA
Gain range
–4
0
20
dB
Gain step
1
dB
Monotonicity
Ensured
ADC CHARACTERISTICS
Resolution
24
Bits
Full-scale input voltage
VINL, VINR at PGA gain = 0 dB
0.6 VCC1
Vp-p
DC Accuracy
Gain mismatch, channe-to-channel
Full scale input, VINL, VINR
±1
±2 % of FSR
Gain error
Full scale input, VINL, VINR
±2
±4 % of FSR
Bipolar-zero error
HPF bypass, VINL, VINR
±2
% of FSR
Dynamic Performance (7)
fS = 48 kHz, VIN = –0.5 dB
–94
–88
fS = 96 kHz, VIN = –0.5 dB
–89
THD+N
Total harmonic distortion + noise
dB
fS = 48 kHz, VIN = –60 dB
–38
fS = 96 kHz, VIN = –60 dB
–38
fS = 48 kHz, A-weighted
95
101
Dynamic range
dB
fS = 96 kHz, A-weighted
101
fS = 48 kHz, A-weighted
95
101
S/N
Signal-to-noise ratio
dB
fS = 96 kHz, A-weighted
101
fS = 48 kHz
92
98
Channel separation
dB
(between L-ch and R-ch of line-in)
fS = 96 kHz
99
fS = 48 kHz
92
98
Channel separation
dB
(between microphone and line-in)
fS = 96 kHz
99
Digital Filter Performance
Pass band
±0.05 dB
0.454 fS
Hz
Stop band
0.583 fS
Hz
Pass-band ripple
±0.05
dB
Stop-band attenuation
0.583 fS
–65
dB
Delay time
17.4/fS
s
HPF frequency response
–3 dB
0.019 fS
MHz
DAC CHARACTERISTICS
Resolution
24
Bits
DC Accuracy
Gain mismatch, channel-to-channel
±1
±2 % of FSR
Gain error
±2
±6 % of FSR
Bipolar zero error
±1
% of FSR
(7)
fIN = 1 kHz, using System Two™ audio measurement system by Audio Precision™ in the RMS mode with 20-kHz LPF and 400-Hz HPF
in the calculation, at PGA gain = 0 dB, for VINL and VINR.
4


Podobny numer części - PCM3052A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
PCM3000 BURR-BROWN-PCM3000 Datasheet
212Kb / 21P
   Stereo Audio CODEC 18-BITS, SERIAL INTERFACE TM
logo
Texas Instruments
PCM3000 TI1-PCM3000 Datasheet
626Kb / 40P
[Old version datasheet]   SINGLE-ENDED ANALOG INPUT/OUTPUT
logo
Burr-Brown (TI)
PCM3000E BURR-BROWN-PCM3000E Datasheet
212Kb / 21P
   Stereo Audio CODEC 18-BITS, SERIAL INTERFACE TM
logo
Texas Instruments
PCM3000E TI1-PCM3000E Datasheet
626Kb / 40P
[Old version datasheet]   SINGLE-ENDED ANALOG INPUT/OUTPUT
PCM3000E/2K TI1-PCM3000E/2K Datasheet
626Kb / 40P
[Old version datasheet]   SINGLE-ENDED ANALOG INPUT/OUTPUT
More results

Podobny opis - PCM3052A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TLC320AD77 TI1-TLC320AD77 Datasheet
397Kb / 33P
[Old version datasheet]   24-Bit 96 kHz Stereo Audio Codec
TLC320AD77C TI-TLC320AD77C Datasheet
215Kb / 31P
[Old version datasheet]   24-BIT 96 kHz STEREO AUDIO CODEC
logo
Burr-Brown (TI)
PCM3060 BURR-BROWN-PCM3060 Datasheet
505Kb / 45P
   24-BIT, 96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
logo
Texas Instruments
PCM3010DBRG4 TI1-PCM3010DBRG4 Datasheet
616Kb / 35P
[Old version datasheet]   24-BIT STEREO AUDIO CODEC WITH 96-kHz ADC, 192-kHz DAC
logo
Analog Devices
ADAU1361BCPZ AD-ADAU1361BCPZ Datasheet
863Kb / 80P
   Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
Rev. C
ADAU1961 AD-ADAU1961 Datasheet
985Kb / 76P
   Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
REV. A
logo
Cirrus Logic
CS4272-DZZ CIRRUS-CS4272-DZZ Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4270 CIRRUS-CS4270 Datasheet
730Kb / 48P
   24-Bit, 192 kHz Stereo Audio CODEC
logo
Analog Devices
ADAU1461 AD-ADAU1461 Datasheet
1Mb / 88P
   SigmaDSP Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
REV. 0
ADAU1761 AD-ADAU1761 Datasheet
1Mb / 92P
   SigmaDSP Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com