Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PCM3052A Arkusz danych(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Numer części PCM3052A
Szczegółowy opis  24-BIT, 96-kHz STEREO AUDIO CODEC WITH MICROPHONE AMPLIFIER, BIAS, MUXTIPLEXER, AND PGA
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BURR-BROWN [Burr-Brown (TI)]
Strona internetowa  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM3052A Arkusz danych(HTML) 9 Page - Burr-Brown (TI)

Back Button PCM3052A Datasheet HTML 5Page - Burr-Brown (TI) PCM3052A Datasheet HTML 6Page - Burr-Brown (TI) PCM3052A Datasheet HTML 7Page - Burr-Brown (TI) PCM3052A Datasheet HTML 8Page - Burr-Brown (TI) PCM3052A Datasheet HTML 9Page - Burr-Brown (TI) PCM3052A Datasheet HTML 10Page - Burr-Brown (TI) PCM3052A Datasheet HTML 11Page - Burr-Brown (TI) PCM3052A Datasheet HTML 12Page - Burr-Brown (TI) PCM3052A Datasheet HTML 13Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
www.ti.com
Normalized Frequency [
×fS]
−1.0
−0.8
−0.6
−0.4
−0.2
0.0
0.2
0.0
0.1
0.2
0.3
0.4
0.5
G003
Normalized Frequency [
×fS]
−10
−9
−8
−7
−6
−5
−4
−3
−2
−1
0
0.45
0.47
0.49
0.51
0.53
0.55
G004
−4.13 dB at 0.5 fS
Normalized Frequency [
×fS/1000]
−1.0
−0.8
−0.6
−0.4
−0.2
0.0
0.2
0
1
2
3
4
G006
Normalized Frequency [
×fS/1000]
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0.0
0.1
0.2
0.3
0.4
0.5
G005
PCM3052A
SLES160 – NOVEMBER 2005
TYPICAL PERFORMANCE CURVES OF INTERNAL FILTER (ADC SECTION) (continued)
All specifications at T
A = 25°C, VCC1 = VCC2 = VCC3 = 5 V, VDD = 3.3 V, fS = 48 kHz, SCKI = 256fS, 24-bit data, unless
otherwise noted.
PASS-BAND RIPPLE CHARACTERISTICS
TRANSITION BAND CHARACTERISTICS
Figure 3.
Figure 4.
HIGH-PASS FILTER STOP-BAND CHARACTERISTICS
HIGH-PASS FILTER PASS-BAND CHARACTERISTICS
Figure 5.
Figure 6.
9


Podobny numer części - PCM3052A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
PCM3000 BURR-BROWN-PCM3000 Datasheet
212Kb / 21P
   Stereo Audio CODEC 18-BITS, SERIAL INTERFACE TM
logo
Texas Instruments
PCM3000 TI1-PCM3000 Datasheet
626Kb / 40P
[Old version datasheet]   SINGLE-ENDED ANALOG INPUT/OUTPUT
logo
Burr-Brown (TI)
PCM3000E BURR-BROWN-PCM3000E Datasheet
212Kb / 21P
   Stereo Audio CODEC 18-BITS, SERIAL INTERFACE TM
logo
Texas Instruments
PCM3000E TI1-PCM3000E Datasheet
626Kb / 40P
[Old version datasheet]   SINGLE-ENDED ANALOG INPUT/OUTPUT
PCM3000E/2K TI1-PCM3000E/2K Datasheet
626Kb / 40P
[Old version datasheet]   SINGLE-ENDED ANALOG INPUT/OUTPUT
More results

Podobny opis - PCM3052A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TLC320AD77 TI1-TLC320AD77 Datasheet
397Kb / 33P
[Old version datasheet]   24-Bit 96 kHz Stereo Audio Codec
TLC320AD77C TI-TLC320AD77C Datasheet
215Kb / 31P
[Old version datasheet]   24-BIT 96 kHz STEREO AUDIO CODEC
logo
Burr-Brown (TI)
PCM3060 BURR-BROWN-PCM3060 Datasheet
505Kb / 45P
   24-BIT, 96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
logo
Texas Instruments
PCM3010DBRG4 TI1-PCM3010DBRG4 Datasheet
616Kb / 35P
[Old version datasheet]   24-BIT STEREO AUDIO CODEC WITH 96-kHz ADC, 192-kHz DAC
logo
Analog Devices
ADAU1361BCPZ AD-ADAU1361BCPZ Datasheet
863Kb / 80P
   Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
Rev. C
ADAU1961 AD-ADAU1961 Datasheet
985Kb / 76P
   Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
REV. A
logo
Cirrus Logic
CS4272-DZZ CIRRUS-CS4272-DZZ Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4270 CIRRUS-CS4270 Datasheet
730Kb / 48P
   24-Bit, 192 kHz Stereo Audio CODEC
logo
Analog Devices
ADAU1461 AD-ADAU1461 Datasheet
1Mb / 88P
   SigmaDSP Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
REV. 0
ADAU1761 AD-ADAU1761 Datasheet
1Mb / 92P
   SigmaDSP Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com