Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPIC9201N Arkusz danych(PDF) 6 Page - Texas Instruments

Numer części TPIC9201N
Szczegółowy opis  MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPIC9201N Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button TPIC9201N Datasheet HTML 2Page - Texas Instruments TPIC9201N Datasheet HTML 3Page - Texas Instruments TPIC9201N Datasheet HTML 4Page - Texas Instruments TPIC9201N Datasheet HTML 5Page - Texas Instruments TPIC9201N Datasheet HTML 6Page - Texas Instruments TPIC9201N Datasheet HTML 7Page - Texas Instruments TPIC9201N Datasheet HTML 8Page - Texas Instruments TPIC9201N Datasheet HTML 9Page - Texas Instruments TPIC9201N Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
www.ti.com
Electrical Characteristics
TPIC9201
MICROCONTROLLER POWER SUPPLY
AND MULTIPLE LOW-SIDE DRIVER
SLIS115B – APRIL 2005 – REVISED JUNE 2006
T
A = –40°C to 125°C, VIN = 7 V to 18 V (unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
Supply Voltage and Current
VIN(2)
Input voltage
7
18
V
Enable = ON, OUT1–OUT8 = OFF
3
IVIN
Input supply current
mA
Enable = ON, OUT1–OUT8 = ON
5
Logic Inputs (MOSI, NCS, SCLK, and EN1)
VIL
Logic input low level
IIL = 100 µA
0.8
V
VIH
Logic input high level
IIL = 100 µA
2.4
Reset (RST)
VOL
Logic level output
IOL = 1.6 mA
0.4
V
VOH(3)
Logic level output
5-k
Ω pullup to V
CC
VCC – 0.8
V
VH
Disabling reset threshold
5-V regulator ramps up
4.25
4.5
V
VL
Enabling reset threshold
5-V regulator ramps down
3.3
3.75
V
VHYS
Threshold hysteresis
0.12
0.5
V
Reset Delay (RDELAY)
IOUT
Output current
18
28
48
µA
TDW
Reset delay timer
C = 47 nF
3
6
ms
TUP
Reset capacitor to low level
C = 47 nF
45
µs
Output (OUT1–OUT8)
VOL
Output ON
IOUTn = 150 mA
0.4
0.7
V
IOH
Output leakage
VOH = Max of 16.5 V
2
µA
Regulator Output (5VOUT)
I5VOUT = 5 mA to 200 mA, VIN = 7 V to 18 V,
5VOUT
Output supply
4.75
5
5.25
V
C5VOUT = 1 µF
I5VOUT limit
Output short-circuit current
5VOUT = 0 V
200
mA
Thermal Shutdown
TSD
Thermal shutdown
150
°C
THYS
Hysteresis
20
°C
Zero Voltage Synchronization (ZVS)
VSYNTH
Transition threshold
0.4
0.75
1.1
V
ISYN
Input activating current
RZV = 10 kΩ, VSYN = 24 V
2
mA
tD
Transition filtering time
Rising and falling
10
30
70
µs
(1)
All typical values are at TA = 25°C.
(2)
There are external high-frequency noise-suppression capacitors and filter capacitors on VIN.
(3)
VCC is the pullup resistor voltage.
6
Submit Documentation Feedback


Podobny numer części - TPIC9201N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPIC9201N TI-TPIC9201N Datasheet
403Kb / 11P
[Old version datasheet]   MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW SIDE DRIVER IC
TPIC9201N TI-TPIC9201N Datasheet
698Kb / 20P
[Old version datasheet]   MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
TPIC9201NE4 TI-TPIC9201NE4 Datasheet
698Kb / 20P
[Old version datasheet]   MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
More results

Podobny opis - TPIC9201N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPIC9201 TI-TPIC9201_08 Datasheet
698Kb / 20P
[Old version datasheet]   MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
TPIC9202 TI-TPIC9202 Datasheet
491Kb / 18P
[Old version datasheet]   MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
TPIC9202 TI-TPIC9202_07 Datasheet
547Kb / 18P
[Old version datasheet]   MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
TPL9201 TI-TPL9201 Datasheet
163Kb / 14P
[Old version datasheet]   MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
TPIC9201N TI-TPIC9201N Datasheet
403Kb / 11P
[Old version datasheet]   MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW SIDE DRIVER IC
logo
Anpec Electronics Corop...
APX7387 ANPEC-APX7387 Datasheet
175Kb / 17P
   High Side and Low Side Driver
logo
International Rectifier
IR2102 IRF-IR2102 Datasheet
209Kb / 15P
   HIGH AND LOW SIDE DRIVER
logo
Motorola, Inc
MPIC2113 MOTOROLA-MPIC2113 Datasheet
171Kb / 6P
   HIGH AND LOW SIDE DRIVER
logo
International Rectifier
IRS21814MPBF IRF-IRS21814MPBF Datasheet
779Kb / 21P
   HIGH- AND LOW-SIDE DRIVER
IR2106 IRF-IR2106 Datasheet
314Kb / 22P
   HIGH AND LOW SIDE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com