Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9230BCPZ-250 Arkusz danych(PDF) 6 Page - Analog Devices

Numer części AD9230BCPZ-250
Szczegółowy opis  12-Bit, 170/210/250 MSPS 1.8 V A/D Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9230BCPZ-250 Arkusz danych(HTML) 6 Page - Analog Devices

Back Button AD9230BCPZ-250 Datasheet HTML 2Page - Analog Devices AD9230BCPZ-250 Datasheet HTML 3Page - Analog Devices AD9230BCPZ-250 Datasheet HTML 4Page - Analog Devices AD9230BCPZ-250 Datasheet HTML 5Page - Analog Devices AD9230BCPZ-250 Datasheet HTML 6Page - Analog Devices AD9230BCPZ-250 Datasheet HTML 7Page - Analog Devices AD9230BCPZ-250 Datasheet HTML 8Page - Analog Devices AD9230BCPZ-250 Datasheet HTML 9Page - Analog Devices AD9230BCPZ-250 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
AD9230
Preliminary Technical Data
Rev. PrE | Page 6 of 21
SWITCHING SPECIFICATIONS
Table 4. (AVDD = 1.8 V, DRVDD = 1.8 V, TMIN = –40°C, TMAX = +85°C, DCS Enabled unless otherwise noted.)
AD9230-170/-210
AD9230-250
Parameter (Conditions)
Temp
Min
Typ
Max
Min
Typ
Max
Unit
Maximum Conversion Rate1
Full
170/210
250
MSPS
Minimum Conversion Rate1
Full
40
40
MSPS
CLK+ Pulsewidth High (tEH)1
Full
TBD
TBD
ns
CLK+ Pulsewidth Low (tEL)1
Full
TBD
TBD
ns
OUTPUT (LVDS)
Valid Time (tV)
Full
TBD
TBD
ns
Propagation Delay (tPD)
Full
3.9
3.9
ns
Rise Time (tR) (20% to 80%)
25°C
0.4
0.4
ns
Fall Time (tF) (20% to 80%)
25°C
0.4
0.4
ns
DCO Propagation Delay (tCPD)
Full
3.2
3.2
ns
Data to DCO Skew (tPD– tCPD)
Full
TBD
TBD
ns
Latency
Full
5
5
Cycles
Aperture Delay (tA)
25°C
TBD
TBD
ns
Aperture Uncertainty (Jitter, tJ)
25°C
0.2
0.2
ps rms
Out of Range Recovery Time
25°C
TBD
TBD
Cycles
1 All ac specifications tested by driving CLK+ and CLK– differentially.
N–1
N
N+1
N+L
N+L+1
N+L+2
N+L+3
tEH
tEL
1/fS
tA
N–L
tPD
L CYCLES
tV
N-L+1
N
N+1
N+2
tCPD
CLK+
CLK–
DATA
OUT
DCO–
DCO+
AIN
Figure 2. Timing Diagram (L=5 Cycles)


Podobny numer części - AD9230BCPZ-250

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9230BCPZ-250 AD-AD9230BCPZ-250 Datasheet
1Mb / 33P
   1.8 V Analog-to-Digital Converter
More results

Podobny opis - AD9230BCPZ-250

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9230 AD-AD9230_15 Datasheet
2Mb / 32P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9626 AD-AD9626 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9626 AD-AD9626_15 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9430 AD-AD9430_10 Datasheet
1Mb / 44P
   12-Bit, 170/210 MSPS 3.3 V A/D Converter
Rev. E
AD9430 AD-AD9430_15 Datasheet
1Mb / 44P
   12-Bit, 170/210 MSPS 3.3 V A/D Converter
Rev. E
AD9634 AD-AD9634 Datasheet
1Mb / 32P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS
REV. 0
AD9239 AD-AD9239 Datasheet
1Mb / 40P
   Quad, 12-Bit, 170 MSPS/210 MSPS/250 MSPS Serial Output 1.8 V ADC
REV. 0
AD9613BCPZ-250 AD-AD9613BCPZ-250 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS,1.8 V Dual Analog-to-Digital Converter (ADC)
REV. C
AD9613 AD-AD9613 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
AD9613 AD-AD9613_17 Datasheet
1Mb / 38P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com