Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BDX37 Arkusz danych(PDF) 2 Page - NXP Semiconductors

Numer części BDX37
Szczegółowy opis  NPN switching transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BDX37 Arkusz danych(HTML) 2 Page - NXP Semiconductors

  BDX37 Datasheet HTML 1Page - NXP Semiconductors BDX37 Datasheet HTML 2Page - NXP Semiconductors BDX37 Datasheet HTML 3Page - NXP Semiconductors BDX37 Datasheet HTML 4Page - NXP Semiconductors BDX37 Datasheet HTML 5Page - NXP Semiconductors BDX37 Datasheet HTML 6Page - NXP Semiconductors BDX37 Datasheet HTML 7Page - NXP Semiconductors BDX37 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1997 Apr 16
2
Philips Semiconductors
Product specification
NPN switching transistors
BDX35; BDX36; BDX37
FEATURES
• High current (max. 5 A)
• Low voltage (max. 75 V).
APPLICATIONS
• High-current switching in power applications.
DESCRIPTION
NPN switching transistor in a TO-126; SOT32 plastic
package.
PINNING
PIN
DESCRIPTION
1
emitter
2
collector, connected to the metal part of
the mounting surface
3
base
Fig.1
Simplified outline (TO-126; SOT32)
and symbol.
handbook, halfpage
MAM254
12
3
Top view
1
2
3
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
BDX35
−−
100
V
BDX36; BDX37
−−
120
V
VCEO
collector-emitter voltage
open base
BDX35; BDX36
−−
60
V
BDX37
−−
75
V
IC
collector current (DC)
−−
5A
Ptot
total power dissipation
Tmb ≤ 75 °C
−−
15
W
hFE
DC current gain
IC = 0.5 A; VCE =10V
45
450
fT
transition frequency
IC = 0.5 A; VCE = 5 V; f = 100 MHz
100
MHz
toff
turn-off time
ICon = 5 A; IBon = 0.5 A; IBoff = −0.5 A −
350
500
ns


Podobny numer części - BDX37

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Savantic, Inc.
BDX37 SAVANTIC-BDX37 Datasheet
110Kb / 3P
   Silicon NPN Power Transistors
logo
Comset Semiconductor
BDX37 COMSET-BDX37 Datasheet
219Kb / 4P
   SILICON PLANAR EPITAXIAL POWER TRANSISTORS
logo
Inchange Semiconductor ...
BDX37 ISC-BDX37 Datasheet
130Kb / 3P
   Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
BDX37 NJSEMI-BDX37 Datasheet
108Kb / 3P
   SILICON PLANAR EPITAXIAL POWER TRANSISTORS
More results

Podobny opis - BDX37

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
PMBT2222 PHILIPS-PMBT2222 Datasheet
46Kb / 8P
   NPN switching transistors
1999 Apr 27
PN2369 PHILIPS-PN2369 Datasheet
45Kb / 8P
   NPN switching transistors
1999 Apr 14
PMBT2222 NXP-PMBT2222 Datasheet
152Kb / 8P
   NPN switching transistors
2004 Jan 22
logo
Nexperia B.V. All right...
BSR13 NEXPERIA-BSR13 Datasheet
376Kb / 9P
   NPN switching transistors
2004 Jan 13
logo
NXP Semiconductors
2N2222 PHILIPS-2N2222 Datasheet
53Kb / 8P
   NPN switching transistors
1997 May 29
BCY58 PHILIPS-BCY58 Datasheet
50Kb / 8P
   NPN switching transistors
1997 Jun 17
BSW66A PHILIPS-BSW66A Datasheet
53Kb / 8P
   NPN switching transistors
1997 May 05
logo
Micro Commercial Compon...
2N2222 MCC-2N2222 Datasheet
238Kb / 3P
   NPN Switching Transistors
2N2222A-BP MCC-2N2222A-BP Datasheet
243Kb / 3P
   NPN Switching Transistors
logo
Comset Semiconductor
2N5681 COMSET-2N5681 Datasheet
79Kb / 3P
   NPN SWITCHING TRANSISTORS
logo
Guangdong Kexin Industr...
BSR17A KEXIN-BSR17A Datasheet
45Kb / 2P
   NPN Switching Transistors
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com