Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CA3100R20-27SZF80 Arkusz danych(PDF) 5 Page - ITT Industries

Numer części CA3100R20-27SZF80
Szczegółowy opis  MIL-C-5015 Connectors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ITT [ITT Industries]
Strona internetowa  http://www.ittcannon.com
Logo ITT - ITT Industries

CA3100R20-27SZF80 Arkusz danych(HTML) 5 Page - ITT Industries

  CA3100R20-27SZF80 Datasheet HTML 1Page - ITT Industries CA3100R20-27SZF80 Datasheet HTML 2Page - ITT Industries CA3100R20-27SZF80 Datasheet HTML 3Page - ITT Industries CA3100R20-27SZF80 Datasheet HTML 4Page - ITT Industries CA3100R20-27SZF80 Datasheet HTML 5Page - ITT Industries CA3100R20-27SZF80 Datasheet HTML 6Page - ITT Industries CA3100R20-27SZF80 Datasheet HTML 7Page - ITT Industries CA3100R20-27SZF80 Datasheet HTML 8Page - ITT Industries CA3100R20-27SZF80 Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
www.ittcannon.com
171
Dimensions are shown in inches (millimeters).
Dimensions subject to change.
MIL-C-5015 Connectors
MS-E/F/R/ER
Contact Arrangements (Face View Pin Insert)
LEGEND
Resilient only
Resilient & Plastic
Shell Size
No. of Contacts
Service Rating
8S-1
1 #16
A
10S-2
1 #16
A
10SL-4
2 #16
A
10SL-3
3 #16
A
10SLA4
5 #20
A
12S-4
1 #16
D
12-5
1 #12
D
12S-3
2 #16
A
12SA10
4 #16
Inst.
14-3
1 #8
A
14S-9
2 #16
A
16-13
2 #12
(A-Iron
B-Constantan)
A
16S-4
2 #16
D
16-11
2 #12
A
16-12
1 #4
A
14S-6
6 #16
Inst.
14S-5
5 #16
Inst.
14S-2
4 #16
Inst.
14S-7
3 #16
A
14S-1
3 #16
A
16S-5
3 #16
A
16S-6
3 #16
A
16-10
3 #12
A
16-9
2 #16 (B,D)
2 #12 (A,C)
A
16S-8
5 #16
A
16S-1
7 #16
A
18-7
1 #8
B
18-3
2 #12
D
18-12
6 #16
A
18-11
5 #12
A
18-15
4 #12
(A, C-Iron;
B, D-Constantan)
A
18-13
3 #12 (B,C,C)
1 #8(A)
A
18-10
4 #12
A
18-4
4 #16
D
18-22
3 #16
D
18-5
1 #16(A)
2 #12(B,C)
D
18-9
5 #16(B,C,E-G)
2 #12(A,D)
Inst.
18-8
7 #16(A-G)
1 #12(H)
A
18-1
10 #16
A(B,C,F,G)
Inst. (all others)
18-19
10 #16
A
20-2
1 #0
D
20-23
2 #8
A
20-3
3 #12
D
20-19
3 #8
A
20-15
7 #12
A
20-22
3 #16(B,D,F)
3 #8(A,C,E)
A
20-17
1 #16(F)
5 #12(A-E)
A
20-8
4 #16(B,C,E,F)
2 #8(A,D)
Inst.
20-14
3 #12(C,D,E)
2 #8(A,B)
A
20A37
ITT Cannon pos.
#8 of 20-4
D
20-24
2 #16 (A,C)
2 #8 (B,D)
A
20-4
4 #12
D
Shell Size
No. of Contacts
Service Rating
Shell Size
No. of Contacts
Service Rating
Shell Size
No. of Contacts
Service Rating
Shell Size
No. of Contacts
Service Rating
Shell Size
No. of Contacts
Service Rating
High Volume Layouts - readily
available from Cannon Distributors
¢
¢
¢
¢
¢
¢
¢
¢
¢
¢
¢
¢
¢
¢
¢
¢
A
A
A
A
A
A
B
A
B
A
A
B
B
B
B
B
B
B
B
A
A
A
A
A
A
A
C
C
C
C
C
B
B
B
B
B
B
B
B
B
B
B
A
A
C
C
C
C
C
C
C
C
C
C
C
B
B
A
A
A
A
A
A
A
A
A
A
A
C
C
C
D
D
D
D
D
D
D
D
D
D
D
E
E
E
F
G
E
F
B
B
B
B
B
B
B
B
B
B
B
B
B
C
C
C
C
C
C
C
C
C
C
C
C
C
G
A
A
A
A
A
A
A
A
A
A
A
A
A
B
B
C
A
A
D
D
D
D
D
D
D
D
D
D
D
D
E
E
E
E
E
E
E
E
E
F
F
F
F
G
G
G
G
H
H
H
J
J
I
K
F
F
F
F
D
E
E
F
B
D
B
C
B
B
B
C
C
D
E
B


Podobny numer części - CA3100R20-27SZF80

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ITT Industries
CA3100R20-27SZ ITT-CA3100R20-27SZ Datasheet
645Kb / 15P
   MIL-C-5015 Connectors
More results

Podobny opis - CA3100R20-27SZF80

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ITT Industries
5015 ITT-5015 Datasheet
645Kb / 15P
   MIL-C-5015 Connectors
025-0458-000 ITT-025-0458-000 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
logo
Glenair, Inc.
M24758-9C11 GLENAIR-M24758-9C11 Datasheet
54Kb / 2P
   Adapter for MS3100 Series MIL-C-5015 Connectors
logo
ITT Industries
031-0560-121 ITT-031-0560-121 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
031-0560-161 ITT-031-0560-161 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
logo
Dialight Corporation
031-0560-161 DIALIGHT-031-0560-161 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
031-0554-161 DIALIGHT-031-0554-161 Datasheet
583Kb / 6P
   MIL-C-5015 BULKHEAD RECEPTACLES
logo
Amphenol Corporation
12-020 AMPHENOL-12-020 Datasheet
2Mb / 73P
   MIL-DTL-5015 and Mil-5015 Type Standard Cylindrical Connectors
logo
Dialight Corporation
031-0560-121 DIALIGHT-031-0560-121 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
logo
ITT Industries
031-0554-161 ITT-031-0554-161 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com