Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS19227PBI-2 Arkusz danych(PDF) 1 Page - Applied Micro Circuits Corporation

Numer części CS19227PBI-2
Szczegółowy opis  10GE & OC192/48/12/3 DW/FEC/PM and AsyncMap Device with Strong FEC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMCC [Applied Micro Circuits Corporation]
Strona internetowa  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS19227PBI-2 Arkusz danych(HTML) 1 Page - Applied Micro Circuits Corporation

  CS19227PBI-2 Datasheet HTML 1Page - Applied Micro Circuits Corporation CS19227PBI-2 Datasheet HTML 2Page - Applied Micro Circuits Corporation CS19227PBI-2 Datasheet HTML 3Page - Applied Micro Circuits Corporation CS19227PBI-2 Datasheet HTML 4Page - Applied Micro Circuits Corporation CS19227PBI-2 Datasheet HTML 5Page - Applied Micro Circuits Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Empowering Intelligent Optical Networks
Product Brief
RUBICON-LH
10GE & OC192/48/12/3 DW/FEC/PM and AsyncMap Device with Strong FEC
Revision 1.0, March 2006
FINAL/Production Release Information - The information contained
in this document is about a product that has been fully tested, charac-
tereized, and is producted released. All features described herein are
supported. Contact AMCC for updates to this document and the latest
product status.
Part Number S19227PBI-2
FEATURES
“Right Sized” Transport of 10GE-LAN signals through
OTN Network
• GFP encapsulation used for packing 10GE-LAN signal into
“Right Sized” OTU-2 signal resulting in channel rate of 10.7
GHz.
• Two different flow-control options used on client to allow for
10GE-LAN signal to be packed into OTU-2.
• 10GE-LAN into OC192C (through GFP) to allow for SONET
grooming of 10GE client.
• Proprietary 10GE-LAN map to OTU-2 without transport rate
increase or client flow control.
Superb I/O flexibility with industry standard SFI4P1
support on both line and client ports of device.
• Proven CMOS I/O from AMCC.
• Provides up to 705Mbps per I/O, covering 11.1GHz operation
for full bandwidth 10GE-LAN client in an OTUk formatted signal
and 11.27GHz operation for 10G Fibre Channel client in an
OTUk formatted signal.
• Provides port swapping and output dual feed features for 1 + 1
line protection scheme.
Integrated Patented Dispersion Compensation Control
Circuitry for Client and Line interfaces (second
generation of AMCC’s DispersionXX solution)
• Proven in AMCC’s DispersionXX solution (NIAGARA and
S3094).
• Available with the use of the S3394.
• Available on both client and line interfaces of Rubicon.
• Best-in-class optical fidelity solution providing longest reach
without regeneration.
Easy software migration from industry leading AMCC
NIAGARA FEC device
• Significant reuse of the Niagara register map in Rubicon.
• Minimal effort and maximum benefit upgrade path from original
DispersionXX (NIAGARA and S3094) solution.
G.709 ODU-2 Synchronous and Asynchronous mapping
• 1 x OC192/STM-64 mapping (239,237) per G.709.
• Direct map (239,238) into ODU – 2.
G.709 ODU-1 Synchronous and Asynchronous mapping
• 1 x OC48/STM-16 mapping (239,238) per G.709.
• Direct map (239,238) into ODU-1.
G.709 Overhead processing
• Bi-directional add-drop ODU-1, ODU-2.
• Bi-direction G.709 Overhead Processing and optional OTU2
Fixed Stuff Columns access.
• Dedicated GCC ports.
Ingress and Egress Client Data Performance Monitoring
• 1 x OC192/48/12/3 TOH add-drop and processing.
• 8B/10B Monitoring.
• 10GE Monitoring.
• SONET/SDH section and line termination.
• TOH add-drop port.
• LOS, OOF, LOF detection.
• B1, B2 monitoring with programmable Signal Degrade and Sig-
nal Fail thresholds.
• J0 Monitoring, SDH and SONET modes.
• K1, K2 monitoring for APS changes, line AIS and line RDI.
• Automatic, interrupt-driven, or manual AIS insertion.
• Frame boundary output.
Industry Standard RS(255,239) Forward Error Correction with
6.2 dB Coding Gain (at 10-15 CER)
• G.709 Compliant Frame Structure.
• Compatible with AMCC’s S19203 (HUDSON) and S19208
(NIAGARA).
Figure 1: Block Diagram
u P I/F
O T N
N e t w or k / Li ne
In t e r f a c e
C lie n t o r O T N
In t e r f a c e
EF EC
D e c oder
EF EC
E n c oder
Re g i s t e r
Ma p
I n t e r r upt
Co n t r o l
I n g r essE g r ess
SO N E T / SD H
TO H
A dd/ D r o p
R- S
FE C
D e c o der
R- S
FE C
En c o d e r
P N gen
Er r I n s
Pa t t e r n
& Er r
A nal y s i s
PM
PM
P N gen
Er r I n s
Pa t t e r n
& E r r
A nal y s i s
I n g r ess/ E g r ess
OD U - 2 OH
A dd/ D r op
BYPA SS
BYP ASS
BY PASS
BY PAS S
B YPA SS
BYP ASS
S F I - 4 ( 10
G B PS)
D u al 10G E M A C
S F I - 4 ( 10
GB P S )
16
u P I/F
O T N
N e t w or k / Li ne
In t e r f a c e
C lie n t o r O T N
In t e r f a c e
EF EC
D e c oder
EF EC
E n c oder
Re g i s t e r
Ma p
I n t e r r upt
Co n t r o l
I n g r essE g r ess
SO N E T / SD H
TO H
A dd/ D r o p
R- S
FE C
D e c o der
R- S
FE C
En c o d e r
P N gen
Er r I n s
Pa t t e r n
& Er r
A nal y s i s
PM
PM
P N gen
Er r I n s
Pa t t e r n
& E r r
A nal y s i s
I n g r ess/ E g r ess
OD U - 2 OH
A dd/ D r op
BYPA SS
BYP ASS
BY PASS
BY PAS S
B YPA SS
BYP ASS
S F I - 4 ( 10
G B PS)
D u al 10G E M A C
S F I - 4 ( 10
GB P S )
u P I/F
O T N
N e t w or k / Li ne
In t e r f a c e
C lie n t o r O T N
In t e r f a c e
EF EC
D e c oder
EF EC
E n c oder
Re g i s t e r
Ma p
I n t e r r upt
Co n t r o l
I n g r essE g r ess
SO N E T / SD H
TO H
A dd/ D r o p
R- S
FE C
D e c o der
R- S
FE C
En c o d e r
P N gen
Er r I n s
Pa t t e r n
& Er r
A nal y s i s
PM
PM
P N gen
Er r I n s
Pa t t e r n
& E r r
A nal y s i s
I n g r ess/ E g r ess
OD U - 2 OH
A dd/ D r op
BYPA SS
BYP ASS
BY PASS
BY PAS S
B YPA SS
BYP ASS
S F I - 4 ( 10
G B PS)
D u al 10G E M A C
S F I - 4 ( 10
GB P S )
16
u P I/F
O T N
N e t w or k / Li ne
In t e r f a c e
C lie n t o r O T N
In t e r f a c e
EF EC
D e c oder
EF EC
E n c oder
Re g i s t e r
Ma p
I n t e r r upt
Co n t r o l
I n g r essE g r ess
SO N E T / SD H
TO H
A dd/ D r o p
R- S
FE C
D e c o der
R- S
FE C
En c o d e r
P N gen
Er r I n s
Pa t t e r n
& Er r
A nal y s i s
PM
PM
P N gen
Er r I n s
Pa t t e r n
& E r r
A nal y s i s
I n g r ess/ E g r ess
OD U - 2 OH
A dd/ D r op
BYPA SS
BYP ASS
BY PASS
BY PAS S
B YPA SS
BYP ASS
S F I - 4 ( 10
G B PS)
D u al 10G E M A C
S F I - 4 ( 10
GB P S )


Podobny numer części - CS19227PBI-2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Applied Micro Circuits ...
CS19227PBI AMCC-CS19227PBI Datasheet
342Kb / 5P
   10GE & OC192/48/12/3 DW/FEC/PM and AsyncMap Device with Strong FEC
More results

Podobny opis - CS19227PBI-2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Applied Micro Circuits ...
CS19227PBI AMCC-CS19227PBI Datasheet
342Kb / 5P
   10GE & OC192/48/12/3 DW/FEC/PM and AsyncMap Device with Strong FEC
CS4815 AMCC-CS4815 Datasheet
181Kb / 3P
   OC-48/12/3 DW/FEC/PM and ASYNC Mapper Device with Strong FEC
CS19208CBI AMCC-CS19208CBI Datasheet
131Kb / 4P
   OC-192/48/12/3 DW/FEC/PM and ASYNC Mapper Device
CS19203CBI20 AMCC-CS19203CBI20 Datasheet
81Kb / 3P
   Variable Rate Digital Wrapper Framer/Deframer, PM, and FEC Device
logo
Texas Instruments
SLK2721PZP TI1-SLK2721PZP Datasheet
508Kb / 22P
[Old version datasheet]   OC-48 FEC/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
logo
Broadcom Corporation.
BCM8128 BOARDCOM-BCM8128 Datasheet
125Kb / 1P
   MULTI RATE 10GBPS SONET / SDH/ 10GE/FEC MUX
logo
Texas Instruments
SLK2721 TI-SLK2721 Datasheet
300Kb / 21P
[Old version datasheet]   OC-48FEC/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
logo
Broadcom Corporation.
BCM8128BIFB BOARDCOM-BCM8128BIFB Datasheet
134Kb / 2P
   MULTIRATE 10-GBPS SONET/SDH/10GE/FEC MUX
BCM8129 BOARDCOM-BCM8129 Datasheet
123Kb / 1P
   MULTI RATE 10 GBPS SONET SDH / 10GE / FEC DEMUX
logo
Analog Devices
ADN2811 AD-ADN2811 Datasheet
359Kb / 16P
   OC-48/OC-48 FEC Clock and Data Recovery IC with Integrated Limiting Amp
REV. A
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com