Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BF1201R Arkusz danych(PDF) 3 Page - NXP Semiconductors

Numer części BF1201R
Szczegółowy opis  N-channel dual-gate PoLo MOS-FETs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF1201R Arkusz danych(HTML) 3 Page - NXP Semiconductors

  BF1201R Datasheet HTML 1Page - NXP Semiconductors BF1201R Datasheet HTML 2Page - NXP Semiconductors BF1201R Datasheet HTML 3Page - NXP Semiconductors BF1201R Datasheet HTML 4Page - NXP Semiconductors BF1201R Datasheet HTML 5Page - NXP Semiconductors BF1201R Datasheet HTML 6Page - NXP Semiconductors BF1201R Datasheet HTML 7Page - NXP Semiconductors BF1201R Datasheet HTML 8Page - NXP Semiconductors BF1201R Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
2000 Mar 29
3
Philips Semiconductors
Product specification
N-channel dual-gate PoLo MOS-FETs
BF1201; BF1201R;
BF1201WR
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Note
1. Ts is the temperature of the soldering point of the source lead.
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDS
drain-source voltage
10
V
ID
drain current (DC)
30
mA
IG1
gate 1 current
−±10
mA
IG2
gate 2 current
−±10
mA
Ptot
total power dissipation
BF1201; BF1201R
Ts ≤ 113 °C; note 1
200
mW
BF1201WR
Ts ≤ 109 °C; note 1
200
mW
Tstg
storage temperature
−65
+150
°C
Tj
operating junction temperature
150
°C
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-s
thermal resistance from junction to soldering point
BF1201; BF1201R
185
K/W
BF1201WR
155
K/W
handbook, halfpage
050
(1)
(2)
Ts (°C)
Ptot
(mW)
100
200
250
0
200
150
150
100
50
MCD934
Fig.4 Power derating curve.
(1) BF1201WR.
(2) BF1201 and BF1201R.


Podobny numer części - BF1201R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BF1201R NXP-BF1201R Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Podobny opis - BF1201R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Quanzhou Jinmei Electro...
BF1202_2015 JMNIC-BF1202_2015 Datasheet
129Kb / 16P
   N-channel dual-gate PoLo MOS-FETs
logo
NXP Semiconductors
BF1202 PHILIPS-BF1202 Datasheet
116Kb / 16P
   N-channel dual-gate PoLo MOS-FETs
2000 Mar 29
BF1202 NXP-BF1202_10 Datasheet
189Kb / 15P
   N-channel dual-gate PoLo MOS-FETs
2010 Sep 16
logo
Quanzhou Jinmei Electro...
BF1202 JMNIC-BF1202_15 Datasheet
129Kb / 16P
   N-channel dual-gate PoLo MOS-FETs
BF1201_2015 JMNIC-BF1201_2015 Datasheet
127Kb / 16P
   N-channel dual-gate PoLo MOS-FETs
logo
NXP Semiconductors
BF1202.215 NXP-BF1202.215 Datasheet
189Kb / 15P
   N-channel dual-gate PoLo MOS-FETs
2010 Sep 16
logo
Quanzhou Jinmei Electro...
BF1201 JMNIC-BF1201_15 Datasheet
127Kb / 16P
   N-channel dual-gate PoLo MOS-FETs
BF1105_2015 JMNIC-BF1105_2015 Datasheet
125Kb / 16P
   N-channel dual-gate MOS-FETs
BF1109_2015 JMNIC-BF1109_2015 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904 Datasheet
303Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com