Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADIS16204BCCZ Arkusz danych(PDF) 7 Page - Analog Devices

Numer części ADIS16204BCCZ
Szczegółowy opis  Programmable Dual Axis Digital Accelerometer and Impact Sensor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADIS16204BCCZ Arkusz danych(HTML) 7 Page - Analog Devices

  ADIS16204BCCZ Datasheet HTML 1Page - Analog Devices ADIS16204BCCZ Datasheet HTML 2Page - Analog Devices ADIS16204BCCZ Datasheet HTML 3Page - Analog Devices ADIS16204BCCZ Datasheet HTML 4Page - Analog Devices ADIS16204BCCZ Datasheet HTML 5Page - Analog Devices ADIS16204BCCZ Datasheet HTML 6Page - Analog Devices ADIS16204BCCZ Datasheet HTML 7Page - Analog Devices ADIS16204BCCZ Datasheet HTML 8Page - Analog Devices ADIS16204BCCZ Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Preliminary Technical Data
ADIS16204
Rev. PrA | Page 7 of 9
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
ADIS16204
TOP VIEW
(NOT TO SCALE)
N/C – DO NOT CONNECT
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
COM
N/C
N/C
RST
DIO1
VREF
VDD
AUX
DAC
DIO0
CS
DIN
DOUT
SCLK
COM
COM
AUX
ADC
Y
X
Figure 4. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
1
SCLK
I
Serial Clock. SCLK provides the serial clock for accessing data from the part and writing serial data
to the control registers.
2
DOUT
O
Data Out. The data on this pin represents data being read from the control registers and is clocked
out on the falling edge of the SCLK.
3
DIN
I
Data In. Data written to the control registers is provided on this input and is clocked in on the
rising edge of the SCLK.
4
CS
I
Chip Select, Active Low. This input frames the serial data transfer.
5, 6
DIO0, DIO1
I/O
Multifunction Digital I/O Pins.
7, 11
NC
No Connect.
8, 10
AUX COM
S
Auxiliary Grounds. Connect to GND for proper operation.
9
RST
I
Reset, Active Low. This input resets the embedded microcontroller to a known state.
12
AUX DAC
O
Auxiliary DAC Analog Voltage Output.
13
VDD
S
+3.3 V Power Supply.
14
AUX ADC
I
Auxiliary ADC Analog Input Voltage.
15
VREF
O
Precision Reference Output.
16
COM
S
Common. Reference point for all circuitry in the ADIS16204.
1 S = Supply; O = Output; I = Input.
RECOMMENDED PAD GEOMETRY
1.178 BSC
(8 PLCS)
0.500 BSC
(16 PLCS)
1.127 BSC
(16 PLCS)
0.670 BSC
(12 PLCS)
7.873 BSC
(2 PLCS)
Figure 5. Example Pad Layout


Podobny numer części - ADIS16204BCCZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADIS16204BCCZ AD-ADIS16204BCCZ Datasheet
554Kb / 24P
   Programmable High-g Digital Impact Sensor and Recorder
REV. 0
More results

Podobny opis - ADIS16204BCCZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADIS16201 AD-ADIS16201_V01 Datasheet
103Kb / 4P
   Programmable Dual-Axis Inclinometer/Accelerometer
Rev. A
ADIS16201 AD-ADIS16201_15 Datasheet
552Kb / 32P
   Programmable Dual-Axis Inclinometer/Accelerometer
REV. C
ADIS16201 AD-ADIS16201 Datasheet
552Kb / 32P
   Programmable Dual-Axis Inclinometer/Accelerometer
REV. C
logo
Freescale Semiconductor...
MMA6222EG FREESCALE-MMA6222EG Datasheet
377Kb / 34P
   Digital Dual Axis Micromachined Accelerometer
MMA6222KEG FREESCALE-MMA6222KEG Datasheet
383Kb / 34P
   Digital Dual Axis Micromachined Accelerometer
logo
Analog Devices
ADIS16209 AD-ADIS16209 Datasheet
286Kb / 16P
   High-Accuracy, Dual-Axis Digital Inclinometer and Accelerometer
Rev. PrA
ADIS16209 AD-ADIS16209_08 Datasheet
450Kb / 16P
   High-Accuracy, Dual-Axis Digital Inclinometer and Accelerometer
REV. 0
logo
JL World Company Limite...
MTX2-02G JLWORLD-MTX2-02G Datasheet
720Kb / 4P
   Dual Axis Accelerometer
logo
STMicroelectronics
LSM303DLH STMICROELECTRONICS-LSM303DLH Datasheet
591Kb / 47P
   Sensor module: 3-axis accelerometer and 3-axis magnetometer
LSM303DLHTR STMICROELECTRONICS-LSM303DLHTR Datasheet
608Kb / 47P
   Sensor module: 3-axis accelerometer and 3-axis magnetometer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com