Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BF547 Arkusz danych(PDF) 11 Page - NXP Semiconductors

Numer części BF547
Szczegółowy opis  NPN 1 GHz wideband transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF547 Arkusz danych(HTML) 11 Page - NXP Semiconductors

Back Button BF547 Datasheet HTML 3Page - NXP Semiconductors BF547 Datasheet HTML 4Page - NXP Semiconductors BF547 Datasheet HTML 5Page - NXP Semiconductors BF547 Datasheet HTML 6Page - NXP Semiconductors BF547 Datasheet HTML 7Page - NXP Semiconductors BF547 Datasheet HTML 8Page - NXP Semiconductors BF547 Datasheet HTML 9Page - NXP Semiconductors BF547 Datasheet HTML 10Page - NXP Semiconductors BF547 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
September 1995
11
Philips Semiconductors
Product specification
NPN 1 GHz wideband transistor
BF547
PACKAGE OUTLINE
DEFINITIONS
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices, or systems where malfunction of these
products can reasonably be expected to result in personal injury. Philips customers using or selling these products for
use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such
improper use or sale.
Data sheet status
Objective specification
This data sheet contains target or goal specifications for product development.
Preliminary specification
This data sheet contains preliminary data; supplementary data may be published later.
Product specification
This data sheet contains final product specifications.
Limiting values
Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or
more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation
of the device at these or at any other conditions above those given in the Characteristics sections of the specification
is not implied. Exposure to limiting values for extended periods may affect device reliability.
Application information
Where application information is given, it is advisory and does not form part of the specification.
handbook, full pagewidth
MBC846
10
max
o
10
max
o
30
max
o
1.1
max
0.55
0.45
0.150
0.090
0.1
max
21
3
M
0.1
AB
0.48
0.38
TOP VIEW
1.4
1.2
2.5
max
3.0
2.8
M
0.2
A
A
B
0.95
1.9
Fig.18 SOT23.
Dimensions in mm.


Podobny numer części - BF547

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BF547W PHILIPS-BF547W Datasheet
83Kb / 12P
   NPN 1 GHz wideband transistor
June 1994
More results

Podobny opis - BF547

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Quanzhou Jinmei Electro...
BFS17W JMNIC-BFS17W_15 Datasheet
40Kb / 6P
   NPN 1 GHz wideband transistor
logo
NXP Semiconductors
BF747 PHILIPS-BF747 Datasheet
96Kb / 11P
   NPN 1 GHz wideband transistor
September 1995
logo
Quanzhou Jinmei Electro...
BFS17W_2015 JMNIC-BFS17W_2015 Datasheet
40Kb / 6P
   NPN 1 GHz wideband transistor
logo
NXP Semiconductors
BFQ17 PHILIPS-BFQ17 Datasheet
35Kb / 6P
   NPN 1 GHz wideband transistor
September 1995
logo
Quanzhou Jinmei Electro...
BFS17 JMNIC-BFS17_15 Datasheet
39Kb / 6P
   NPN 1 GHz wideband transistor
logo
NXP Semiconductors
BF547W PHILIPS-BF547W Datasheet
83Kb / 12P
   NPN 1 GHz wideband transistor
June 1994
BFS17 PHILIPS-BFS17 Datasheet
37Kb / 6P
   NPN 1 GHz wideband transistor
September 1995
BFS17W PHILIPS-BFS17W Datasheet
46Kb / 6P
   NPN 1 GHz wideband transistor
1995 Sep 04
logo
Quanzhou Jinmei Electro...
BFS17_2015 JMNIC-BFS17_2015 Datasheet
39Kb / 6P
   NPN 1 GHz wideband transistor
logo
NXP Semiconductors
BFG91 PHILIPS-BFG91 Datasheet
544Kb / 10P
   NPN 6 GHZ WIDEBAND TRANSISTOR
November 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com