Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8665 Arkusz danych(PDF) 6 Page - Analog Devices

Numer części AD8665
Szczegółowy opis  16 V, 4 MHz Rail-to-Rail Output Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8665 Arkusz danych(HTML) 6 Page - Analog Devices

Back Button AD8665 Datasheet HTML 2Page - Analog Devices AD8665 Datasheet HTML 3Page - Analog Devices AD8665 Datasheet HTML 4Page - Analog Devices AD8665 Datasheet HTML 5Page - Analog Devices AD8665 Datasheet HTML 6Page - Analog Devices AD8665 Datasheet HTML 7Page - Analog Devices AD8665 Datasheet HTML 8Page - Analog Devices AD8665 Datasheet HTML 9Page - Analog Devices AD8665 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD8665/AD8666/AD8668
Rev. A | Page 6 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
100
0
–3
3
INPUT OFFSET VOLTAGE (mV)
90
80
70
60
50
40
30
20
10
–2
–1
0
1
2
VDD = 16V
VCM = 8V
TA = 25°C
600 AMPLIFIERS
TEMPERATURE (°C)
–40
0
300
250
200
150
100
50
120
100
80
40
60
20
0
–20
VS = 5V AND 16V
Figure 10. Input Bias Current vs. Temperature
Figure 7. Input Offset Voltage Distribution
20
0
012
10000
0.1
0.001
100
LOAD CURRENT (mA)
TCVOS (µV/°C)
VDD = 16V
TA = 25°C
VDD = 16V
VCM = 8V
–40°C < TA < +125°C
300 AMPLIFIERS
18
16
14
12
10
8
6
4
2
123
456789
10
11
Figure 8. VOS Drift (TCVOS) Distribution
5
–5
–1
15
INPUT COMMON-MODE VOLTAGE (V)
4
3
2
1
0
–1
–2
–3
–4
0
12
345
678
9 10 11 12 13 14
VDD = 16V
TA = 25°C
Figure 9. Offset Voltage vs. Common-Mode Voltage
0.01
0.1
1
10
1
10
100
1000
VDD TO VOH
SOURCING
VOL
SINKING
Figure 11. Output Saturation Voltage vs. Load Current
100
0
–40
120
TEMPERATURE (°C)
80
60
40
20
–20
0
20
40
60
80
100
VDD = 16V
IOUT = 1mA
VDD TO VOH
SOURCING
VOL
SINKING
Figure 12. Output Saturation Voltage vs. Temperature


Podobny numer części - AD8665

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8665 AD-AD8665 Datasheet
1Mb / 24P
   Ultralow Noise Amplifier at Lower Power
REV. B
AD8665 AD-AD8665 Datasheet
621Kb / 16P
   16 V, 4 MHz RR0 Amplifiers
REV. B
AD8665ARJZ-R2 AD-AD8665ARJZ-R2 Datasheet
621Kb / 16P
   16 V, 4 MHz RR0 Amplifiers
REV. B
AD8665ARJZ-REEL AD-AD8665ARJZ-REEL Datasheet
621Kb / 16P
   16 V, 4 MHz RR0 Amplifiers
REV. B
AD8665ARJZ-REEL7 AD-AD8665ARJZ-REEL7 Datasheet
621Kb / 16P
   16 V, 4 MHz RR0 Amplifiers
REV. B
More results

Podobny opis - AD8665

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
TSX9291 STMICROELECTRONICS-TSX9291 Datasheet
981Kb / 31P
   16 MHz rail-to-rail CMOS 16 V operational amplifiers
logo
Texas Instruments
TLV9741 TI1-TLV9741 Datasheet
1Mb / 31P
[Old version datasheet]   16-V, 3-MHz Rail-to-Rail Input and Output Operational Amplifiers
logo
STMicroelectronics
TSX920 STMICROELECTRONICS-TSX920 Datasheet
2Mb / 32P
   10 MHz rail-to-rail CMOS 16 V operational amplifiers
January 2016 Rev 4
logo
Analog Devices
AD8569 AD-AD8569_15 Datasheet
140Kb / 12P
   16 V Rail-to-Rail Buffer Amplifiers
REV. C
AD8566 AD-AD8566_15 Datasheet
293Kb / 16P
   16 V Rail-to-Rail Operational Amplifiers
Rev. G
AD8570 AD-AD8570_15 Datasheet
140Kb / 12P
   16 V Rail-to-Rail Buffer Amplifiers
REV. C
AD8638 AD-AD8638_16 Datasheet
629Kb / 20P
   16 V Auto-Zero, Rail-to-Rail Output Operational Amplifiers
AD8639WARZ AD-AD8639WARZ Datasheet
629Kb / 20P
   16 V Auto-Zero, Rail-to-Rail Output Operational Amplifiers
Rev. F
AD8638 AD-AD8638_07 Datasheet
646Kb / 20P
   16 V Auto-Zero, Rail-to-Rail Output Operational Amplifiers
REV. C
AD8568 AD-AD8568_03 Datasheet
139Kb / 12P
   16 V Rail-to-Rail Buffer Amplifiers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com