Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8684ARZ-REEL Arkusz danych(PDF) 7 Page - Analog Devices

Numer części AD8684ARZ-REEL
Szczegółowy opis  Dual/Quad Low Power, High Speed JFET Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8684ARZ-REEL Arkusz danych(HTML) 7 Page - Analog Devices

Back Button AD8684ARZ-REEL Datasheet HTML 3Page - Analog Devices AD8684ARZ-REEL Datasheet HTML 4Page - Analog Devices AD8684ARZ-REEL Datasheet HTML 5Page - Analog Devices AD8684ARZ-REEL Datasheet HTML 6Page - Analog Devices AD8684ARZ-REEL Datasheet HTML 7Page - Analog Devices AD8684ARZ-REEL Datasheet HTML 8Page - Analog Devices AD8684ARZ-REEL Datasheet HTML 9Page - Analog Devices AD8684ARZ-REEL Datasheet HTML 10Page - Analog Devices AD8684ARZ-REEL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD8682/AD8684
Rev. 0 | Page 7 of 16
LOAD RESISTANCE (Ω)
0
6
16
1k
10k
100
2
4
VS = ±15V
TA = 25°C
VOL
VOH
12
8
10
14
Figure 15. Absolute Output Voltage vs. Load Resistance
FREQUENCY (Hz)
1k
–60
40
140
10k
1M
100
100k
0
20
–40
–20
60
100
120
80
–PSRR
+PSRR
VS = ±15V
TA = 25°C
Figure 16. AD8682 PSRR vs. Frequency
TEMPERATURE (°C)
–50
0
14
125
25
4
75
0
6
12
8
10
–25
50
100
2
SINK
SOURCE
VS = ±15V
TA = 25°C
Figure 17. AD8682 Short-Circuit Current vs. Temperature
FREQUENCY (Hz)
100
0
5
25
30
1k
100k
1M
10k
15
20
10
VS = ±15V
TA = 25°C
RL = 10kΩ
AVCL = 1
Figure 18. Maximum Output Swing vs. Frequency
FREQUENCY (Hz)
1k
–60
40
140
10k
1M
100
100k
0
20
–40
–20
60
100
120
80
VS = ±15V
TA = 25°C
Figure 19. AD8682 CMRR vs. Frequency
20
18
16
14
12
10
8
6
4
2
0
–1.0 –0.8 –0.6
–0.4 –0.2
0
0.2
0.4
0.6
0.8
1.0
VOS (µV)
VS = ±15V
TA = 25°C
100 ×AD8682
(200 OP AMPS)
Figure 20. AD8682 VOS Distribution


Podobny numer części - AD8684ARZ-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8684ARZ-REEL AD-AD8684ARZ-REEL Datasheet
318Kb / 16P
   Dual/Quad Low Power, High Speed JFET Operational Amplifiers
REV. A
AD8684ARZ-REEL7 AD-AD8684ARZ-REEL7 Datasheet
318Kb / 16P
   Dual/Quad Low Power, High Speed JFET Operational Amplifiers
REV. A
More results

Podobny opis - AD8684ARZ-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
OP282 AD-OP282_04 Datasheet
340Kb / 16P
   Dual/Quad Low Power, High Speed JFET Operational Amplifiers
Rev. F
OP282ARMZ AD-OP282ARMZ Datasheet
317Kb / 16P
   Dual/Quad, Low Power, High Speed JFET Operational Amplifiers
Rev. I
OP282 AD-OP282 Datasheet
260Kb / 12P
   Dual/Quad Low Power, High Speed JFET Operational Amplifiers
REV. B
AD8682 AD-AD8682_07 Datasheet
318Kb / 16P
   Dual/Quad Low Power, High Speed JFET Operational Amplifiers
REV. A
logo
STMicroelectronics
TL062ACDT STMICROELECTRONICS-TL062ACDT Datasheet
866Kb / 15P
   Low-power JFET dual operational amplifiers
TL062CDT STMICROELECTRONICS-TL062CDT Datasheet
866Kb / 15P
   Low-power JFET dual operational amplifiers
TL062IDT STMICROELECTRONICS-TL062IDT Datasheet
866Kb / 15P
   Low-power JFET dual operational amplifiers
logo
Texas Instruments
TLE2072 TI-TLE2072 Datasheet
986Kb / 37P
[Old version datasheet]   EXCALIBUR LOW-NOISE HIGH-SPEED JFET-INPUT DUAL OPERATIONAL AMPLIFIERS
TLE2082 TI-TLE2082 Datasheet
992Kb / 37P
[Old version datasheet]   EXCALIBUR HIGH-SPEED JFET-INPUT DUAL OPERATIONAL AMPLIFIERS
LF347NE4 TI-LF347NE4 Datasheet
392Kb / 10P
[Old version datasheet]   JFET-INPUT QUAD OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com