Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADG793GBCPZ-500RL7 Arkusz danych(PDF) 11 Page - Analog Devices

Numer części ADG793GBCPZ-500RL7
Szczegółowy opis  I2C-Compatible, Wide Bandwidth, Triple 3:1 Multiplexer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADG793GBCPZ-500RL7 Arkusz danych(HTML) 11 Page - Analog Devices

Back Button ADG793GBCPZ-500RL7 Datasheet HTML 7Page - Analog Devices ADG793GBCPZ-500RL7 Datasheet HTML 8Page - Analog Devices ADG793GBCPZ-500RL7 Datasheet HTML 9Page - Analog Devices ADG793GBCPZ-500RL7 Datasheet HTML 10Page - Analog Devices ADG793GBCPZ-500RL7 Datasheet HTML 11Page - Analog Devices ADG793GBCPZ-500RL7 Datasheet HTML 12Page - Analog Devices ADG793GBCPZ-500RL7 Datasheet HTML 13Page - Analog Devices ADG793GBCPZ-500RL7 Datasheet HTML 14Page - Analog Devices ADG793GBCPZ-500RL7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
ADG793A/ADG793G
Rev. 0 | Page 11 of 24
INPUT SIGNAL (V)
TYPICAL PERFORMANCE CHARACTERISTICS
3.0
0
03.5
2.5
2.0
1.5
1.0
0.5
0.5
1.0
1.5
2.0
2.5
3.0
TA =25°C
1 CHANNEL
VDD =2.7V, RL =75Ω
VDD =3V, RL =75Ω
VDD =3.3V, RL =75Ω
VDD =2.7V, RL =1MΩ
VDD =3V, RL =1MΩ
VDD =3.3V, RL =1MΩ
Figure 5. Analog Signal Range (3 V Supply)
5.0
0
06
INPUT SIGNAL (V)
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
12345
TA =25°C
1CHANNEL
VDD =5.5V, RL =1MΩ
VDD =4.5V, RL =1MΩ
VDD =4.5V, RL =75Ω
VDD =5V, RL =75Ω
VDD =5.5V, RL =75Ω
VDD =5V, RL =1MΩ
Figure 6. Analog Signal Range (5 V Supply)
6
0
01.8
4.0
0
03.0
VD (VS)(V)
TA = 25°C
1 CHANNEL
VDD =5.0V
3.5
3.0
2.5
2.0
1.5
1.0
0.5
VDD =4.5V
VDD =5.5V
0.5
1.0
1.5
2.0
2.5
.6
VD (VS)(V)
5
4
3
2
1
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
TA = 25°C
1 CHANNEL
VDD =2.7V
VDD =3.3V
VDD =3.0V
Figure 7. On Resistance vs. VD (VS) with 3 V Supply
Figure 8. On Resistance vs. VD (VS) with 5 V Supply
7
0
01
VD (VS)(V)
6
5
4
3
2
1
0.20.40.60.81.01.21.4
TA = 25°C
1 CHANNEL
VDD =3V
TA = +25°C
TA =+85°C
TA =–40°C
Figure 9. On Resistance vs. VD (VS) for Various Temperatures
with 3 V Supply
4.5
0
03.0
VD (VS)(V)
TA =+25°C
1 CHANNEL
VDD =5V
TA = +85°C
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
TA = +25°C
TA = –40°C
0.51.01.52.02.5
Figure 10. On Resistance vs. VD (VS) for Various Temperatures
with 5 V Supply


Podobny numer części - ADG793GBCPZ-500RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG793G AD-ADG793G_15 Datasheet
541Kb / 24P
   Wide Bandwidth, Triple 3:1 Multiplexer
REV. 0
More results

Podobny opis - ADG793GBCPZ-500RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG793A AD-ADG793A_15 Datasheet
541Kb / 24P
   Wide Bandwidth, Triple 3:1 Multiplexer
REV. 0
ADG793G AD-ADG793G_15 Datasheet
541Kb / 24P
   Wide Bandwidth, Triple 3:1 Multiplexer
REV. 0
ADG795A AD-ADG795A Datasheet
543Kb / 24P
   I2C-Compatible, Wide Bandwidth, Five 2:1 Multiplexer
REV. 0
ADG796A AD-ADG796A Datasheet
513Kb / 24P
   I2C-Compatible, Wide Bandwidth, Hex 2:1 Multiplexer
REV. 0
ADG792A AD-ADG792A Datasheet
568Kb / 24P
   IC-Compatible, Wide Bandwidth, Triple 4:1 Multiplexer
REV. 0
ADG792G AD-ADG792G_15 Datasheet
569Kb / 24P
   Wide Bandwidth, Triple 4:1 Multiplexer
REV. 0
ADG792A AD-ADG792A_15 Datasheet
569Kb / 24P
   Wide Bandwidth, Triple 4:1 Multiplexer
REV. 0
ADG791A AD-ADG791A Datasheet
567Kb / 24P
   IC-Compatible, Wide Bandwidth, Quad, 2:1 Multiplexer
REV. 0
ADG795G AD-ADG795G_15 Datasheet
1Mb / 24P
   Wide Bandwidth, Five 2:1 Multiplexer
REV. 0
ADG796A AD-ADG796A_15 Datasheet
514Kb / 24P
   Wide Bandwidth, Hex 2:1 Multiplexer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com