Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADIS16080 Datasheet(Arkusz danych) 4 Page - Analog Devices

Numer części ADIS16080
Szczegółowy opis  ±80°/sec Yaw Rate Gyro with SPI Interface
Pobierz  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 
 4 page
background image
ADIS16080
Rev. 0 | Page 4 of 16
Parameter
Conditions
Min1
Typ
Max1
Unit
Leakage Current
−1
+1
μA
Input Capacitance
20
pF
Full Power Bandwidth
8
MHz
DIGITAL OUTPUTS
Output High Voltage (VOH)
ISOURCE = 200 μA
VDRIVE − 0.2
V
Output Low Voltage (VOL)
ISINK = 200 μA
0.4
V
CONVERSION RATE
Conversion Time
16 SCLK cycles with SCLK at 20 MHz
800
ns
Throughput Rate
1
MSPS
POWER SUPPLY7
VCC
4.75
5
5.25
V
VDRIVE
2.7
5.25
V
VCC Quiescent Supply Current
VCC @ 5 V, fSCLK = 50 kSPS
7.0
9.0
mA
VDRIVE Quiescent Supply Current
VDRIVE @ 5 V, fSCLK = 50 kSPS
70
500
μA
Power Dissipation
VCC and VDRIVE @ 5 V, fSCLK = 50 kSPS
40
mW
TEMPERATURE RANGE
Specified Performance
Tested to max and min specifications
−40
+85
°C
1 All minimum and maximum specifications are guaranteed. Typical specifications are neither tested nor guaranteed.
2 Dynamic range is the maximum full-scale measurement range possible, including output swing range, initial offset, sensitivity, offset drift, and sensitivity drift at 5 V
supplies.
3 Defined as the output change from ambient to maximum temperature or ambient to minimum temperature.
4 Frequency at which the response is 3 dB down from dc response. Bandwidth = 1/(2 × π × 180 kΩ × (22 nF + COUT)). For COUT = 0, bandwidth = 40 Hz. For COUT = 1 μF,
bandwidth = 0.87 Hz.
5 Self-test response varies with temperature.
6 For VIN < VCC.
7 All at TA = −40°C to +85°C.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Powiązane numery części

Numer częściSzczegółowy opis komponentówHtml ViewProducent
ADIS16100+-300°/sec Yaw Rate Gyro with SPI Interface 1 2 3 4 5 MoreAnalog Devices
ADXRS300±300°/s Single Chip Yaw Rate Gyro with Signal Conditioning 1 2 3 4 5 MoreAnalog Devices
ADXRS150±150°/s Single Chip Yaw Rate Gyro with Signal Conditioning 1 2 3 4 5 MoreAnalog Devices
ADXRS401+-75/s Single Chip Yaw Rate Gyro with Signal Conditioning 1 2 3 4 5 MoreAnalog Devices
M25P10-A1 Mbit Low Voltage Serial Flash Memory With 25 MHz SPI Bus Interface 1 2 3 4 5 MoreSTMicroelectronics
ST725218-BIT MCU WITH NESTED INTERRUPTS FLASH 10-BIT ADC FIVE TIMERS SPI SCI I2C CAN INTERFACE 1 2 3 4 5 MoreSTMicroelectronics
DS1722Digital Thermometer with SPI/3-Wire Interface 1 2 3 4 5 MoreDallas Semiconductor
MCP32042.7V 4-Channel/8-Channel 12-Bit A/D Converters with SPI Serial Interface 1 2 3 4 5 MoreMicrochip Technology
TMP125AIDBVRG42C Accurate Digital Temperature Sensor with SPI Interface 1 2 3 4 5 MoreTexas Instruments
MCP330213-Bit Differential Input Low Power A/D Converter with SPI Serial Interface 1 2 3 4 5 MoreMicrochip Technology