Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8250ARZ-RL Arkusz danych(PDF) 7 Page - Analog Devices

Numer części AD8250ARZ-RL
Szczegółowy opis  12MHz 20V/us G=1,2,5,10 Programmable Gain iCMOS Instrumentation Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8250ARZ-RL Arkusz danych(HTML) 7 Page - Analog Devices

  AD8250ARZ-RL Datasheet HTML 1Page - Analog Devices AD8250ARZ-RL Datasheet HTML 2Page - Analog Devices AD8250ARZ-RL Datasheet HTML 3Page - Analog Devices AD8250ARZ-RL Datasheet HTML 4Page - Analog Devices AD8250ARZ-RL Datasheet HTML 5Page - Analog Devices AD8250ARZ-RL Datasheet HTML 6Page - Analog Devices AD8250ARZ-RL Datasheet HTML 7Page - Analog Devices AD8250ARZ-RL Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Preliminary Technical Data
AD8250
Rev. PrB| Page 7 of 8
PIN CONFIGURATIONS AND FUNCTIONAL DESCRIPTIONS
AD8250
TOP VIEW
(Not to Scale)
-IN
1
DGND
2
-VS
3
A0
4
A1
5
+IN
VREF
+VS
VOUT
WR
10
9
8
7
6
Figure 4. 10-Lead MSOP
Table 3. Pin Function Descriptions—
10-Lead MSOP(ARM PACKAGE)
Pin No.
Name
Description
1
-IN
Inverting Input Terminal (True
differential input)
2
DGND
Digital Ground.
3
-Vs
Negative Supply Terminal
4
A0
Gain Setting Pin (LSB)
5
A1
Gain Setting Pin (MSB)
6
WR
Write Enable
7
VOUT
Output Terminal
8
+Vs
Positive Supply Terminal
9
VREF
Reference Voltage Terminal (drive this
pin with a low impedance voltage
source to level shift the output signal)
10
+IN
Non-inverting Input Terminal (True
differential input)
GAIN SETTING
The AD8250’s gains are set digitally. The A0 and A1 pins must
be set either HIGH or LOW with respect to digital ground,
DGND. The WR pin is a tri-state switch. It may be set to one of
three levels, HIGH, LOW or to –VS. A HIGH signal is typically
greater than 4V but less than 6V and a LOW signal is typically
less than 1V but higher than DGND, 0V. Gains can be
programmed using the following methods:
TRANSPARENT GAIN SETTING MODE:
In this mode, the gain is set by toggling A0 and A1 to HIGH or
LOW. To enable transparent mode, tie WR to –Vs. This
configures the AD8250 to change gains when A0 and A1 are set
according to Table 4.
Table 4. . Transparent Mode Gain Settings
G
WR
A1
A0
1
-Vs
LO
LO
2
-Vs
LO
HI
5
-Vs
HI
LO
10
-Vs
HI
HI
WRITE ENABLE GAIN SETTING MODE:
In this mode, the gains are changed only during the negative
edge of the WR strobe. So for instance, the gain is determined
by the two bit value held on A0 and A1 at the time the WR
strobe transitions from HIGH to LOW.
tWR-LO
tWR-HI
tSU
tHD
WR
A0, A1
Table 5. : Write Enable Mode Gain Settings
Gain (changes to)
WR
A1
A0
1
HI -> LO
LO
LO
2
HI -> LO
LO
HI
5
HI -> LO
HI
LO
10
HI -> LO
HI
HI
No Change
LO->LO
X
X
No Change
LO->HI
X
X
No Change
HI-> HI
X
X
X = don’t care
.


Podobny numer części - AD8250ARZ-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8250ARMZ AD-AD8250ARMZ Datasheet
835Kb / 24P
   Programmable Gain Instrumentation Amplifier
REV. C
AD8250ARMZ AD-AD8250ARMZ Datasheet
932Kb / 25P
   10 MHz, 20 V/關s, G = 1, 2, 5, 10 iCMOS Programmable Gain Instrumentation Amplifier
AD8250ARMZ-R7 AD-AD8250ARMZ-R7 Datasheet
835Kb / 24P
   10 MHz, 20 V/關s, G = 1, 2, 5, 10 iCMOS Programmable Gain Instrumentation Amplifier
REV. C
AD8250ARMZ-R7 AD-AD8250ARMZ-R7 Datasheet
835Kb / 24P
   Programmable Gain Instrumentation Amplifier
REV. C
AD8250ARMZ-R7 AD-AD8250ARMZ-R7 Datasheet
932Kb / 25P
   10 MHz, 20 V/關s, G = 1, 2, 5, 10 iCMOS Programmable Gain Instrumentation Amplifier
More results

Podobny opis - AD8250ARZ-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8251 AD-AD8251 Datasheet
128Kb / 8P
   12MHz 20V/us G=1,2,4,8 Programmable Gain iCMOS Instrumentation Amplifier
Rev.PrB
AD625 AD-AD625 Datasheet
463Kb / 15P
   Programmable Gain Instrumentation Amplifier
REV. D
AD8250 AD-AD8250_15 Datasheet
835Kb / 24P
   Programmable Gain Instrumentation Amplifier
REV. C
logo
Texas Instruments
PGA280 TI1-PGA280 Datasheet
1Mb / 46P
[Old version datasheet]   Programmable Gain INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD8253 AD-AD8253_15 Datasheet
422Kb / 24P
   Programmable Gain Instrumentation Amplifier
REV. B
AD625 AD-AD625_15 Datasheet
465Kb / 15P
   Programmable Gain Instrumentation Amplifier
REV. D
logo
Burr-Brown (TI)
PGA204 BURR-BROWN-PGA204 Datasheet
261Kb / 14P
   Programmable Gain INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD8251 AD-AD8251_15 Datasheet
637Kb / 24P
   Programmable Gain Instrumentation Amplifier
REV. B
AD625 AD-AD625_17 Datasheet
497Kb / 16P
   Programmable Gain Instrumentation Amplifier
AD625 AD-AD625_16 Datasheet
561Kb / 16P
   Programmable Gain Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com