Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BF908WR Arkusz danych(PDF) 2 Page - NXP Semiconductors

Numer części BF908WR
Szczegółowy opis  N-channel dual-gate MOS-FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF908WR Arkusz danych(HTML) 2 Page - NXP Semiconductors

  BF908WR Datasheet HTML 1Page - NXP Semiconductors BF908WR Datasheet HTML 2Page - NXP Semiconductors BF908WR Datasheet HTML 3Page - NXP Semiconductors BF908WR Datasheet HTML 4Page - NXP Semiconductors BF908WR Datasheet HTML 5Page - NXP Semiconductors BF908WR Datasheet HTML 6Page - NXP Semiconductors BF908WR Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
1995 Apr 25
2
Philips Semiconductors
Preliminary specification
N-channel dual-gate MOS-FET
BF908WR
FEATURES
• High forward transfer admittance
• Short channel transistor with high forward transfer
admittance to input capacitance ratio
• Low noise gain controlled amplifier up to 1 GHz.
APPLICATIONS
• VHF and UHF applications with 12 V supply voltage,
such as television tuners and professional
communications equipment.
DESCRIPTION
Depletion type field effect transistor in a plastic
microminiature SOT343R package. The transistor is
protected against excessive input voltage surges by
integrated back-to-back diodes between gates and
source.
CAUTION
The device is supplied in an antistatic package. The
gate-source input must be protected against static
discharge during transport or handling.
PINNING
PIN
SYMBOL
DESCRIPTION
1
s, b
source
2
d
drain
3g2
gate 2
4g1
gate 1
Fig.1 Simplified outline (SOT343R) and symbol.
Marking code: MD.
MAM198
Top view
21
34
s,b
d
g
1
g
2
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDS
drain-source voltage
−−
12
V
ID
drain current
−−
40
mA
Ptot
total power dissipation
−−
300
mW
Tj
operating junction temperature
−−
150
°C
yfs
forward transfer admittance
36
43
50
mS
Cig1-s
input capacitance at gate 1
2.4
3.1
4
pF
Crs
reverse transfer capacitance
f = 1 MHz
20
30
45
fF
F
noise figure
f = 800 MHz
1.5
2.5
dB


Podobny numer części - BF908WR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BF908WR NXP-BF908WR Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Quanzhou Jinmei Electro...
BF908WR JMNIC-BF908WR_15 Datasheet
75Kb / 7P
   N-channel dual-gate MOS-FET
BF908WR_2015 JMNIC-BF908WR_2015 Datasheet
75Kb / 7P
   N-channel dual-gate MOS-FET
More results

Podobny opis - BF908WR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BF996S PHILIPS-BF996S Datasheet
35Kb / 5P
   N-channel dual-gate MOS-FET
April 1991
logo
Quanzhou Jinmei Electro...
BF994S_2015 JMNIC-BF994S_2015 Datasheet
37Kb / 5P
   N-channel dual-gate MOS-FET
BF998WR_2015 JMNIC-BF998WR_2015 Datasheet
82Kb / 12P
   N-channel dual-gate MOS-FET
BF908WR JMNIC-BF908WR_15 Datasheet
75Kb / 7P
   N-channel dual-gate MOS-FET
logo
NXP Semiconductors
BF991 NXP-BF991 Datasheet
226Kb / 7P
   N-channel dual-gate MOS-FET
Rev. 03-20 November 2007
BF998WR PHILIPS-BF998WR Datasheet
94Kb / 12P
   N-channel dual-gate MOS-FET
1997 Sep 05
logo
Quanzhou Jinmei Electro...
BF904WR_2015 JMNIC-BF904WR_2015 Datasheet
91Kb / 12P
   N-channel dual-gate MOS-FET
BF908WR_2015 JMNIC-BF908WR_2015 Datasheet
75Kb / 7P
   N-channel dual-gate MOS-FET
BF996S JMNIC-BF996S_15 Datasheet
37Kb / 5P
   N-channel dual-gate MOS-FET
logo
NXP Semiconductors
BF994S PHILIPS-BF994S Datasheet
41Kb / 5P
   N-channel dual-gate MOS-FET
July 1993
BF997 PHILIPS-BF997 Datasheet
31Kb / 5P
   N-channel dual-gate MOS-FET
April 1991
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com