Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DAC084S085EVAL Arkusz danych(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części DAC084S085EVAL
Szczegółowy opis  8-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC084S085EVAL Arkusz danych(HTML) 5 Page - National Semiconductor (TI)

  DAC084S085EVAL Datasheet HTML 1Page - National Semiconductor (TI) DAC084S085EVAL Datasheet HTML 2Page - National Semiconductor (TI) DAC084S085EVAL Datasheet HTML 3Page - National Semiconductor (TI) DAC084S085EVAL Datasheet HTML 4Page - National Semiconductor (TI) DAC084S085EVAL Datasheet HTML 5Page - National Semiconductor (TI) DAC084S085EVAL Datasheet HTML 6Page - National Semiconductor (TI) DAC084S085EVAL Datasheet HTML 7Page - National Semiconductor (TI) DAC084S085EVAL Datasheet HTML 8Page - National Semiconductor (TI) DAC084S085EVAL Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Electrical Characteristics (Continued)
Values shown in this table are design targets and are subject to change before product release. The following specifica-
tions apply for V
A = +2.7V to +5.5V, VREFIN =VA,CL = 200 pF to GND, fSCLK = 30 MHz, input code range 3 to 252. Boldface
limits apply for T
MIN
≤ T
A
≤ T
MAX and all other limits are at TA = 25˚C, unless otherwise specified.
Symbol
Parameter
Conditions
Typical
(Note 9)
Limits
(Note 9)
Units
(Limits)
I
OS
Output Short Circuit Current
V
A = 3V, VOUT = 0V,
Input Code = FFh
-56
mA
V
A = 5V, VOUT = 0V,
Input Code = FFh
-69
mA
V
A = 3V, VOUT = 5V,
Input Code = 00h
52
mA
V
A = 5V, VOUT = 5V,
Input Code = 00h
75
mA
I
O
Continuous Output
Current (Note 10)
Avaliable on each DAC output
11
mA (max)
C
L
Maximum Load Capacitance
R
L =
1500
pF
R
L =2k
1500
pF
Z
OUT
DC Output Impedance
7.5
REFERENCE INPUT CHARACTERISTICS
VREFIN
Input Range Minimum
0.2
1.0
V (min)
Input Range Maximum
V
A
V (max)
Input Impedance
30
k
LOGIC INPUT CHARACTERISTICS
I
IN
Input Current (Note 10)
±1
µA (max)
V
IL
Input Low Voltage (Note 10)
V
A = 3V
0.9
0.6
V (max)
V
A = 5V
1.5
0.8
V (max)
V
IH
Input High Voltage (Note 10)
V
A = 3V
1.4
2.1
V (min)
V
A = 5V
2.1
2.4
V (min)
C
IN
Input Capacitance (Note 10)
3
pF (max)
POWER REQUIREMENTS
V
A
Supply Voltage Minimum
2.7
V (min)
Supply Voltage Maximum
5.5
V (max)
I
N
Normal Supply Current (output
unloaded)
f
SCLK =30MHz
V
A = 2.7V
to 3.6V
370
485
µA (max)
V
A = 4.5V
to 5.5V
500
650
µA (max)
f
SCLK =0
V
A = 2.7V
to 3.6V
350
µA (max)
V
A = 4.5V
to 5.5V
460
µA (max)
I
PD
Power Down Supply Current
(output unloaded, SYNC = 0V
after PD mode loaded)
All PD Modes,
f
SCLK =30MHz
V
A = 2.7V
to 3.6V
0.02
µA (max)
V
A = 4.5V
to 5.5V
0.03
µA (max)
All PD Modes,
f
SCLK = 0 (Note 10)
V
A = 2.7V
to 3.6V
0.015
1.0
µA (max)
V
A = 4.5V
to 5.5V
0.025
1.0
µA (max)
www.national.com
5


Podobny numer części - DAC084S085EVAL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DAC084S085 TI1-DAC084S085 Datasheet
1Mb / 33P
[Old version datasheet]   DAC084S085 8-Bit Micropower QUAD Digital-to-Analog Converter With Rail-to-Rail Output
DAC084S085CIMM TI1-DAC084S085CIMM Datasheet
1Mb / 33P
[Old version datasheet]   DAC084S085 8-Bit Micropower QUAD Digital-to-Analog Converter With Rail-to-Rail Output
DAC084S085CIMM/NOPB TI1-DAC084S085CIMM/NOPB Datasheet
1Mb / 33P
[Old version datasheet]   DAC084S085 8-Bit Micropower QUAD Digital-to-Analog Converter With Rail-to-Rail Output
DAC084S085CIMMX/NOPB TI1-DAC084S085CIMMX/NOPB Datasheet
1Mb / 33P
[Old version datasheet]   DAC084S085 8-Bit Micropower QUAD Digital-to-Analog Converter With Rail-to-Rail Output
DAC084S085CISD/NOPB TI1-DAC084S085CISD/NOPB Datasheet
1Mb / 33P
[Old version datasheet]   DAC084S085 8-Bit Micropower QUAD Digital-to-Analog Converter With Rail-to-Rail Output
More results

Podobny opis - DAC084S085EVAL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
DAC081S101 NSC-DAC081S101 Datasheet
899Kb / 19P
   8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC104S085 TI-DAC104S085 Datasheet
1Mb / 29P
[Old version datasheet]   10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
logo
National Semiconductor ...
DAC104S085 NSC-DAC104S085 Datasheet
832Kb / 18P
   10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
DAC124S085 NSC-DAC124S085 Datasheet
831Kb / 18P
   12-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC081S101 TI1-DAC081S101_15 Datasheet
1Mb / 29P
[Old version datasheet]   DAC081S101 8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
National Semiconductor ...
DAC082S085 NSC-DAC082S085 Datasheet
870Kb / 19P
   8-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC081S101 TI-DAC081S101 Datasheet
1Mb / 28P
[Old version datasheet]   DAC081S101 8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC124S085 TI1-DAC124S085_16 Datasheet
1Mb / 32P
[Old version datasheet]   DAC124S085 12-Bit Micro Power Quad Digital-to-Analog Converter With Rail-to-Rail Output
11696 TI-11696 Datasheet
913Kb / 19P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
National Semiconductor ...
DAC121S101 NSC-DAC121S101 Datasheet
907Kb / 19P
   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com