Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC723481W Arkusz danych(PDF) 8 Page - Sanyo Semicon Device

Numer części LC723481W
Szczegółowy opis  Low-Voltage ETR-Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC723481W Arkusz danych(HTML) 8 Page - Sanyo Semicon Device

Back Button LC723481W Datasheet HTML 4Page - Sanyo Semicon Device LC723481W Datasheet HTML 5Page - Sanyo Semicon Device LC723481W Datasheet HTML 6Page - Sanyo Semicon Device LC723481W Datasheet HTML 7Page - Sanyo Semicon Device LC723481W Datasheet HTML 8Page - Sanyo Semicon Device LC723481W Datasheet HTML 9Page - Sanyo Semicon Device LC723481W Datasheet HTML 10Page - Sanyo Semicon Device LC723481W Datasheet HTML 11Page - Sanyo Semicon Device LC723481W Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
No. 7253-8/15
LC723481W/2W/3W
Continued from preceding page.
Pin No.
Pin
I/O
Function
I/O circuit
General-purpose input and A/D converter input shared function ports. The IOS
instruction (Pwn = FH) is used to switch between the general-purpose input and A/D
converter port functions. The general-purpose input and A/D converter port functions
can be switched by the bit, with 0 specifying general-purpose input, and 1 specifying
the A/D converter input function. To select the A/D converter function, set up the A/D
converter pin with an IOS instruction with Pwn set to 1. The A/D converter is started
with the UCC instruction (b3 = 1, b2 = 1). The ADCE flag is set when the conversion
completes. The INR instruction is used to read in the data.
*: If an input instruction is executed for one of these pins which is set up for analog
input, the read in data will be at the low level since CMOS input is disabled. In
backup mode these pins go to the input disabled high-impedance state. These
ports are set to their general-purpose input port function after a reset. The A/D
converter is a 5-bit successive approximation type converter, and features a
conversion time of 1.28 ms. Note that the full-scale A/D converter voltage (1FH) is
(62
/96) VDD.
23
22
21
PF0/ADI0
PF1/ADI1
PF2/ADI3
I
CMOS input/analog input
Shared function ports that function either as LCD driver segment outputs or general-
purpose I/O ports.
The IOS instruction is used to switch between the segment output and the general-
purpose I/O port functions.
• When used as segment output ports
The IOS (Pwn=8) instruction is used to set the general-purpose I/O port.
b0 to 3 = S17 to S20/PG0 to PG3
(0: Segment output, 1: PG0 to PG3)
The IOS (Pwn=9) instruction is used to set the general-purpose I/O port.
b0 to 3 = S13 to S16/PH0 to PH3
(0: Segment output, 1: PH0 to PH3)
• When used as general-purpose I/O ports
The IOS instruction (Pwn=6, 7) is used to switch the I/O direction. The directions
of these pins can be set individually in 1-bit units.
b0 = PG0
b0 = PH0
b1 = PG1
0: Input
b1 = PH1
0: Input
b2 = PG2
1: Output
b2 = PH2
1: Output
b3 = PG3
b3 = PH3
In backup mode, if used as general-purpose I/O ports, they will be in the input
disabled high-impedance state. If used as segment outputs, they will be held fixed at
the low level.
Although the general-purpose port/LCD port setting is a mask option, the setup with
the IOS instruction described above is also necessary.
25
26
27
28
29
30
31
32
PG3/S20
PG2/S19
PG1/S18
PG0/S17
PH3/S16
PH2/S15
PH1/S14
PH0/S13
*2
O
CMOS push-pull
Continued on next page.
LCD driver segment output pins.
A 1/4-duty 1/2-bias drive technique is used.
The frame frequency is 75 Hz.
In backup mode, the outputs are fixed at the low level.
After a reset, the outputs are fixed at the low level.
33 to
44
S12 to S1
O
LCD driver common output pins.
A 1/4-duty 1/2-bias drive technique is used.
The frame frequency is 75 Hz.
In backup mode, the outputs are fixed at the low level.
After a reset, the outputs are fixed at the low level.
45
46
47
48
COM4
COM3
COM2
COM1
O
LCD power supply step-up voltage inputs.
50
51
52
53
DBR4
DBR3
DBR2
DBR1
I
CMOS push-pull


Podobny numer części - LC723481W

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC72348G SANYO-LC72348G Datasheet
119Kb / 14P
   Low-Voltage ETR Controller with On-Chip LCD Driver
LC72348W SANYO-LC72348W Datasheet
119Kb / 14P
   Low-Voltage ETR Controller with On-Chip LCD Driver
More results

Podobny opis - LC723481W

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC72348G SANYO-LC72348G Datasheet
119Kb / 14P
   Low-Voltage ETR Controller with On-Chip LCD Driver
LC72344W SANYO-LC72344W Datasheet
90Kb / 13P
   Low-Voltage ETR Controller with On-Chip DC-DC Converter
LC723461W SANYO-LC723461W Datasheet
105Kb / 13P
   Ultralow-Voltage ETR Controller with On-Chip LCD Driver
LC72314W SANYO-LC72314W Datasheet
129Kb / 12P
   Ultralow-Voltage ETR Controller with On-Chip LCD Driver
LC72346W SANYO-LC72346W Datasheet
95Kb / 12P
   Ultralow-Voltage ETR Controller with On-Chip LCD Driver
LC723732 SANYO-LC723732 Datasheet
230Kb / 14P
   ETR Microcontrollers
LC72F3781 SANYO-LC72F3781 Datasheet
132Kb / 17P
   CMOS IC Electronic tuning radio for car audio ETR Controller
LC72F3661 SANYO-LC72F3661 Datasheet
117Kb / 15P
   CMOS IC Electronic tuning radio for car audio ETR Controller
LC878496PB SANYO-LC878496PB Datasheet
240Kb / 29P
   8-bit ETR Microcontroller
logo
Vishay Siliconix
SI9145 VISHAY-SI9145_V01 Datasheet
214Kb / 14P
   Low-Voltage Switchmode Controller
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com