Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8202YR-REEL7 Arkusz danych(PDF) 9 Page - Analog Devices

Numer części AD8202YR-REEL7
Szczegółowy opis  High Common-Mode Voltage, Single-Supply Difference Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8202YR-REEL7 Arkusz danych(HTML) 9 Page - Analog Devices

Back Button AD8202YR-REEL7 Datasheet HTML 4Page - Analog Devices AD8202YR-REEL7 Datasheet HTML 5Page - Analog Devices AD8202YR-REEL7 Datasheet HTML 6Page - Analog Devices AD8202YR-REEL7 Datasheet HTML 7Page - Analog Devices AD8202YR-REEL7 Datasheet HTML 8Page - Analog Devices AD8202YR-REEL7 Datasheet HTML 9Page - Analog Devices AD8202YR-REEL7 Datasheet HTML 10Page - Analog Devices AD8202YR-REEL7 Datasheet HTML 11Page - Analog Devices AD8202YR-REEL7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AD8202
Rev. A | Page 9 of 12
APPLICATIONS
The AD8202 difference amplifier is intended for applications
where it is required to extract a small differential signal in the
presence of large common-mode voltages. The input resistance
is nominally 170 kΩ, and the device can tolerate common-mode
voltages higher than the supply voltage and lower than ground.
The open collector output stage sources current to within
20 mV of ground and to within 200 mV of VS.
CURRENT SENSING
High-Line, High Current Sensing
Basic automotive applications making use of the large common-
mode range are shown in Figure 2 and Figure 3. The capability
of the device to operate as an amplifier in primary battery sup-
ply circuits is shown in Figure 2; Figure 3 illustrates the ability
of the device to withstand voltages below system ground.
Low Current Sensing
The AD8202 can also be used in low current sensing applications,
such as the 4 to 20 mA current loop shown in Figure 15. In such
applications, the relatively large shunt resistor can degrade the
common-mode rejection. Adding a resistor of equal value on the
low impedance side of the input corrects for this error.
5V
OUTPUT
10
1%
10
1%
NC = NO CONNECT
+
GND
NC
–IN
+IN
A1
+VS
A2
OUT
AD8202
Figure 15. 4 to 20 mA Current Loop Receiver
GAIN ADJUSTMENT
The default gain of the preamplifier and buffer are ×10 and ×2,
respectively, resulting in a composite gain of ×20. With the
addition of external resistor(s) or trimmer(s), the gain may be
lowered, raised, or finely calibrated.
Gains Less than 20
Since the preamplifier has an output resistance of 100 kΩ, an
external resistor connected from Pins 3 and 4 to GND decreases
the gain by a factor REXT/(100 kΩ + REXT) (see Figure 16).
10k
10k
100k
A2
A1
GND
–IN
OUT
+VS
NC
+IN
AD8202
OUT
+VS
REXT
VCM
VDIFF
2
GAIN =
20REXT
REXT + 100kΩ
REXT = 100kΩ
GAIN
20 – GAIN
VDIFF
2
NC = NO CONNECT
Figure 16. Adjusting for Gains Less than 20
The overall bandwidth is unaffected by changes in gain by using
this method, although there may be a small offset voltage due to
the imbalance in source resistances at the input to the buffer. In
many cases this can be ignored, but if desired, it can be nulled
by inserting a resistor equal to 100 kΩ minus the parallel sum of
REXT and 100 kΩ, in series with Pin 4. For example, with REXT =
100 kΩ (yielding a composite gain of ×10), the optional offset
nulling resistor is 50 kΩ.
Gains Greater than 20
Connecting a resistor from the output of the buffer amplifier to
its noninverting input, as shown in Figure 17, increases the gain.
The gain is now multiplied by the factor REXT/(REXT − 100 kΩ);
for example, it is doubled for REXT = 200 kΩ. Overall gains as
high as 50 are achievable in this way. Note that the accuracy of
the gain becomes critically dependent on the resistor value at
high gains. Also, the effective input offset voltage at Pin 1 and
Pin 8 (about six times the actual offset of A1) limits the part’s
use in high gain, dc-coupled applications.
10k
10k
100k
A2
A1
GND
–IN
OUT
+VS
NC
+IN
AD8202
OUT
+VS
REXT
VCM
VDIFF
2
GAIN =
20REXT
REXT – 100kΩ
REXT = 100kΩ
GAIN
GAIN – 20
VDIFF
2
NC = NO CONNECT
Figure 17. Adjusting for Gains Greater than 20


Podobny numer części - AD8202YR-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8202YR-REEL7 AD-AD8202YR-REEL7 Datasheet
337Kb / 20P
   High Common-Mode Voltage, Single-Supply Difference Amplifier
REV. D
More results

Podobny opis - AD8202YR-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8202 AD-AD8202_15 Datasheet
301Kb / 20P
   High Common-Mode Voltage, Single-Supply Difference Amplifier
Rev. H
AD8203 AD-AD8203_15 Datasheet
293Kb / 20P
   High Common-Mode Voltage, Single-Supply Difference Amplifier
REV. D
AD8202 AD-AD8202_05 Datasheet
337Kb / 20P
   High Common-Mode Voltage, Single-Supply Difference Amplifier
REV. D
AD8200 AD-AD8200 Datasheet
186Kb / 8P
   High Common-Mode Voltage, Single Supply Difference Amplifier
REV. 0
AD8200 AD-AD8200_15 Datasheet
947Kb / 12P
   High Common-Mode Voltage, Single-Supply Difference Amplifier
REV. B
AD8200 AD-AD8200_03 Datasheet
287Kb / 12P
   High Common-Mode Voltage, Single-Supply Difference Amplifier
REV. B
AD8203 AD-AD8203 Datasheet
313Kb / 20P
   High Common-Mode Voltage, Single-Supply Difference Amplifier
REV. B
AD629 AD-AD629 Datasheet
302Kb / 12P
   High Common-Mode Voltage Difference Amplifier
REV. A
logo
Burr-Brown (TI)
INA117 BURR-BROWN-INA117 Datasheet
192Kb / 14P
   High Common-Mode Voltage DIFFERENCE AMPLIFIER
logo
Texas Instruments
INA117KUG4 TI1-INA117KUG4 Datasheet
312Kb / 17P
[Old version datasheet]   High Common-Mode Voltage DIFFERENCE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com