Zakładka z wyszukiwarką danych komponentów |
|
ADKHC2B14AC Arkusz danych(PDF) 3 Page - ITT Industries |
|
ADKHC2B14AC Arkusz danych(HTML) 3 Page - ITT Industries |
3 / 6 page K K-46 Dimensions are shown: Inch (mm) Specifications and dimensions subject to change www.ittcannon.com C&K A Series General Purpose Snap-acting Switches OPERATING FORCE ELECTRICAL RATING 40 1134 DP PF 5 142 SP GG 30 850 DP PD 20 567 SP KH BASIC SWITCH OPERATING FORCE (OZ./GRAMS) NO. POLES OPTION CODE NOTE: Operating force varies with actuator, see ACTUATOR option section. • AVAILABLE x NOT AVAILABLE • F5 x • • • F3 x ••• C2 OPERATING FORCE (OZ./GRAMS) ELECTRICAL RATING AVAILABLE COMBINATIONS GG KH PD PF 5 20 30 40 142 567 850 1134 • x x From low level* to 1 AMP @ 125 V AC, 30 V DC. Gold alloy on brass base alloy. Gold alloy. F5 25 AMPS @ 125 & 250 V AC; 1 HP @ 125 V AC; 2 HP @ 250 V AC; 2 AMPS @ 24 V DC. Silver welded on copper base alloy. Precious metal alloy. F3 15 AMPS @ 125 & 250 V AC; 3/4 HP @ 125 V AC; 1-1/2 HP @ 250 V AC. Fine silver welded on brass base alloy. Fine silver. C2 ELECTRICALRATING CONTACT MATERIAL STATIONARY CONTACT OPTION CODE All models with all options. Contact Customer Service Center for availability and delivery of nonstandard ratings. * Low Level=conditions where no arcing occurs during switching, i.e., 0.4 VA max. @ 20 V AC or DC max. ROHS COMPLIANT* ROHS COMPATIBLE* YES YES YES YES YES YES MOVABLE CONTACT * Note: See Technical Data section of this catalog for RoHS compliant and compatible definition and specifications. |
Podobny numer części - ADKHC2B14AC |
|
Podobny opis - ADKHC2B14AC |