Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CA24J738107DQ Arkusz danych(PDF) 3 Page - ITT Industries

Numer części CA24J738107DQ
Szczegółowy opis  Illuminated Power Rocker Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ITT [ITT Industries]
Strona internetowa  http://www.ittcannon.com
Logo ITT - ITT Industries

CA24J738107DQ Arkusz danych(HTML) 3 Page - ITT Industries

  CA24J738107DQ Datasheet HTML 1Page - ITT Industries CA24J738107DQ Datasheet HTML 2Page - ITT Industries CA24J738107DQ Datasheet HTML 3Page - ITT Industries CA24J738107DQ Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
H-112
H
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
ACTUATOR
C&K CA Series
Illuminated Power Rocker Switches
SP
DP
SP
DP
J1
ROCKER
J7
CURVED ROCKER
7
125 V NEON
8
250 V NEON
2
BLACK
1
WHITE
HOUSING
COLOR
OPTION
CODE
3
RED TRANSLUCENT
5
YELLOW
6
GREEN
ACTUATOR
COLOR
OPTION
CODE
NOTE: Housing frame finish: matte. Special colors
available, consult Customer Service Center.
NOTE: Special colors available,
consult Customer Service Center.
ACTUATOR COLOR
NEON LAMP VOLTAGE
HOUSING COLOR


Podobny numer części - CA24J738107DQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
CA24 MACOM-CA24 Datasheet
359Kb / 2P
   Cascadable Amplifier 5 to 1500 MHz
logo
M/A-COM Technology Solu...
CA24 MA-COM-CA24 Datasheet
1Mb / 2P
   Cascadable Amplifier 5 to 1500 MHz
CA24 MA-COM-CA24 Datasheet
640Kb / 3P
   Cascadable Amplifier
logo
C&K Components
CA24-J1371-07-DQ CK-COMPONENTS-CA24-J1371-07-DQ Datasheet
159Kb / 4P
   Illuminated Power Rocker Switches
2003
CA24-J1371-07-HQ CK-COMPONENTS-CA24-J1371-07-HQ Datasheet
159Kb / 4P
   Illuminated Power Rocker Switches
2003
More results

Podobny opis - CA24J738107DQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
C&K Components
CA04J137207DQ CK-COMPONENTS-CA04J137207DQ Datasheet
202Kb / 4P
   Illuminated Power Rocker Switches
CA CK-COMPONENTS-CA Datasheet
159Kb / 4P
   Illuminated Power Rocker Switches
2003
logo
NTE Electronics
54-083 NTE-54-083 Datasheet
7Mb / 9P
   Illuminated Rocker Switches
logo
C&K Components
DM14J72S205Q3 CK-COMPONENTS-DM14J72S205Q3 Datasheet
1Mb / 4P
   Miniature Illuminated Power Rocker Switches
logo
ITT Industries
DM14J72S205Q3 ITT-DM14J72S205Q3 Datasheet
300Kb / 4P
   Miniature Illuminated Power Rocker Switches
logo
CW Industries
GRL-4022-0000 CWIND-GRL-4022-0000 Datasheet
196Kb / 2P
   4000 Series Illuminated Miniature Rocker Switches
GRL-4021-0000 CWIND-GRL-4021-0000 Datasheet
179Kb / 2P
   4000 Series Illuminated Miniature Rocker Switches
GRL-4011-1600 CWIND-GRL-4011-1600_19 Datasheet
198Kb / 2P
   4000 Series Illuminated Miniature Rocker Switches
GRL-4011-0000 CWIND-GRL-4011-0000 Datasheet
198Kb / 2P
   4000 Series Illuminated Miniature Rocker Switches
GRL-4011B-0000 CWIND-GRL-4011B-0000_19 Datasheet
196Kb / 2P
   4000 Series Illuminated Miniature Rocker Switches
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com