Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM29LV320MB120WCI Arkusz danych(PDF) 3 Page - Advanced Micro Devices

Numer części AM29LV320MB120WCI
Szczegółowy opis  32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit 3.0 Volt-only Boot Sector Flash Memory
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMD [Advanced Micro Devices]
Strona internetowa  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV320MB120WCI Arkusz danych(HTML) 3 Page - Advanced Micro Devices

  AM29LV320MB120WCI Datasheet HTML 1Page - Advanced Micro Devices AM29LV320MB120WCI Datasheet HTML 2Page - Advanced Micro Devices AM29LV320MB120WCI Datasheet HTML 3Page - Advanced Micro Devices AM29LV320MB120WCI Datasheet HTML 4Page - Advanced Micro Devices AM29LV320MB120WCI Datasheet HTML 5Page - Advanced Micro Devices AM29LV320MB120WCI Datasheet HTML 6Page - Advanced Micro Devices AM29LV320MB120WCI Datasheet HTML 7Page - Advanced Micro Devices AM29LV320MB120WCI Datasheet HTML 8Page - Advanced Micro Devices AM29LV320MB120WCI Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 61 page
background image
May 16, 2003
Am29LV320MT/B
3
DA T A SH EET
MIRRORBIT 32 MBIT DEVICE FAMILY
RELATED DOCUMENTS
To download related documents, click on the following
links or go to www.amd.com
Flash MemoryProd-
uct Information
MirrorBitFlash InformationTech-
nical Documentation.
MirrorBit™ Flash Memory Write Buffer Programming
and Page Buffer Read
Implementing a Common Layout for AMD MirrorBit
and Intel StrataFlash Memory Devices
Migrating from Single-byte to Three-byte Device IDs
AMD MirrorBit™ White Paper
Device
Bus
Sector Architecture
Packages
V
IO
RY/BY#
WP#, ACC
WP# Protection
LV033MU
x8
Uniform (64 Kbyte)
40-pin TSOP (std. & rev. pinout),
48-ball FBGA
Yes
Yes
ACC only
No WP#
LV320MT/B
x8/x16
Boot (8 x 8 Kbyte
at top & bottom)
48-pin TSOP, 48-ball Fine-pitch BGA,
64-ball Fortified BGA
No
Yes
WP#/ACC pin
2 x 8 Kbyte
top or bottom
LV320MH/L
x8/x16
Uniform (64 Kbyte)
56-pin TSOP (std. & rev. pinout),
64-ball Fortified BGA
Yes
Yes
WP#/ACC pin
1 x 64 Kbyte
high or low


Podobny numer części - AM29LV320MB120WCI

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SPANSION
AM29LV320MB120EI SPANSION-AM29LV320MB120EI Datasheet
1Mb / 63P
   32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit??3.0 Volt-only Boot Sector Flash Memory
AM29LV320MB120REI SPANSION-AM29LV320MB120REI Datasheet
1Mb / 63P
   32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit??3.0 Volt-only Boot Sector Flash Memory
More results

Podobny opis - AM29LV320MB120WCI

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SPANSION
AM29LV320MT SPANSION-AM29LV320MT_07 Datasheet
1Mb / 63P
   32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit??3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV160M AMD-AM29LV160M Datasheet
1Mb / 60P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) MirrorBit 3.0 Volt-only Boot Sector Flash Memory
AM29LV640MT AMD-AM29LV640MT Datasheet
1Mb / 66P
   64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit??3.0 Volt-only Boot Sector Flash Memory
AM29LV160M AMD-AM29LV160M_07 Datasheet
1Mb / 63P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) MirrorBit TM 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
AM29LV320D SPANSION-AM29LV320D Datasheet
887Kb / 55P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
AM29LV640MT SPANSION-AM29LV640MT Datasheet
1Mb / 66P
   64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit-TM 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV320D AMD-AM29LV320D Datasheet
1Mb / 57P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
SPANSION
S29AL016M SPANSION-S29AL016M_06 Datasheet
1Mb / 62P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) 3.0 Volt-only Boot Sector Flash Memory Featuring MirrorBit??Technology
logo
Advanced Micro Devices
AM29LVI16D AMD-AM29LVI16D Datasheet
863Kb / 44P
   16 Megabit (2 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV160B AMD-AM29LV160B Datasheet
649Kb / 46P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com