Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADT7485AARMZ-REEL Arkusz danych(PDF) 7 Page - Analog Devices

Numer części ADT7485AARMZ-REEL
Szczegółowy opis  SST Digital Temperature Sensor and Voltage Monitor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADT7485AARMZ-REEL Arkusz danych(HTML) 7 Page - Analog Devices

Back Button ADT7485AARMZ-REEL Datasheet HTML 3Page - Analog Devices ADT7485AARMZ-REEL Datasheet HTML 4Page - Analog Devices ADT7485AARMZ-REEL Datasheet HTML 5Page - Analog Devices ADT7485AARMZ-REEL Datasheet HTML 6Page - Analog Devices ADT7485AARMZ-REEL Datasheet HTML 7Page - Analog Devices ADT7485AARMZ-REEL Datasheet HTML 8Page - Analog Devices ADT7485AARMZ-REEL Datasheet HTML 9Page - Analog Devices ADT7485AARMZ-REEL Datasheet HTML 10Page - Analog Devices ADT7485AARMZ-REEL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADT7485A
Rev. 0 | Page 7 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
1.55
1.20
2.6
VCC (V)
1.50
1.45
1.40
1.35
1.30
1.25
2.8
3.0
3.2
3.4
3.6
750Ω (~2mA)
270Ω (~5.2mA)
120Ω (~10.6mA)
1.55
1.20
–50
150
TEMPERATURE (°C)
1.50
1.45
1.40
1.35
1.30
1.25
050
100
120Ω (~10.6mA)
270Ω (~5.2mA)
750Ω (~2mA)
Figure 3. SST O/P Level vs. Supply Voltage
Figure 6. SST O/P Level vs. Temperature
3.9
2.65
3.65
VCC (V)
3.7
3.5
3.3
3.1
2.9
2.85
3.05
3.25
3.45
DEV1
DEV3
DEV2
–45
TEMPERATURE (°C)
–25
–5
15
35
55
75
95
115
DEV3
DEV2
DEV1
3.45
3.46
3.47
3.48
3.49
3.50
3.51
3.52
3.53
3.54
3.55
3.56
Figure 4. Supply Current vs. Temperature
Figure 7. Supply Current vs. Voltage
7
–1
–60
140
TEMPERATURE (°C)
6
5
4
3
2
1
0
–40
–20
0
20
40
60
80
100
120
LO SPEC (VCC =3.6V)
MEAN (VCC =3.3V)
HI SPEC (VCC =3V)
7
–2
–60
140
TEMPERATURE (°C)
–40
–20
0
20
40
60
80
100
120
6
5
4
3
2
1
0
–1
HI SPEC (VCC =3V)
LO SPEC (VCC =3.6V)
MEAN (VCC =3.3V)
Figure 5. Local Temperature Error
Figure 8. Remote Temperature Error


Podobny numer części - ADT7485AARMZ-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
ADT7485AARMZ-R ONSEMI-ADT7485AARMZ-R Datasheet
341Kb / 12P
   Temperature Sensor and Voltage Monitor with Simple Serial Transport
April, 2010 ??Rev. 3
ADT7485AARMZ-R7 ONSEMI-ADT7485AARMZ-R7 Datasheet
341Kb / 12P
   Temperature Sensor and Voltage Monitor with Simple Serial Transport
April, 2010 ??Rev. 3
More results

Podobny opis - ADT7485AARMZ-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADT7488A AD-ADT7488A Datasheet
470Kb / 16P
   SST Digital Temperature Sensor and Voltage Monitor
REV. 0
logo
ON Semiconductor
ADT7488A ONSEMI-ADT7488A Datasheet
344Kb / 12P
   SST Digital Temperature Sensor and Voltage Monitor
December, 2009 ??Rev. 4
ADT7484A ONSEMI-ADT7484A Datasheet
360Kb / 14P
   Digital Temperature Sensor with SST Interface
December, 2009 ??Rev. 4
logo
Analog Devices
ADT7484A AD-ADT7484A Datasheet
413Kb / 16P
   Digital Temperature Sensor with SST Interface
REV. 0
logo
List of Unclassifed Man...
ASC7531A ETC2-ASC7531A Datasheet
308Kb / 18P
   LOW-VOLTAGE 1-WIRE DIGITAL TEMPERATURE SENSOR AND VOLTAGE MONITOR
logo
Linear Technology
LTC2995 LINER-LTC2995 Datasheet
229Kb / 20P
   Temperature Sensor and Dual Voltage Monitor
logo
SMSC Corporation
EMC1152 SMSC-EMC1152 Datasheet
322Kb / 3P
   SST Compliant Hardware Monitor with Two Temperature Channels and Five Voltage Channels
EMC1133 SMSC-EMC1133 Datasheet
211Kb / 3P
   SST Compliant Hardware Monitor with Three Temperature Channels and Three Voltage Channels
logo
NXP Semiconductors
NE1619 PHILIPS-NE1619 Datasheet
167Kb / 2P
   Temperature and voltage monitor
August 2008
logo
SMSC Corporation
EMC1102 SMSC-EMC1102 Datasheet
333Kb / 3P
   SST Compliant Hardware Monitor with Two Temperature Channels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com