Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXL323 Datasheet(Arkusz danych) 6 Page - Analog Devices

Numer części ADXL323
Szczegółowy opis  Small, Low Power, 2-Axis ±3 g i MEMS Accelerometer
Pobierz  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 6 page
background image
ADXL323
Rev. 0 | Page 6 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
N > 1000 for all typical performance plots, unless otherwise noted.
16
14
0
2
4
6
8
10
12
0.95 0.96 0.97 0.98 0.99 1.00 1.01 1.02 1.03 1.04 1.05 1.06 1.07 1.08 1.09
OUTPUT (V)
Figure 5. X-Axis Zero g Bias at 25°C, VS = 2 V
40
35
0
5
10
15
20
25
30
1.42
1.44
1.46
1.48
1.50
1.52
1.54
1.56
1.58
OUTPUT (V)
Figure 6. X-Axis Zero g Bias at 25°C, VS = 3 V
30
0
2.30 2.34 2.38 2.42
2.50
2.58
2.46
2.54
2.62 2.66 2.70
OUTPUT (V)
25
20
15
10
5
Figure 7. X-Axis Zero g Bias at 25°C, VS = 5 V
16
14
0
2
4
6
8
10
12
0.95 0.96 0.97 0.98 0.99 1.00 1.01 1.02 1.03 1.04 1.05 1.06 1.07 1.08 1.09
OUTPUT (V)
Figure 8. Y-Axis Zero g Bias at 25°C, VS = 2 V
35
0
5
10
15
20
25
30
1.42
1.44
1.46
1.48
1.50
1.52
1.54
1.56
1.58
OUTPUT (V)
Figure 9. Y-Axis Zero g Bias at 25°C, VS = 3 V
30
0
2.30 2.34 2.38 2.42
2.50
2.58
2.46
2.54
2.62 2.66 2.70
OUTPUT (V)
25
20
15
10
5
Figure 10. Y-Axis Zero g Bias at 25°C, VS = 5 V




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Powiązane numery części

Numer częściSzczegółowy opis komponentówHtml ViewProducent
ADXL330Small Low Power 3-Axis ±3 g i MEMS Accelerometer 1 2 3 4 5 MoreAnalog Devices
AK4554Low Power & Small Package 16bit ΔΣ CODEC 1 2 3 4 5 MoreAsahi Kasei Microsystems
SP6121Low Voltage Synchronous Step Down PWM Controller Ideal for 2A to 10A Small Footprint DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation
AK4555Low Power & Small Package 20bit ΔΣ CODEC 1 2 3 4 5 MoreAsahi Kasei Microsystems
SP6122Low Voltage Micro 8 PFET Buck Controller Ideal for 1A to 5A Small Footprint DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation
NT90TPSmall size light weight. Low coil power consumption heavy contact load. Strong anti-shock and anti-vibration high reliability long life. 1 2 DB Lectro Inc
2N2710NPN Small Signal High Speed Low Power Saturating Switch Transistor 1 2 3 4 5 MoreFairchild Semiconductor
LIS2L02ALMEMS INERTIAL SENSOR: 2-axis - +/-2g ULTRACOMPACT LINEAR ACCELEROMETER 1 2 3 4 5 MoreSTMicroelectronics
LT1537Advanced Low Power 5V RS232 Transceiver with Small Capacitors 1 2 3 4 5 MoreLinear Technology
SP6123Low Voltage Synchronous Step-Down PWM Controller Ideal for 2A to 10A Small Footprint DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation

Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl