Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXL323 Datasheet(Arkusz danych) 8 Page - Analog Devices

Numer części ADXL323
Szczegółowy opis  Small, Low Power, 2-Axis ±3 g i MEMS Accelerometer
Pobierz  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 8 page
background image
ADXL323
Rev. 0 | Page 8 of 16
35
30
0
5
10
15
20
25
0.170 0.174 0.178 0.182 0.186 0.190 0.194 0.198 0.202 0.206 0.210
SENSITIVITY (V/g)
Figure 17. X-Axis Sensitivity at 25°C, VS = 2 V
60
0
10
20
30
40
50
0.26
0.34
0.33
0.32
0.31
0.30
0.29
0.28
0.27
SENSITIVITY (V/g)
Figure 18. X-Axis Sensitivity at 25°C, VS = 3 V
25
0
0.50 0.51 0.52 0.53
0.55
0.57
0.54
0.56
0.58 0.59 0.60
SENSITIVITY (V/g)
20
15
10
5
Figure 19. X-Axis Sensitivity at 25°C, VS = 5 V
40
35
30
0
5
10
15
20
25
0.170 0.174 0.178 0.182 0.186 0.190 0.194 0.198 0.202 0.206 0.210
SENSITIVITY (V/g)
Figure 20. Y-Axis Sensitivity at 25°C, VS = 2 V
70
60
0
10
20
30
40
50
0.26
0.34
0.33
0.32
0.31
0.30
0.29
0.28
0.27
SENSITIVITY (V/g)
Figure 21. Y-Axis Sensitivity at 25°C, VS = 3 V
40
0
0.50 0.51 0.52 0.53
0.55
0.57
0.54
0.56
0.58 0.59 0.60
SENSITIVITY (V/g)
35
30
25
20
15
10
5
Figure 22. Y-Axis Sensitivity at 25°C, VS = 5 V




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Powiązane numery części

Numer częściSzczegółowy opis komponentówHtml ViewProducent
ADXL330Small Low Power 3-Axis ±3 g i MEMS Accelerometer 1 2 3 4 5 MoreAnalog Devices
AK4554Low Power & Small Package 16bit ΔΣ CODEC 1 2 3 4 5 MoreAsahi Kasei Microsystems
SP6121Low Voltage Synchronous Step Down PWM Controller Ideal for 2A to 10A Small Footprint DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation
AK4555Low Power & Small Package 20bit ΔΣ CODEC 1 2 3 4 5 MoreAsahi Kasei Microsystems
SP6122Low Voltage Micro 8 PFET Buck Controller Ideal for 1A to 5A Small Footprint DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation
NT90TPSmall size light weight. Low coil power consumption heavy contact load. Strong anti-shock and anti-vibration high reliability long life. 1 2 DB Lectro Inc
2N2710NPN Small Signal High Speed Low Power Saturating Switch Transistor 1 2 3 4 5 MoreFairchild Semiconductor
LIS2L02ALMEMS INERTIAL SENSOR: 2-axis - +/-2g ULTRACOMPACT LINEAR ACCELEROMETER 1 2 3 4 5 MoreSTMicroelectronics
LT1537Advanced Low Power 5V RS232 Transceiver with Small Capacitors 1 2 3 4 5 MoreLinear Technology
SP6123Low Voltage Synchronous Step-Down PWM Controller Ideal for 2A to 10A Small Footprint DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation

Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl