Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADXL323KCPZ Arkusz danych(PDF) 6 Page - Analog Devices

Numer części ADXL323KCPZ
Szczegółowy opis  Small, Low Power, 2-Axis 짹3 g i MEMS Accelerometer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADXL323KCPZ Arkusz danych(HTML) 6 Page - Analog Devices

Back Button ADXL323KCPZ Datasheet HTML 2Page - Analog Devices ADXL323KCPZ Datasheet HTML 3Page - Analog Devices ADXL323KCPZ Datasheet HTML 4Page - Analog Devices ADXL323KCPZ Datasheet HTML 5Page - Analog Devices ADXL323KCPZ Datasheet HTML 6Page - Analog Devices ADXL323KCPZ Datasheet HTML 7Page - Analog Devices ADXL323KCPZ Datasheet HTML 8Page - Analog Devices ADXL323KCPZ Datasheet HTML 9Page - Analog Devices ADXL323KCPZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADXL323
Rev. 0 | Page 6 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
N > 1000 for all typical performance plots, unless otherwise noted.
16
14
0
2
4
6
8
10
12
0.95 0.96 0.97 0.98 0.99 1.00 1.01 1.02 1.03 1.04 1.05 1.06 1.07 1.08 1.09
OUTPUT (V)
Figure 5. X-Axis Zero g Bias at 25°C, VS = 2 V
40
35
0
5
10
15
20
25
30
1.42
1.44
1.46
1.48
1.50
1.52
1.54
1.56
1.58
OUTPUT (V)
Figure 6. X-Axis Zero g Bias at 25°C, VS = 3 V
30
0
2.30 2.34 2.38 2.42
2.50
2.58
2.46
2.54
2.62 2.66 2.70
OUTPUT (V)
25
20
15
10
5
Figure 7. X-Axis Zero g Bias at 25°C, VS = 5 V
16
14
0
2
4
6
8
10
12
0.95 0.96 0.97 0.98 0.99 1.00 1.01 1.02 1.03 1.04 1.05 1.06 1.07 1.08 1.09
OUTPUT (V)
Figure 8. Y-Axis Zero g Bias at 25°C, VS = 2 V
35
0
5
10
15
20
25
30
1.42
1.44
1.46
1.48
1.50
1.52
1.54
1.56
1.58
OUTPUT (V)
Figure 9. Y-Axis Zero g Bias at 25°C, VS = 3 V
30
0
2.30 2.34 2.38 2.42
2.50
2.58
2.46
2.54
2.62 2.66 2.70
OUTPUT (V)
25
20
15
10
5
Figure 10. Y-Axis Zero g Bias at 25°C, VS = 5 V


Podobny numer części - ADXL323KCPZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXL323 AD-ADXL323_15 Datasheet
461Kb / 16P
   Small, Low Power, 2-Axis 3 g iMEMS Accelerometer
More results

Podobny opis - ADXL323KCPZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXL330 AD-ADXL330 Datasheet
311Kb / 16P
   Small, Low Power, 3-Axis 짹3 g i MEMS Accelerometer
REV. 0
ADXL330 AD-ADXL330_07 Datasheet
489Kb / 16P
   Small, Low Power, 3-Axis 짹3 g i MEMS짰 Accelerometer
REV. A
ADXL335 AD-ADXL335 Datasheet
130Kb / 11P
   Small, Low Power, 3-Axis 짹3 g Accelerometer
Rev. PrA
ADXL335 AD-ADXL335_10 Datasheet
430Kb / 16P
   Small, Low Power, 3-Axis 짹3 g Accelerometer
REV. B
ADXL337BCPZ-RL AD-ADXL337BCPZ-RL Datasheet
357Kb / 16P
   Small, Low Power, 3-Axis 짹3 g Small, Low Power, 3-Axis 짹3 g
REV. 0
ADXL337 AD-ADXL337 Datasheet
357Kb / 16P
   Small, Low Power, 3-Axis 짹3 g
REV. 0
ADXL323 AD-ADXL323_15 Datasheet
461Kb / 16P
   Small, Low Power, 2-Axis 3 g iMEMS Accelerometer
ADXL204 AD-ADXL204 Datasheet
569Kb / 12P
   Precisionc -1.7 g Single-/Dual-Axis i MEMS Accelerometer
REV. A
ADXL377BCPZ-RL7 AD-ADXL377BCPZ-RL7 Datasheet
261Kb / 12P
   Small, Low Power, 3-Axis 200 g Accelerometer
REV. 0
ADXL327 AD-ADXL327 Datasheet
330Kb / 16P
   Small, Low Power, 3-Axis 짹2 g Accelerometer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com