Zakładka z wyszukiwarką danych komponentów |
|
CA02COM-IN16-1PW-B-03 Arkusz danych(PDF) 5 Page - ITT Industries |
|
CA02COM-IN16-1PW-B-03 Arkusz danych(HTML) 5 Page - ITT Industries |
5 / 42 page 5 CA-COM Shell size Contact Number of Contact size Wire size Service rating arrangement contacts metric mm2 nach IEC 10SL 10SL-3 3 15S 0,75 – 1,5 A 10SL-4 2 15S 0,75 – 1,5 A 12S 12SA10 4 15S 0,75 – 1,5 A 14S 14S-2 4 15S 0,75 – 1,5 Inst. 14S-5 5 15S 0,75 – 1,5 Inst. 14S-6 6 15S 0,75 – 1,5 Inst. 14SA7 7 15S 0,75 – 1,5 Inst. 16 16-10 3 25 2,0 – 3,0 A 16S 16S-1 7 15S 0,75 – 1,5 A 18 18-1 10 15 0,75 – 1,5 A (B, C, F, G) Inst. (all others) 18-8 7 + 1 15 + 25 1 – 1,5 + 2,5 A 18-10 4 25 2,0 – 3,0 A 18-11 5 25 2,0 – 3,0 A 18-12 6 15 0,75 – 1,5 A 20 20-15 7 25 2,0 – 3,0 A 20-17 1 15 0,75 – 1,5 A 5 25 2,0 – 3,0 A 20-19 3 100 10 A 20-27 14 15 0,75 – 1,5 A 20-29 17 15 0,75 – 1,5 A 22 22-14 19 15 0,75 – 1,5 A 22-19 14 15 0,75 – 1,5 A 22-23 8 25 2,0 – 3,0 D (H) 24 24-28 24 15 0,75 – 1,5 Inst. 28 28-15 35 15 0,75 – 1,5 A Additional contact arrangements (per MIL-C-5015 and VG95234) upon request. Wire selection Contact size Wire sizes for crimp and solder contacts Metric Metric Conductor mm2 ∅ mm2 15S 0,75 – 1,5 1,6 – 3,3 15 0,75 – 1,5 1,6 – 3,3 25 2,0 – 3,0 2,9 – 4,3 100 10,0 4,2 – 6,5 Stripping lengths of wires Strip wires carefully. Do not damage conductors and insulation. For solder connections, wires have to be pretinned. Do not twist conductors used in crimp contacts, otherwise no perfect crimp connection will be achieved. Do not touch conductors before crimping. Film of grease or lubricants on the strands will cause poor crimp quality. Stripping length for contacts sizes 15S, 15 and 25 is 6,2 mm. On pages 6 – 8 the contact arrangements are shown by shell sizes. The table below gives an overview on the number of contacts, recommended contact and wire sizes and the service rating class. Other contact arrangements acc. to MIL-C-5015 and VG 95234 upon request. Contact arrangements #1171_CA-COM_englisch_250900 18.10.2000, 8:20 Uhr 5 |
Podobny numer części - CA02COM-IN16-1PW-B-03 |
|
Podobny opis - CA02COM-IN16-1PW-B-03 |