Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8137YCPZ-REEL7 Arkusz danych(PDF) 7 Page - Analog Devices

Numer części AD8137YCPZ-REEL7
Szczegółowy opis  Low Cost, Low Power 12-Bit Differential ADC Driver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8137YCPZ-REEL7 Arkusz danych(HTML) 7 Page - Analog Devices

Back Button AD8137YCPZ-REEL7 Datasheet HTML 3Page - Analog Devices AD8137YCPZ-REEL7 Datasheet HTML 4Page - Analog Devices AD8137YCPZ-REEL7 Datasheet HTML 5Page - Analog Devices AD8137YCPZ-REEL7 Datasheet HTML 6Page - Analog Devices AD8137YCPZ-REEL7 Datasheet HTML 7Page - Analog Devices AD8137YCPZ-REEL7 Datasheet HTML 8Page - Analog Devices AD8137YCPZ-REEL7 Datasheet HTML 9Page - Analog Devices AD8137YCPZ-REEL7 Datasheet HTML 10Page - Analog Devices AD8137YCPZ-REEL7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AD8137
Rev. A | Page 7 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
–IN
1
VOCM 2
VS+ 3
+OUT
4
+IN
8
PD
7
VS–
6
–OUT
5
AD8137
Figure 4. Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Name
Description
1
−IN
Inverting Input.
2
VOCM
An internal feedback loop drives the
output common-mode voltage to be
equal to the voltage applied to the VOCM
pin, provided the amplifier’s operation
remains linear.
3
VS+
Positive Power Supply Voltage.
4
+OUT
Positive Side of the Differential Output.
5
−OUT
Negative Side of the Differential Output.
6
VS−
Negative Power Supply Voltage.
7
PD
Power Down.
8
+IN
Noninverting Input.
AD8137
+
52.3
52.3
RL, dm 1kΩ
VO, dm
+
VOCM
RF
CF
RF
VTEST
TEST
SIGNAL
SOURCE
50
50
RG = 1kΩ
RG = 1kΩ
CF
MIDSUPPLY
Figure 5. Basic Test Circuit
AD8137
+
52.3
52.3
RL, dm VO, dm
+
RF = 1kΩ
RF = 1kΩ
RS
RS
VTEST
TEST
SIGNAL
SOURCE
50
50
CL, dm
RG = 1kΩ
RG = 1kΩ
VOCM
MIDSUPPLY
Figure 6. Capacitive Load Test Circuit, G = 1


Podobny numer części - AD8137YCPZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8137YCPZ-REEL7 AD-AD8137YCPZ-REEL7 Datasheet
841Kb / 24P
   Low Cost, Low Power 12-Bit Differential ADC Driver
REV. B
logo
Aavid, Thermal Division...
AD8137YCPZ-REEL7 AAVID-AD8137YCPZ-REEL7 Datasheet
588Kb / 32P
   Low Cost, Low Power, Differential ADC Driver
logo
Analog Devices
AD8137YCPZ-REEL7 AD-AD8137YCPZ-REEL7 Datasheet
629Kb / 33P
   Low Cost, Low Power, Differential ADC Driver
More results

Podobny opis - AD8137YCPZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8137 AD-AD8137_05 Datasheet
841Kb / 24P
   Low Cost, Low Power 12-Bit Differential ADC Driver
REV. B
AD8137 AD-AD8137_15 Datasheet
797Kb / 33P
   Low Cost, Low Power, Differential ADC Driver
Rev. E
logo
Aavid, Thermal Division...
AD8137 AAVID-AD8137_12 Datasheet
588Kb / 32P
   Low Cost, Low Power, Differential ADC Driver
logo
Analog Devices
AD8137 AD-AD8137_16 Datasheet
629Kb / 33P
   Low Cost, Low Power, Differential ADC Driver
ADA4932-1 AD-ADA4932-1 Datasheet
551Kb / 28P
   Low Power Differential ADC Driver
REV. 0
ADA4932-1 AD-ADA4932-1_09 Datasheet
477Kb / 28P
   Low Power Differential ADC Driver
REV. A
ADA4932-1 AD-ADA4932-1_16 Datasheet
753Kb / 27P
   Low Power, Differential ADC Driver
AD8138 AD-AD8138_06 Datasheet
496Kb / 24P
   Low Distortion Differential ADC Driver
Rev. F
AD8138 AD-AD8138_16 Datasheet
524Kb / 25P
   Low Distortion, Differential ADC Driver
AD8138 AD-AD8138 Datasheet
534Kb / 16P
   Low Distortion Differential ADC Driver
REV. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com