Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8214 Arkusz danych(PDF) 7 Page - Analog Devices

Numer części AD8214
Szczegółowy opis  High Voltage Threshold Detector
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8214 Arkusz danych(HTML) 7 Page - Analog Devices

Back Button AD8214 Datasheet HTML 3Page - Analog Devices AD8214 Datasheet HTML 4Page - Analog Devices AD8214 Datasheet HTML 5Page - Analog Devices AD8214 Datasheet HTML 6Page - Analog Devices AD8214 Datasheet HTML 7Page - Analog Devices AD8214 Datasheet HTML 8Page - Analog Devices AD8214 Datasheet HTML 9Page - Analog Devices AD8214 Datasheet HTML 10Page - Analog Devices AD8214 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD8214
Rev. 0 | Page 7 of 16
5
2.428
2.436
2.432
2.440
2.444
2.448
SUPPLY VOLTAGE (V)
5
1525
354555
6
TA = +125°C
TA = +25°C
TA = –40°C
Figure 10. Regulator Voltage vs. Supply Voltage
(Between VREG and VS)
2.30
2.35
2.40
2.45
2.50
REGULATOR LOAD RESISTANCE (kΩ)
10
50
100
150
200
TA = +125°C
TA = +25°C
TA = –40°C
Figure 11. Regulator Voltage vs. Regulator Load Resistance
(Series Resistance Between VREG and VS)
0
100
200
300
400
500
600
700
SUPPLY VOLTAGE (V)
5
1525
354555
65
TA = –40°C
TA = +125°C
TA = +25°C
Figure 12. Output Current vs. Supply Voltage
(Output Low)
0.90
0.95
1.00
1.05
1.10
SUPPLY VOLTAGE (V)
5
1525
354555
65
TA = –40°C
TA = +125°C
TA = +25°C
Figure 13. Output Current vs. Supply Voltage
(Output High)
8.0
8.5
9.0
9.5
10.0
10.5
11.0
11.5
12.0
TEMPERATURE (°C)
–40 –25 –10
5
20
35
50
65
80
95
110 125
Figure 14. Hysteresis Voltage vs. Temperature
(–IN Increasing)
50
70
90
110
130
150
170
OVERDRIVE VOLTAGE (mV)
15
25
35
45
55
65
75
85
95
ROUT = 3.3kΩ
ROUT = 5kΩ
Figure 15. Fall Time vs. Overdrive Voltage
(–IN > +IN by Specified VOD)


Podobny numer części - AD8214

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8214 AD-AD8214 Datasheet
247Kb / 16P
   Fast Response, High Voltage Current Shunt Comparator
AD8214ARMZ AD-AD8214ARMZ Datasheet
247Kb / 16P
   Fast Response, High Voltage Current Shunt Comparator
AD8214ARMZ-R7 AD-AD8214ARMZ-R7 Datasheet
247Kb / 16P
   Fast Response, High Voltage Current Shunt Comparator
AD8214ARMZ-RL AD-AD8214ARMZ-RL Datasheet
247Kb / 16P
   Fast Response, High Voltage Current Shunt Comparator
AD8214WYRMZ AD-AD8214WYRMZ Datasheet
247Kb / 16P
   Fast Response, High Voltage Current Shunt Comparator
More results

Podobny opis - AD8214

ProducentNumer częściArkusz danychSzczegółowy opis
logo
DAICO Industries, Inc.
DTD05097 DAICO-DTD05097 Datasheet
106Kb / 1P
   Threshold Detector
logo
Spectrum Microwave, Inc...
TMJ9902 SPECTRUM-TMJ9902 Datasheet
236Kb / 1P
   Threshold Detector
logo
API Technologies Corp
TMJ9924 APITECH-TMJ9924 Datasheet
100Kb / 1P
   THRESHOLD DETECTOR
logo
DAICO Industries, Inc.
CTD05076 DAICO-CTD05076 Datasheet
126Kb / 1P
   Threshold Detector
logo
API Technologies Corp
TMJ9902 APITECH-TMJ9902 Datasheet
101Kb / 1P
   THRESHOLD DETECTOR
logo
DAICO Industries, Inc.
DTD01999 DAICO-DTD01999 Datasheet
115Kb / 1P
   Threshold Detector
DTD05080 DAICO-DTD05080 Datasheet
128Kb / 1P
   Threshold Detector
DTD08052 DAICO-DTD08052 Datasheet
127Kb / 1P
   Threshold Detector
logo
API Technologies Corp
TMJ9912 APITECH-TMJ9912 Datasheet
70Kb / 1P
   THRESHOLD DETECTOR
TMJ9904 APITECH-TMJ9904 Datasheet
103Kb / 1P
   THRESHOLD DETECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com