Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADP1720-ADJ Arkusz danych(PDF) 7 Page - Analog Devices

Numer części ADP1720-ADJ
Szczegółowy opis  50mA High-Voltage Micro-power LDO in MSOP
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADP1720-ADJ Arkusz danych(HTML) 7 Page - Analog Devices

  ADP1720-ADJ Datasheet HTML 1Page - Analog Devices ADP1720-ADJ Datasheet HTML 2Page - Analog Devices ADP1720-ADJ Datasheet HTML 3Page - Analog Devices ADP1720-ADJ Datasheet HTML 4Page - Analog Devices ADP1720-ADJ Datasheet HTML 5Page - Analog Devices ADP1720-ADJ Datasheet HTML 6Page - Analog Devices ADP1720-ADJ Datasheet HTML 7Page - Analog Devices ADP1720-ADJ Datasheet HTML 8Page - Analog Devices ADP1720-ADJ Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
PRELIMINARY TECHNICAL DATA
ADP1720
Rev. PrA | Page 7 of 9
THEORY OF OPERATION
Introduction
The ADP1720 is a high-voltage, micro-power, low dropout
linear regulator. Designed for robust operation, the ADP1720
includes current limiting and short-circuit protection, thermal
overload protection. With just 25µA of quiescent supply current
and a micro-power shutdown mode, this device is ideal for
applications that require low quiescent current. The small
thermally-enhanced MSOP package and 1µF ceramic output
capacitor provides a compact solution with low thermal
resistance for high power dissipation.
The ADP1720 is available in fixed output voltages of 3.3V and
5V, or its output voltage is adjustable over a range of 1.2V to
5V. The ADP1720 operates over the -40°C to 125°C ambient
temperature range.
Adjustable Output Voltage
The ADP1720 output voltage is adjustable over a 1.2V to 5.0
range. The output voltage is set by connecting a resistive
voltage divider from OUT to ADJ. The output voltage is
calculated using the equation VOUT=1.2V(1+RTOP/RBOTTOM)
where RTOP is the resistor from OUT to ADJ and RBOTTOM is the
resistor from ADJ to GND. The maximum bias current into
ADJ is 100nA, so for less than 0.1% error due to the bias
current, use values less than 12k
Ω for R
BOTTOM.
Output Capacitor Selection
The ADP1720 is optimized for operation with small 1µF
ceramic capacitors. The ADP1720 maintains stability with
capacitance greater than 1
µF, 10uF maximum and over a wide
range of capacitor ESR values ( At least 1m
to 100m ).
Ceramic capacitors are manufactured with a variety of
dielectrics, each with different behavior over temperature and
applied voltage. When choosing your capacitor be sure to
choose a dielectric adequate to ensure the minimum
capacitance over the necessary temperature range.
Thermal Protection
The ADP1720 has an internal thermal shutdown function that
protects itself from thermal overloads. The thermal protection
circuitry activates and disables the output when the die
temperature exceeds 150°C. The thermal protection circuitry
has a typical hysteresis of 15°C. Once the die temperature
decreases beyond the hysteresis, the output is enabled again.
Current Limit
The ADP1720 uses internal current limiting to protect itself and
its load during overload and short-circuit conditions.
Shutdown
The ADP1720 enters a low power shutdown state by driving
EN to GND. In shutdown, the ADP1720 consumes less than
5
µA. For automatic startup connect EN to IN. Note that EN
withstands up to the +28V input voltage without damage.
Package and Power Dissipation
The ADP1720 use a thermally-enhanced MSOP package,
which achieves a respectable TBD°C/W for such a small
footprint.


Podobny numer części - ADP1720-ADJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADP1720-3.3 AD-ADP1720-3.3 Datasheet
373Kb / 5P
   USB-Based Temperature Monitor Using the ADuCM360 Precision Analog Microcontroller
REV. 0
ADP1720-3.3 AD-ADP1720-3.3 Datasheet
375Kb / 7P
   Complete Closed-Loop Precision Analog Microcontroller Thermocouple
REV. A
ADP1720-3.3 AD-ADP1720-3.3 Datasheet
418Kb / 5P
   Devices Connected
ADP1720-3.3-EVALZ AD-ADP1720-3.3-EVALZ Datasheet
369Kb / 16P
   50 mA, High Voltage, Micropower Linear Regulator
REV. A
ADP1720-5-EVALZ AD-ADP1720-5-EVALZ Datasheet
369Kb / 16P
   50 mA, High Voltage, Micropower Linear Regulator
REV. A
More results

Podobny opis - ADP1720-ADJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micrel Semiconductor
MIC5208 MICREL-MIC5208 Datasheet
54Kb / 6P
   Dual 50mA LDO Voltage Regulator Preliminary Information
MIC5208 MICREL-MIC5208_02 Datasheet
54Kb / 8P
   Dual 50mA LDO Regulator
logo
Texas Instruments
TPS797 TI-TPS797 Datasheet
905Kb / 18P
[Old version datasheet]   Ultralow IQ, 50mA LDO Linear Regulators with Power Good Output in SC70 Package
logo
TelCom Semiconductor, I...
TC1070 TELCOM-TC1070 Datasheet
117Kb / 12P
   50mA ADJUSTABLE CMOS LDO WITH SHUTDOWN
logo
GETAI ELECTRONICS DEVIC...
ESJG05F16 GETEDZ-ESJG05F16_16 Datasheet
82Kb / 1P
   16kV 50mA HIGH VOLTAGE DIODES
logo
TECH PUBLIC Electronics...
TPS715 TECHPUBLIC-TPS715 Datasheet
2Mb / 7P
   24V,50mA, Ultralo-Quiescent-Current LDO
logo
Texas Instruments
TPS79718 TI1-TPS79718_12 Datasheet
636Kb / 17P
[Old version datasheet]   Ultra-Low IQ, 50mA LDO Linear Regulators with Power Good Output in SC70 Package
logo
List of Unclassifed Man...
G920 ETC-G920 Datasheet
122Kb / 7P
   150mA Micro-power LDO Regulators
logo
Micrel Semiconductor
MIC4555 MICREL-MIC4555_11 Datasheet
841Kb / 16P
   SIM Card Level Shifter with 50mA LDO
logo
Rohm
2SC4102 ROHM-2SC4102 Datasheet
59Kb / 1P
   High-voltage Amplifier Transistor(120V, 50mA)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com