Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC07L1NZQD Arkusz danych(PDF) 3 Page - ITT Industries

Numer części MC07L1NZQD
Szczegółowy opis  Half-inch Rotary Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ITT [ITT Industries]
Strona internetowa  http://www.ittcannon.com
Logo ITT - ITT Industries

MC07L1NZQD Arkusz danych(HTML) 3 Page - ITT Industries

  MC07L1NZQD Datasheet HTML 1Page - ITT Industries MC07L1NZQD Datasheet HTML 2Page - ITT Industries MC07L1NZQD Datasheet HTML 3Page - ITT Industries MC07L1NZQD Datasheet HTML 4Page - ITT Industries MC07L1NZQD Datasheet HTML 5Page - ITT Industries MC07L1NZQD Datasheet HTML 6Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
L–14
L
C&K M Series
Half-inch Rotary Switches
ACTUATOR (ZINC ALLOY)
ACTUATOR (STAINLESS STEEL)
L3
.650" LONG, ROUND
L2
SCREWDRIVER SLOT, FLUSH
L1
.650" LONG, FLATTED
S6
.785" LONG, SLOT
S3
.650" LONG, ROUND
S2
SCREWDRIVER SLOT, FLUSH
S1
.650" LONG, FLATTED
All actuators shown in pos. 1
All actuators shown in pos. 1
All models UL/CSA when ordered with stainless steel actuators.
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com


Podobny numer części - MC07L1NZQD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
C&K Components
MC07 CK-COMPONENTS-MC07 Datasheet
545Kb / 5P
   Half-inch Rotary Switches
logo
List of Unclassifed Man...
MC074 ETC1-MC074 Datasheet
212Kb / 4P
   MICROCOUPLERS FOR HYBRID CIRCUITS
logo
NXP Semiconductors
MC07XS3200 NXP-MC07XS3200 Datasheet
1Mb / 47P
   Dual high-side switch (7.0 mOhm)
Rev. 6.0, 1/2020
MC07XS3200EK NXP-MC07XS3200EK Datasheet
1Mb / 47P
   Dual high-side switch (7.0 mOhm)
Rev. 6.0, 1/2020
MC07XS6517 NXP-MC07XS6517 Datasheet
1,016Kb / 73P
   Triple 7.0 mOhm and Dual 17 mOhm High-side Switch
Rev. 4.0, 12/2017
More results

Podobny opis - MC07L1NZQD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
C&K Components
MA00L1NZQD CK-COMPONENTS-MA00L1NZQD Datasheet
352Kb / 5P
   Half-inch Rotary Switches
M CK-COMPONENTS-M Datasheet
545Kb / 5P
   Half-inch Rotary Switches
logo
GREATECS
RB1 GREATECS-RB1 Datasheet
954Kb / 1P
   Rotary Switches
logo
E-SWITCH
KC13B7.002NLS E-SWITCH-KC13B7.002NLS_1 Datasheet
320Kb / 3P
   ROTARY SWITCHES
KC1901 E-SWITCH-KC1901 Datasheet
94Kb / 1P
   ROTARY SWITCHES
logo
Allen-Bradley
440T-MRKSE10 ALLEN-BRADLEY-440T-MRKSE10 Datasheet
161Kb / 3P
   Rotary Switches
logo
Carling Technologies
R135-SERIES CARLINGTECH-R135-SERIES Datasheet
484Kb / 3P
   Rotary Switches
logo
Mitsumi Electronics, Co...
SRM-1011ST MITSUMI-SRM-1011ST Datasheet
65Kb / 2P
   Rotary Switches
logo
E-SWITCH
KC13B7.002NLS E-SWITCH-KC13B7.002NLS Datasheet
236Kb / 3P
   ROTARY SWITCHES
logo
Coilcraft lnc.
CS-4-13NTA COILCRAFT-CS-4-13NTA Datasheet
190Kb / 7P
   ROTARY SELECTOR SWITCHES
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com