Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FM25C160-S Arkusz danych(PDF) 11 Page - List of Unclassifed Manufacturers

Numer części FM25C160-S
Szczegółowy opis  16Kb FRAM Serial Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC1 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC1 - List of Unclassifed Manufacturers

FM25C160-S Arkusz danych(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button FM25C160-S Datasheet HTML 6Page - List of Unclassifed Manufacturers FM25C160-S Datasheet HTML 7Page - List of Unclassifed Manufacturers FM25C160-S Datasheet HTML 8Page - List of Unclassifed Manufacturers FM25C160-S Datasheet HTML 9Page - List of Unclassifed Manufacturers FM25C160-S Datasheet HTML 10Page - List of Unclassifed Manufacturers FM25C160-S Datasheet HTML 11Page - List of Unclassifed Manufacturers FM25C160-S Datasheet HTML 12Page - List of Unclassifed Manufacturers FM25C160-S Datasheet HTML 13Page - List of Unclassifed Manufacturers FM25C160-S Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
FM25C160
Rev. 2.1
Aug. 2003
Page 11 of 14
AC Parameters (TA = -40° C to + 85° C, VDD = 4.5V to 5.5V unless otherwise specified)
Symbol
Parameter
Min
Max
Units
Notes
fCK
SCK Clock Frequency
0
5.0
MHz
tCH
Clock High Time
90
ns
tCL
Clock Low Time
90
ns
tCSU
Chip Select Setup
90
ns
tCSH
Chip Select Hold
90
ns
tOD
Output Disable
100
ns
2
tODV
Output Data Valid
60
ns
tOH
Output Hold
0
ns
tD
Deselect Time
100
ns
tR
Data In Rise Time
1
µs
1, 2
tF
Data In Fall Time
1
µs
1, 2
tSU
Data Setup Time
20
ns
tH
Data Hold Time
30
ns
tHS
/Hold Setup Time
70
ns
tHH
/Hold Hold Time
40
ns
tHZ
/Hold Low to Hi-Z
100
ns
2
tLZ
/Hold High to Data Active
50
ns
2
Notes
1.
Rise and fall times measured between 10% and 90% of waveform.
2.
This parameter is periodically sampled and not 100% tested.
Capacitance (TA = 25° C, f=1.0 MHz, VDD = 5V)
Symbol
Parameter
Max
Units
Notes
CO
Output capacitance (SO)
8
pF
1
CI
Input capacitance
6
pF
1
Notes
1.
This parameter is periodically sampled and not 100% tested.
AC Test Conditions
Input Pulse Levels
10% and 90% of VDD
Input rise and fall times
10 ns
Input and output timing levels
0.5 VDD
Equivalent AC Load Circuit


Podobny numer części - FM25C160-S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ramtron International C...
FM25C160-GA RAMTRON-FM25C160-GA Datasheet
149Kb / 13P
   16Kb FRAM Serial Memory
More results

Podobny opis - FM25C160-S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
FM25160 ETC-FM25160 Datasheet
638Kb / 14P
   16Kb FRAM Serial Memory
FM24C16A ETC1-FM24C16A Datasheet
93Kb / 13P
   16Kb FRAM Serial Memory
logo
Ramtron International C...
FM24C16A RAMTRON-FM24C16A_05 Datasheet
93Kb / 12P
   16Kb FRAM Serial Memory
FM25C160 RAMTRON-FM25C160 Datasheet
149Kb / 13P
   16Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM24CL16 ETC-FM24CL16 Datasheet
90Kb / 13P
   16Kb FRAM Serial 3V Memory
FM25L16 ETC-FM25L16 Datasheet
149Kb / 14P
   16Kb FRAM Serial 3V Memory
logo
Ramtron International C...
FM25L16 RAMTRON-FM25L16_06 Datasheet
146Kb / 14P
   16Kb FRAM Serial 3V Memory
FM24CL16 RAMTRON-FM24CL16_05 Datasheet
107Kb / 13P
   16Kb FRAM Se rial 3V Memory
FM24CL04 RAMTRON-FM24CL04_05 Datasheet
116Kb / 11P
   4Kb FRAM Serial Memory
FM25640 RAMTRON-FM25640 Datasheet
131Kb / 14P
   64Kb FRAM Serial Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com