Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADSP-21363SBBCZENG Arkusz danych(PDF) 5 Page - Analog Devices

Numer części ADSP-21363SBBCZENG
Szczegółowy opis  SHARC Processor
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADSP-21363SBBCZENG Arkusz danych(HTML) 5 Page - Analog Devices

  ADSP-21363SBBCZENG Datasheet HTML 1Page - Analog Devices ADSP-21363SBBCZENG Datasheet HTML 2Page - Analog Devices ADSP-21363SBBCZENG Datasheet HTML 3Page - Analog Devices ADSP-21363SBBCZENG Datasheet HTML 4Page - Analog Devices ADSP-21363SBBCZENG Datasheet HTML 5Page - Analog Devices ADSP-21363SBBCZENG Datasheet HTML 6Page - Analog Devices ADSP-21363SBBCZENG Datasheet HTML 7Page - Analog Devices ADSP-21363SBBCZENG Datasheet HTML 8Page - Analog Devices ADSP-21363SBBCZENG Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
ADSP-21363
Preliminary Technical Data
Rev. PrA
|
Page 5 of 44
|
September 2004
Flexible Instruction Set
The 48-bit instruction word accommodates a variety of parallel
operations, for concise programming. For example, the
ADSP-21363 can conditionally execute a multiply, an add, and a
subtract in both processing elements while branching and fetch-
ing up to four 32-bit values from memory—all in a single
instruction.
ADSP-21363 MEMORY AND I/O INTERFACE
FEATURES
The ADSP-21363 adds the following architectural features to
the SIMD SHARC family core.
On-Chip Memory
The ADSP-21363 contains three megabits of internal SRAM
and four megabits of internal mask-programmable ROM. Each
block can be configured for different combinations of code and
data storage (see Table 2). Each memory block supports single-
cycle, independent accesses by the core processor and I/O pro-
cessor. The ADSP-21363 memory architecture, in combination
with its separate on-chip buses, allow two data transfers from
the core and one from the I/O processor, in a single cycle.
The ADSP-21363’s, SRAM can be configured as a maximum of
96K words of 32-bit data, 192K words of 16-bit data, 64K words
of 48-bit instructions (or 40-bit data), or combinations of differ-
ent word sizes up to three megabits. All of the memory can be
accessed as 16-bit, 32-bit, 48-bit, or 64-bit words. A 16-bit float-
ing-point storage format is supported that effectively doubles
the amount of data that may be stored on-chip. Conversion
between the 32-bit floating-point and 16-bit floating-point for-
mats is performed in a single instruction. While each memory
block can store combinations of code and data, accesses are
most efficient when one block stores data using the DM bus for
transfers, and the other block stores instructions and data using
the PM bus for transfers.
Table 2. ADSP-21363 Internal Memory Space
IOP Registers 0x0000 0000 - 0003 FFFF
Long Word (64 bits)
Extended Precision Normal or
Instruction Word (48 bits)
Normal Word (32 bits)
Short Word (16 bits)
BLOCK 0 ROM
0x0004 0000–0x0004 7FFF
BLOCK 0 ROM
0x0008 0000–0x0008 AAAA
BLOCK 0 ROM
0x0008 0000–0x0008 FFFF
BLOCK 0 ROM
0x0010 0000–0x0011 FFFF
Reserved
0x0004 8000–0x0004 BFFF
Reserved
0x0009 0000–0x0009 7FFF
Reserved
0x0012 0000–0x0012 FFFF
BLOCK 0 RAM
0x0004 C000–0x0004 FFFF
BLOCK 0 RAM
0x0009 0000–0x0009 5555
BLOCK 0 RAM
0x0009 8000–0x0009 FFFF
BLOCK 0 RAM
0x0013 0000–0x0013 FFFF
BLOCK 1 ROM
0x0005 0000–0x0005 7FFF
BLOCK 1 ROM
0x000A 0000–0x000A AAAA
BLOCK 1 ROM
0x000A 0000– 0x000A FFFF
BLOCK 1 ROM
0x0014 0000–0x0015 FFFF
Reserved
0x0005 8000–0x0005 BFFF
Reserved
0x000B 0000– 0x000B 7FFF
Reserved
0x0016 0000–0x0016 FFFF
BLOCK 1 RAM
0x0005 C000–0x0005 FFFF
BLOCK 1 RAM
0x000B 0000–0x000B 5555
BLOCK 1 RAM
0x000B 8000–0x000B FFFF
BLOCK 1 RAM
0x0017 0000–0x0017 FFFF
BLOCK 2 RAM
0x0006 0000–0x0006 1FFF
BLOCK 2 RAM
0x000C 0000–0x000C 2AAA
BLOCK 2 RAM
0x000C 0000–0x000C 3FFF
BLOCK 2 RAM
0x0018 0000–0x0018 7FFF
Reserved
0x0006 2000– 0x0006 FFFF
Reserved
0x000C 4000– 0x000D FFFF
Reserved
0x0018 8000–0x001B FFFF
BLOCK 3 RAM
0x0007 0000–0x0007 1FFF
BLOCK 3 RAM
0x000E 0000–0x000E 2AAA
BLOCK 3 RAM
0x000E 0000–0x000E 3FFF
BLOCK 3 RAM
0x001C 0000–0x001C 7FFF
Reserved
0x0007 2000– 0x0007 FFFF
Reserved
0x000E 4000–0x000F FFFF
Reserved
0x001C 8000–0x001F FFFF
Reserved
0x0020 0000–0xFFFF FFFF


Podobny numer części - ADSP-21363SBBCZENG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADSP-21363 AD-ADSP-21363 Datasheet
2Mb / 52P
   SHARC Processor
REV. A
ADSP-21363BBC-1AA AD-ADSP-21363BBC-1AA Datasheet
2Mb / 52P
   SHARC Processor
REV. A
ADSP-21363BBC-1AA AD-ADSP-21363BBC-1AA Datasheet
1Mb / 56P
   SHARC Processors
Rev. G
ADSP-21363BBCZ-1AA AD-ADSP-21363BBCZ-1AA Datasheet
2Mb / 52P
   SHARC Processor
REV. A
ADSP-21363BBCZ-1AA AD-ADSP-21363BBCZ-1AA Datasheet
1Mb / 56P
   SHARC Processors
Rev. G
More results

Podobny opis - ADSP-21363SBBCZENG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADSP-21262 AD-ADSP-21262 Datasheet
1Mb / 44P
   SHARC Processor
REV. A
ADSP-21362 AD-ADSP-21362 Datasheet
2Mb / 52P
   SHARC Processor
REV. A
ADSP-21060CZ-160 AD-ADSP-21060CZ-160 Datasheet
949Kb / 64P
   SHARC Processor
Rev. F
ADSP-21489BSWZ-4B AD-ADSP-21489BSWZ-4B Datasheet
1Mb / 68P
   SHARC Processor
REV. B
ADSP-21477KCPZ-1A AD-ADSP-21477KCPZ-1A Datasheet
1Mb / 76P
   SHARC Processor
REV. C
ADSP-21060CZ-160 AD-ADSP-21060CZ-160 Datasheet
811Kb / 64P
   SHARC Processor
Rev. F
ADSP-21062LCSZ-160 AD-ADSP-21062LCSZ-160 Datasheet
811Kb / 64P
   SHARC Processor
Rev. F
ADSP-21060KS-160 AD-ADSP-21060KS-160 Datasheet
817Kb / 64P
   SHARC Processor
Rev. F
ADSP-21469BBCZ-3 AD-ADSP-21469BBCZ-3 Datasheet
2Mb / 72P
   SHARC Processor
REV. 0
ADSP-21364 AD-ADSP-21364 Datasheet
853Kb / 52P
   SHARC Processor
Rev. PrB
ADSP-21375 AD-ADSP-21375 Datasheet
1Mb / 42P
   SHARC Processor
Rev. PrB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com