Zakładka z wyszukiwarką danych komponentów |
|
AD8677 Arkusz danych(PDF) 3 Page - Analog Devices |
|
AD8677 Arkusz danych(HTML) 3 Page - Analog Devices |
3 / 16 page AD8677 Rev. 0 | Page 3 of 16 SPECIFICATIONS V S = ±5.0 V, TA = +25°C, unless otherwise specified. Table 1. Parameter Symbol Test Conditions/Comments Min Typ Max Unit INPUT CHARACTERISTICS Offset Voltage VOS 40 130 μV −40°C ≤ TA ≤ +125°C 350 μV Input Bias Current I B 0.2 1 nA −40°C ≤ TA ≤ +125°C 1 nA Input Offset Current IOS 0.1 1 nA −40°C ≤ TA ≤ +125°C 1 nA Input Voltage Range −3.5 +3.5 V Common-Mode Rejection Ratio CMRR VCM = ±3 V 120 127 dB −40°C ≤ TA ≤ +125°C 120 dB Open-Loop Gain AVO RL = 2 k Ω to ground, V O = ±3 V 1000 10000 V/mV −40°C ≤ TA ≤ +125°C 1000 V/mV ΔV OS / ΔT −40°C ≤ TA ≤ +125°C 0.5 1.4 μV/°C OUTPUT CHARACTERISTICS Output Voltage Swing VOUT RL = 10 k Ω to ground ±3.95 ±4.1 V −40°C ≤ TA ≤ +125°C ±3.95 V RL = 2 k Ω to ground ±3.9 ±4 V −40°C ≤ TA ≤ +125°C ±3.9 V Short-Circuit Limit ISC 27 mA Output Current IO VO = 3.5 V 15 mA POWER SUPPLY Power Supply Rejection Ratio PSRR VS = ±4.0 V to ±18.0 V 115 130 dB −40°C ≤ TA ≤ +125°C 110 dB Supply Current/Amplifier ISY VO = 0 V 1.1 1.25 mA −40°C ≤ TA ≤ +125°C 1.7 mA DYNAMIC PERFORMANCE Slew Rate SR RL = 10 k Ω 0.2 V/μs Gain Bandwidth Product GBP 0.6 MHz Phase Margin 80 Degrees NOISE PERFORMANCE Voltage Noise en p-p 0.1 Hz to 10 Hz 0.28 μV p-p Voltage Noise Density en f = 1 kHz 10 nV/ √Hz Current Noise Density in f = 1 kHz 0.074 pA/ √Hz |
Podobny numer części - AD8677 |
|
Podobny opis - AD8677 |