Zakładka z wyszukiwarką danych komponentów |
|
MC1488D1 Arkusz danych(PDF) 3 Page - Motorola, Inc |
|
MC1488D1 Arkusz danych(HTML) 3 Page - Motorola, Inc |
3 / 12 page MC1488 3/12 ELECTRICAL CHARACTERISTICS VS =9V ± 10%, VEE =-9V ± 10%, Tamb = 0 to 75°C, unless otherwise specified. SWITCHING CHARACTERISTICS VS =9 ± 1V, VEE =-9 ± 1V, Tamb = 25°C * Maximum package power dissipation may be exceeded if all outputs are shorted simultaneously. Symbol Parameter Test Conditions Min. Typ. Max. Unit IIL Input Current (Fig 1) Low Logic State VIL = 0 V 1 1.6 mA IIH Input Current (Fig 1) High Logic State VIH =5 V 10 µA VOH Output Voltage (Fig. 2) High Logic State RL = 3K, VIL = 0.8 V VS =9V, VEE = -9V 6 7 V VS = 13V, VEE = -13V 9 10.5 VOL Output Voltage (Fig. 2) Low Logic State VIH = 1.9 V VS = -9V, VEE =9V -6 -7 V VEE = -13.2V, VS=13.2V -9 -10.5 IOS +* Positive Output Short- Circuit Current (Fig. 3) 610 12 mA IOS -* Negative Output Short- Circuit Current (Fig. 3) -6 -10 -12 mA RO Output Resistance (Fig. 4) VS =VEE =0 VOL = ± 2V 300 Ω IS Positive Supply Current (RI = ∞) (Fig. 5) VIH =1.9 V VS =9 V 15 20 mA VIL =0.8 V VS =9 V 4.5 6 VIH =1.9 V VS =12V 19 25 VIL =0.8 V VS =12V 5.5 7 VIH =1.9 V VS =15V 34 VIL =0.8 V VS =15V 12 IEE Negative Supply Current (RL = ∞) (Fig. 5) VIH =1.9 V VS = -9 V -13 -17 mA VIL =0.8 V VS = -9 V -15 µA VIH =1.9 V VS = -12 V -18 -23 mA VIL =0.8 V VS = -12 V -15 µA VIH =1.9 V VS = -15 V -34 mA VIL =0.8 V VS = -15 V -2.5 PC Power Consumption VS =9 V VEE =-9 V 333 mW VS =12 V VEE = -12 V 567 Symbol Parameter Test Conditions Min. Typ. Max. Unit tPHL Propagation Delay Time (Fig 6) ZI =3 KΩ and 15 pF 275 350 ns tTHL Fall Time (Fig 6) ZI =3 KΩ and 15 pF 45 75 ns tPHL Propagation Delay Time (Fig 6) ZI =3 KΩ and 15 pF 110 175 ns tTHL Fall Time (Fig 6) ZI =3 KΩ and 15 pF 55 100 ns |
Podobny numer części - MC1488D1 |
|
Podobny opis - MC1488D1 |