Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NE18EE01 Arkusz danych(PDF) 9 Page - ITT Industries

Numer części NE18EE01
Szczegółowy opis  Mains / Power Switches
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ITT [ITT Industries]
Strona internetowa  http://www.ittcannon.com
Logo ITT - ITT Industries

NE18EE01 Arkusz danych(HTML) 9 Page - ITT Industries

  NE18EE01 Datasheet HTML 1Page - ITT Industries NE18EE01 Datasheet HTML 2Page - ITT Industries NE18EE01 Datasheet HTML 3Page - ITT Industries NE18EE01 Datasheet HTML 4Page - ITT Industries NE18EE01 Datasheet HTML 5Page - ITT Industries NE18EE01 Datasheet HTML 6Page - ITT Industries NE18EE01 Datasheet HTML 7Page - ITT Industries NE18EE01 Datasheet HTML 8Page - ITT Industries NE18EE01 Datasheet HTML 9Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
A–106
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ittcannon.com
Third Angle
Projection
C&K NE-18 Series
Mains / Power Switches
MECHANICAL BUTTON
STYLE
SHELL COLOR
OUT POSITION COLOR
IN POSITION COLOR
01
BLACK
01
BLACK
F08 FA201
F11
FA200
STYLE
SHELL COLOR
OUT POSITION COLOR
IN POSITION COLOR
02
WHITE
06
YELLOW
07
BLUE
08
GREEN
12
ORANGE
COLOR
OPTION CODE
A


Podobny numer części - NE18EE01

ProducentNumer częściArkusz danychSzczegółowy opis
logo
C&K Components
NE18 CK-COMPONENTS-NE18 Datasheet
388Kb / 9P
   Power Switches
NE18-2A-EE-SP CK-COMPONENTS-NE18-2A-EE-SP Datasheet
388Kb / 9P
   NE-18 Series Mains / Power Switches
NE1801B CK-COMPONENTS-NE1801B Datasheet
388Kb / 9P
   Power Switches
NE1802B CK-COMPONENTS-NE1802B Datasheet
388Kb / 9P
   Power Switches
NE1839EE CK-COMPONENTS-NE1839EE Datasheet
421Kb / 9P
   Various contact configurations
More results

Podobny opis - NE18EE01

ProducentNumer częściArkusz danychSzczegółowy opis
logo
C&K Components
NE-18 CK-COMPONENTS-NE-18_V01 Datasheet
1Mb / 9P
   Mains / Power Switches
22 Dec 21
NE18-2A-EE-SP CK-COMPONENTS-NE18-2A-EE-SP Datasheet
388Kb / 9P
   NE-18 Series Mains / Power Switches
logo
ITT Industries
F0203 ITT-F0203 Datasheet
1,008Kb / 9P
   C K NE-18 Series Mains / Power Switches
logo
STMicroelectronics
AN2799 STMICROELECTRONICS-AN2799 Datasheet
381Kb / 14P
   Measuring mains power consumption
logo
List of Unclassifed Man...
SF2010-6 ETC2-SF2010-6 Datasheet
85Kb / 2P
   MAINS INPUT FILTERS
logo
NXP Semiconductors
TEA1401T PHILIPS-TEA1401T Datasheet
166Kb / 20P
   Power plug for the universal mains
1997 Mar 07
logo
ECM Electronics Limited...
TCH-A ECM-TCH-A Datasheet
144Kb / 3P
   Flat Mains Transformer
logo
Schurter Inc.
4121 SCHURTER-4121 Datasheet
273Kb / 2P
   Power Supply Cord with Euro- Power (Mains) Plug, Straight
logo
PIC GmbH
MS-216-5 PIC-MS-216-5 Datasheet
22Kb / 1P
   Mains switching Reed Sensor
logo
Schurter Inc.
422U SCHURTER-422U Datasheet
336Kb / 2P
   Power Supply Cord with Shako Power (Mains) Plug, Angled
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com