Zakładka z wyszukiwarką danych komponentów |
|
ADSP-21367 Arkusz danych(PDF) 4 Page - Analog Devices |
|
ADSP-21367 Arkusz danych(HTML) 4 Page - Analog Devices |
4 / 48 page Rev. PrA | Page 4 of 48 | November 2004 ADSP-21367 Preliminary Technical Data GENERAL DESCRIPTION The ADSP-21367 SHARC processor is a members of the SIMD SHARC family of DSPs that feature Analog Devices' Super Har- vard Architecture. The ADSP-21367 is source code compatible with the ADSP-2126x, and ADSP-2116x, DSPs as well as with first generation ADSP-2106x SHARC processors in SISD (Sin- gle-Instruction, Single-Data) mode. The ADSP-21367 is a 32- bit/40-bit floating point processors optimized for high perfor- mance automotive audio applications with its large on-chip SRAM and mask-programmable ROM, multiple internal buses to eliminate I/O bottlenecks, and an innovative Digital Audio Interface (DAI). As shown in the functional block diagram on page 1, the ADSP-21367 uses two computational units to deliver a signifi- cant performance increase over the previous SHARC processors on a range of DSP algorithms. Fabricated in a state-of-the-art, high speed, CMOS process, the ADSP-21367 processor achieves an instruction cycle time of 2.5 ns at 400 MHz. With its SIMD computational hardware, the ADSP-21367 can perform 2.4 GFLOPS running at 400 MHz. Table 1 shows performance benchmarks for the ADSP-21367. The ADSP-21367 continues SHARC’s industry leading stan- dards of integration for DSPs, combining a high performance 32-bit DSP core with integrated, on-chip system features. The block diagram of the ADSP-21367 on page 1, illustrates the following architectural features: • Two processing elements, each of which comprises an ALU, Multiplier, Shifter and Data Register File • Data Address Generators (DAG1, DAG2) • Program sequencer with instruction cache • PM and DM buses capable of supporting four 32-bit data transfers between memory and the core at every core pro- cessor cycle • Three Programmable Interval Timers with PWM Genera- tion, PWM Capture/Pulse width Measurement, and External Event Counter Capabilities •On-Chip SRAM (2M bit) • On-Chip mask-programmable ROM (6M bit) • JTAG test access port The block diagram of the ADSP-21367 on page 1 also illustrates the following architectural features: • DMA controller • Eight full duplex serial ports • Two SPI-compatible interface ports • Digital Audio Interface that includes four precision clock generators (PCG), an input data port (IDP), an S/PDIF receiver/transmitter, eight channels asynchronous sample rate converters, eight serial ports, eight serial interfaces, a 20-bit parallel input port, a flexible signal routing unit (SRU), and a Digital Peripheral Interface (DPI) ADSP-21367 FAMILY CORE ARCHITECTURE The ADSP-21367 is code compatible at the assembly level with the ADSP-2126x, ADSP-21160 and ADSP-21161, and with the first generation ADSP-2106x SHARC processors. The ADSP- 21367 shares architectural features with the ADSP-2126x and ADSP-2116x SIMD SHARC processors, as detailed in the fol- lowing sections. SIMD Computational Engine The ADSP-21367 contains two computational processing ele- ments that operate as a Single-Instruction Multiple-Data (SIMD) engine. The processing elements are referred to as PEX and PEY and each contains an ALU, multiplier, shifter and reg- ister file. PEX is always active, and PEY may be enabled by setting the PEYEN mode bit in the MODE1 register. When this mode is enabled, the same instruction is executed in both pro- cessing elements, but each processing element operates on different data. This architecture is efficient at executing math intensive DSP algorithms. Entering SIMD mode also has an effect on the way data is trans- ferred between memory and the processing elements. When in SIMD mode, twice the data bandwidth is required to sustain computational operation in the processing elements. Because of this requirement, entering SIMD mode also doubles the band- width between memory and the processing elements. When using the DAGs to transfer data in SIMD mode, two data values are transferred with each access of memory or the register file. Independent, Parallel Computation Units Within each processing element is a set of computational units. The computational units consist of an arithmetic/logic unit (ALU), multiplier, and shifter. These units perform all opera- tions in a single cycle. The three units within each processing element are arranged in parallel, maximizing computational throughput. Single multifunction instructions execute parallel ALU and multiplier operations. In SIMD mode, the parallel ALU and multiplier operations occur in both processing ele- Table 1. ADSP-21367 Benchmarks (at 400 MHz) Benchmark Algorithm Speed (at 400 MHz) 1024 Point Complex FFT (Radix 4, with reversal) 23.25 µs FIR Filter (per tap)1 1 Assumes two files in multichannel SIMD mode 1.25 ns IIR Filter (per biquad)1 5.0 ns Matrix Multiply (pipelined) [3x3] × [3x1] [4x4] × [4x1] 11.25 ns 20.0 ns Divide (y/×) 8.75 ns Inverse Square Root 13.5 ns |
Podobny numer części - ADSP-21367 |
|
Podobny opis - ADSP-21367 |