Zakładka z wyszukiwarką danych komponentów |
|
ADSP-21367 Arkusz danych(PDF) 7 Page - Analog Devices |
|
ADSP-21367 Arkusz danych(HTML) 7 Page - Analog Devices |
7 / 48 page ADSP-21367 Preliminary Technical Data Rev. PrA | Page 7 of 48 | November 2004 • Four Sample Rate Converters • Internal Data port/Parallel Data Acquisition port The ADSP-21367 processor also contains a 14 pin Digital Peripheral Interface which controls: • Three general-purpose timers • Two Serial Peripheral Interfaces •Two Universal Asynchronous Receiver/Transmitters (UARTs) • A Two Wire Interface/I2C DMA Controller The ADSP-21367’s on-chip DMA controller allows data trans- fers without processor intervention. The DMA controller operates independently and invisibly to the processor core, allowing DMA operations to occur while the core is simulta- neously executing its program instructions. DMA transfers can occur between the ADSP-21367’s internal memory and its serial ports, the SPI-compatible (Serial Peripheral Interface) ports, the IDP (Input Data Port), the Parallel Data Acquisition Port (PDAP) or the UART. Thirty-four channels of DMA are avail- able on the ADSP-21367—sixteen via the serial ports, eight via the Input Data Port, four for the UARTs, two for the SPI inter- face, two for the external port, and two for memory-to-memory transfers. Programs can be downloaded to the ADSP-21367 using DMA transfers. Other DMA features include interrupt generation upon completion of DMA transfers, and DMA chaining for automatic linked DMA transfers. Delay Line DMA The ADSP-21367 processor provides Delay Line DMA func- tionality. This allows processor reads and writes to external Delay Line Buffers (and hence to external memory) with limited core interaction. Digital Audio Interface (DAI) The Digital Audio Interface (DAI) provides the ability to con- nect various peripherals to any of the DSPs DAI pins (DAI_P20–1). Programs make these connections using the Signal Routing Unit (SRU, shown in Figure 1. The SRU is a matrix routing unit (or group of multiplexers) that enables the peripherals provided by the DAI to be intercon- nected under software control. This allows easy use of the DAI associated peripherals for a much wider variety of applications by using a larger set of algorithms than is possible with non con- figurable signal paths. The DAI also includes eight serial ports, an S/PDIF receiver/transmitter, four precision clock generators (PCG), eight channels of synchronous sample rate converters, and an input data port (IDP). The IDP provides an additional input path to the ADSP-21367 core, configurable as either eight chan- nels of I2S serial data or as seven channels plus a single 20-bit wide synchronous parallel data acquisition port. Each data channel has its own DMA channel that is independent from the ADSP-21367's serial ports. For complete information on using the DAI, see the ADSP- 2136x SHARC Processor Hardware Reference. Serial Ports The ADSP-21367 features eight synchronous serial ports that provide an inexpensive interface to a wide variety of digital and mixed-signal peripheral devices such as Analog devices AD183x family of audio codecs, ADCs, and DACs. The serial ports are made up of two data lines, a clock and frame sync. The data lines can be programmed to either transmit or receive and each data line has a dedicated DMA channel. Serial ports are enabled via 16 programmable and simultaneous receive or transmit pins that support up to 32 transmit or 32 receive channels of audio data when all eight SPORTS are enabled, or eight full duplex TDM streams of 128 channels per frame. The serial ports operate at a maximum data rate of 50M bits/s. Serial port data can be automatically transferred to and from on-chip memory via dedicated DMA channels. Each of the serial ports can work in conjunction with another serial port to provide TDM support. One SPORT provides two transmit sig- nals while the other SPORT provides the two receive signals. The frame sync and clock are shared. Serial ports operate in five modes: • Standard DSP serial mode •Multichannel (TDM) mode with support for Packed I2S mode •I2S mode •Packed I2S mode • Left-justified sample pair mode Left-justified sample pair mode is a mode where in each frame sync cycle two samples of data are transmitted/received—one sample on the high segment of the frame sync, the other on the low segment of the frame sync. Programs have control over var- ious attributes of this mode. Each of the serial ports supports the left-justified sample pair and I2S protocols (I2S is an industry standard interface com- monly used by audio codecs, ADCs and DACs such as the Analog Devices AD183x family), with two data pins, allowing four left-justified sample pair or I2S channels (using two stereo devices) per serial port, with a maximum of up to 32 I2S chan- nels. The serial ports permit little-endian or big-endian transmission formats and word lengths selectable from 3 bits to 32 bits. For the left-justified sample pair and I2S modes, data- word lengths are selectable between 8 bits and 32 bits. Serial ports offer selectable synchronization and transmit modes as well as optional µ-law or A-law companding selection on a per channel basis. Serial port clocks and frame syncs can be inter- nally or externally generated. The serial ports also contain frame sync error detection logic where the serial ports detect frame syncs that arrive early (for example frame syncs that arrive while the transmission/recep- tion of the previous word is occurring). All the serial ports also share one dedicated error interrupt. |
Podobny numer części - ADSP-21367 |
|
Podobny opis - ADSP-21367 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |