Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADF4108BCPZ Arkusz danych(PDF) 10 Page - Analog Devices

Numer części ADF4108BCPZ
Szczegółowy opis  PLL Frequency Synthesizer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADF4108BCPZ Arkusz danych(HTML) 10 Page - Analog Devices

Back Button ADF4108BCPZ Datasheet HTML 6Page - Analog Devices ADF4108BCPZ Datasheet HTML 7Page - Analog Devices ADF4108BCPZ Datasheet HTML 8Page - Analog Devices ADF4108BCPZ Datasheet HTML 9Page - Analog Devices ADF4108BCPZ Datasheet HTML 10Page - Analog Devices ADF4108BCPZ Datasheet HTML 11Page - Analog Devices ADF4108BCPZ Datasheet HTML 12Page - Analog Devices ADF4108BCPZ Datasheet HTML 13Page - Analog Devices ADF4108BCPZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADF4108
Rev. 0 | Page 10 of 20
HI
HI
D1
D2
Q1
Q2
CLR2
CP
U1
U2
UP
DOWN
ABP2
ABP1
CPGND
U3
R DIVIDER
PROGRAMMABLE
DELAY
N DIVIDER
VP
CHARGE
PUMP
CLR1
Figure 14. PFD Simplified Schematic and Timing (in Lock)
MUXOUT AND LOCK DETECT
The output multiplexer on the ADF4108 allows the user to
access various internal points on the chip. The state of
MUXOUT is controlled by M3, M2, and M1 in the function
latch. Figure 19 shows the full truth table. Figure 15 shows the
MUXOUT section in block diagram form.
Lock Detect
MUXOUT can be programmed for two types of lock detect:
digital lock detect and analog lock detect.
Digital lock detect is active high. When the lock detect
precision (LDP) bit in the R counter latch is set to 0, digital lock
detect is set high when the phase error on three consecutive
phase detector (PD) cycles is less than 15 ns. With LDP set to 1,
five consecutive cycles of less than 15 ns are required to set the
lock detect. It will stay set high until a phase error of greater
than 25 ns is detected on any subsequent PD cycle.
The N-channel open-drain analog lock detect should be
operated with an external pull-up resistor of 10 kΩ nominal.
When lock has been detected, this output will be high with
narrow, low-going pulses.
DGND
DVDD
CONTROL
MUX
ANALOG LOCK DETECT
DIGITAL LOCK DETECT
R COUNTER OUTPUT
N COUNTER OUTPUT
SDOUT
MUXOUT
Figure 15. MUXOUT Circuit
INPUT SHIFT REGISTER
The ADF4108 digital section includes a 24-bit input shift
register, a 14-bit R counter, and a 19-bit N counter, comprising a
6-bit A counter and a 13-bit B counter. Data is clocked into the
24-bit shift register on each rising edge of CLK. The data is
clocked in MSB first. Data is transferred from the shift register
to one of four latches on the rising edge of LE. The destination
latch is determined by the state of the two control bits (C2, C1)
in the shift register. These are the 2 LSBs, DB1 and DB0, as
shown in the timing diagram of Figure 2. The truth table for
these bits is shown in Table 5.
Figure 16 shows a summary of how the latches are
programmed.
Table 5. C2 and C1 Truth Table
Control Bits
C2
C1
Data Latch
0
0
R counter
0
1
N counter (A and B)
1
0
Function latch (Including prescaler)
1
1
Initialization latch


Podobny numer części - ADF4108BCPZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADF4108L703F AD-ADF4108L703F Datasheet
791Kb / 21P
   PLL Frequency Synthesizer
REV. A
ADF4108S AD-ADF4108S Datasheet
791Kb / 21P
   PLL Frequency Synthesizer
REV. A
More results

Podobny opis - ADF4108BCPZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TB31206FN TOSHIBA-TB31206FN Datasheet
602Kb / 15P
   PLL FREQUENCY SYNTHESIZER
logo
Analog Devices
ADF4107 AD-ADF4107_15 Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
REV. D
ADF4107BCPZ AD-ADF4107BCPZ Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
Rev. D
EVAL-ADF4108EBZ1 AD-EVAL-ADF4108EBZ1 Datasheet
404Kb / 20P
   PLL Frequency Synthesizer
REV. B
ADF4106 AD-ADF4106_15 Datasheet
361Kb / 24P
   PLL Frequency Synthesizer
Rev. E
logo
Sanyo Semicon Device
LC72131K SANYO-LC72131K Datasheet
206Kb / 22P
   PLL Frequency Synthesizer
logo
Analog Devices
ADF4108S AD-ADF4108S Datasheet
791Kb / 21P
   PLL Frequency Synthesizer
REV. A
logo
Infineon Technologies A...
PMB2304R INFINEON-PMB2304R Datasheet
1Mb / 33P
   PLL-FREQUENCY SYNTHESIZER
Version 2.1 June 2002
logo
LANSDALE Semiconductor ...
ML145106 LANSDALE-ML145106_08 Datasheet
151Kb / 8P
   PLL Frequency Synthesizer
logo
Analog Devices
ADF4106 AD-ADF4106 Datasheet
228Kb / 20P
   PLL Frequency Synthesizer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com