Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STD11NM60N Arkusz danych(PDF) 10 Page - STMicroelectronics

Numer części STD11NM60N
Szczegółowy opis  N-channel 600V-0.37ohm-10A-TO-220-TO-220FP- IPAK-DPAK Second generation MDmesh Power MOSFET
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD11NM60N Arkusz danych(HTML) 10 Page - STMicroelectronics

Back Button STD11NM60N Datasheet HTML 6Page - STMicroelectronics STD11NM60N Datasheet HTML 7Page - STMicroelectronics STD11NM60N Datasheet HTML 8Page - STMicroelectronics STD11NM60N Datasheet HTML 9Page - STMicroelectronics STD11NM60N Datasheet HTML 10Page - STMicroelectronics STD11NM60N Datasheet HTML 11Page - STMicroelectronics STD11NM60N Datasheet HTML 12Page - STMicroelectronics STD11NM60N Datasheet HTML 13Page - STMicroelectronics STD11NM60N Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Package mechanical data
STD11NM60N - STD11NM60N-1 - STF11NM60N - STP11NM60N
10/17
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect . The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at : www.st.com


Podobny numer części - STD11NM60N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STD11NM60N STMICROELECTRONICS-STD11NM60N Datasheet
489Kb / 18P
   N-channel 600V - 0.37廓 - 10A - TO-220/FP- I/I2PAK - DPAK second generation MDmesh??Power MOSFET
STD11NM60N STMICROELECTRONICS-STD11NM60N Datasheet
623Kb / 21P
   N-channel 600 V - 0.37 廓 - 10 A - TO-220 - TO-220FP- I2PAK - IPAK DPAK - D2PAK second generation MDmesh??Power MOSFET
STD11NM60N STMICROELECTRONICS-STD11NM60N Datasheet
641Kb / 20P
   N-channel 600 V, 0.37 廓, 10 A MDmesh??II Power MOSFET TO-220, TO-220FP, I2PAK, IPAK, DPAK, D2PAK
logo
Inchange Semiconductor ...
STD11NM60N ISC-STD11NM60N Datasheet
323Kb / 2P
   isc N-Channel Mosfet Transistor
logo
STMicroelectronics
STD11NM60N-1 STMICROELECTRONICS-STD11NM60N-1 Datasheet
489Kb / 18P
   N-channel 600V - 0.37廓 - 10A - TO-220/FP- I/I2PAK - DPAK second generation MDmesh??Power MOSFET
More results

Podobny opis - STD11NM60N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STD6NM60N STMICROELECTRONICS-STD6NM60N Datasheet
619Kb / 17P
   N-channel 600V - 0.85廓 - 4.6A - TO-220 - TO-220FP - IPAK - DPAK Second generation MDmesh??Power MOSFET
STD9NM50N STMICROELECTRONICS-STD9NM50N Datasheet
491Kb / 17P
   N-channel 500V - 0.47廓 - 7.5A - TO-220 - TO-220FP - IPAK - DPAK Second generation MDmesh??Power MOSFET
STD7NM50N STMICROELECTRONICS-STD7NM50N Datasheet
421Kb / 17P
   N-channel 500V - 0.70廓 - 5A - TO-220 - TO-220FP - IPAK - DPAK Second generation MDmesh??Power MOSFET
STP8NM60 STMICROELECTRONICS-STP8NM60 Datasheet
603Kb / 13P
   N-CHANNEL 600V - 0.9ohm - 8A TO-220/TO-220FP/DPAK/IPAK MDmesh??Power MOSFET
STD10NM65N STMICROELECTRONICS-STD10NM65N Datasheet
504Kb / 17P
   N-channel 650 V - 0.43 廓 - 9 A - TO-220 - TO-220FP- IPAK - DPAK second generation MDmesh??Power MOSFET
STD8NM60N STMICROELECTRONICS-STD8NM60N Datasheet
492Kb / 17P
   N-channel 600 V - 0.56 廓 - 7 A - TO-220 - TO-220FP - IPAK - DPAK second generation MDmesh??Power MOSFET
STF7NM60N STMICROELECTRONICS-STF7NM60N Datasheet
885Kb / 17P
   N-channel 600 V, 5 A, 0.84 ohm, DPAK, TO-220FP, TO-220, IPAK second generation MDmesh Power MOSFET
STD11NM60N-1 STMICROELECTRONICS-STD11NM60N-1 Datasheet
489Kb / 18P
   N-channel 600V - 0.37廓 - 10A - TO-220/FP- I/I2PAK - DPAK second generation MDmesh??Power MOSFET
STD11NM60N-1 STMICROELECTRONICS-STD11NM60N-1_08 Datasheet
623Kb / 21P
   N-channel 600 V - 0.37 廓 - 10 A - TO-220 - TO-220FP- I2PAK - IPAK DPAK - D2PAK second generation MDmesh??Power MOSFET
STD11NM60ND STMICROELECTRONICS-STD11NM60ND Datasheet
530Kb / 18P
   N-channel 600V - 0.37廓 - 10A - FDmesh??II Power MOSFET I2PAK, TO-220, TO-220FP, IPAK, DPAK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com