Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74AUP1G175 Arkusz danych(PDF) 11 Page - NXP Semiconductors

Numer części 74AUP1G175
Szczegółowy opis  Low-power D-type flip-flop with reset; positive-edge trigger
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AUP1G175 Arkusz danych(HTML) 11 Page - NXP Semiconductors

Back Button 74AUP1G175 Datasheet HTML 7Page - NXP Semiconductors 74AUP1G175 Datasheet HTML 8Page - NXP Semiconductors 74AUP1G175 Datasheet HTML 9Page - NXP Semiconductors 74AUP1G175 Datasheet HTML 10Page - NXP Semiconductors 74AUP1G175 Datasheet HTML 11Page - NXP Semiconductors 74AUP1G175 Datasheet HTML 12Page - NXP Semiconductors 74AUP1G175 Datasheet HTML 13Page - NXP Semiconductors 74AUP1G175 Datasheet HTML 14Page - NXP Semiconductors 74AUP1G175 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
74AUP1G175_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Preliminary data sheet
Rev. 01.xx — 27 March 2006
11 of 26
Philips Semiconductors
74AUP1G175
Low-power D-type flip-flop with reset; positive-edge trigger
Tamb = 25 °C; CL = 15 pF
tPHL, tPLH
HIGH-to-LOW and
LOW-to-HIGH
propagation delay CP to Q
see Figure 7
VCC = 0.8 V
-
28.1
-
ns
VCC = 1.1 V to 1.3 V
3.0
7.6
14.8
ns
VCC = 1.4 V to 1.6 V
2.7
5.3
8.7
ns
VCC = 1.65 V to 1.95 V
2.3
4.4
6.8
ns
VCC = 2.3 V to 2.7 V
2.1
3.5
5.0
ns
VCC = 3.0 V to 3.6 V
2.0
3.1
4.3
ns
HIGH-to-LOW and
LOW-to-HIGH
propagation delay MR to Q
see Figure 8
VCC = 0.8 V
-
24.6
-
ns
VCC = 1.1 V to 1.3 V
3.1
7.0
13.2
ns
VCC = 1.4 V to 1.6 V
3.1
5.0
6.7
ns
VCC = 1.65 V to 1.95 V
2.6
4.3
6.5
ns
VCC = 2.3 V to 2.7 V
2.6
3.7
5.0
ns
VCC = 3.0 V to 3.6 V
2.4
3.5
4.4
ns
fmax
maximum input clock
frequency CP
see Figure 7
VCC = 0.8 V
-
50
-
MHz
VCC = 1.1 V to 1.3 V
-
180
-
MHz
VCC = 1.4 V to 1.6 V
-
300
-
MHz
VCC = 1.65 V to 1.95 V
-
405
-
MHz
VCC = 2.3 V to 2.7 V
-
420
-
MHz
VCC = 3.0 V to 3.6 V
-
480
-
MHz
Tamb = 25 °C; CL = 30 pF
tPHL, tPLH
HIGH-to-LOW and
LOW-to-HIGH
propagation delay CP to Q
see Figure 7
VCC = 0.8 V
-
38.4
-
ns
VCC = 1.1 V to 1.3 V
3.6
9.8
19.5
ns
VCC = 1.4 V to 1.6 V
3.3
6.9
11.2
ns
VCC = 1.65 V to 1.95 V
3.1
5.7
8.8
ns
VCC = 2.3 V to 2.7 V
3.0
4.6
6.4
ns
VCC = 3.0 V to 3.6 V
2.8
4.2
5.7
ns
HIGH-to-LOW and
LOW-to-HIGH
propagation delay MR to Q
see Figure 8
VCC = 0.8 V
-
35.1
-
ns
VCC = 1.1 V to 1.3 V
3.9
9.3
18.0
ns
VCC = 1.4 V to 1.6 V
3.9
6.6
8.7
ns
VCC = 1.65 V to 1.95 V
3.6
5.6
8.6
ns
VCC = 2.3 V to 2.7 V
3.5
4.8
6.4
ns
VCC = 3.0 V to 3.6 V
3.3
4.6
5.7
ns
Table 9:
Dynamic characteristics …continued
GND = 0 V; see Figure 9
Symbol
Parameter
Conditions
Min
Typ [1]
Max
Unit


Podobny numer części - 74AUP1G175

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74AUP1G175 NXP-74AUP1G175 Datasheet
110Kb / 20P
   Low-power D-type flip-flop with reset; positive-edge trigger
Rev. 02-28 February 2008
logo
Nexperia B.V. All right...
74AUP1G175 NEXPERIA-74AUP1G175 Datasheet
296Kb / 21P
   Low-power D-type flip-flop with reset; positive-edge trigger
Rev. 7 - 18 January 2022
74AUP1G175-Q100 NEXPERIA-74AUP1G175-Q100 Datasheet
219Kb / 17P
   Low-power D-type flip-flop with reset; positive-edge trigger
logo
NXP Semiconductors
74AUP1G175GF NXP-74AUP1G175GF Datasheet
110Kb / 20P
   Low-power D-type flip-flop with reset; positive-edge trigger
Rev. 02-28 February 2008
74AUP1G175GM NXP-74AUP1G175GM Datasheet
110Kb / 20P
   Low-power D-type flip-flop with reset; positive-edge trigger
Rev. 02-28 February 2008
More results

Podobny opis - 74AUP1G175

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74AUP1G175 NEXPERIA-74AUP1G175 Datasheet
296Kb / 21P
   Low-power D-type flip-flop with reset; positive-edge trigger
Rev. 7 - 18 January 2022
logo
NXP Semiconductors
74AUP1G175 NXP-74AUP1G175 Datasheet
110Kb / 20P
   Low-power D-type flip-flop with reset; positive-edge trigger
Rev. 02-28 February 2008
logo
Nexperia B.V. All right...
74AUP1G175-Q100 NEXPERIA-74AUP1G175-Q100 Datasheet
219Kb / 17P
   Low-power D-type flip-flop with reset; positive-edge trigger
logo
NXP Semiconductors
74HC273-Q100 NXP-74HC273-Q100 Datasheet
147Kb / 19P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 1-19 June 2013
logo
Nexperia B.V. All right...
74LVC273-Q100 NEXPERIA-74LVC273-Q100 Datasheet
715Kb / 16P
   Octal D-type flip-flop with reset; positive-edge trigger
logo
NXP Semiconductors
74AHC273 PHILIPS-74AHC273 Datasheet
92Kb / 20P
   Octal D-type flip-flop with reset; positive-edge trigger
1999 Sep 01
logo
KODENSHI_AUK CORP.
KK74LV174 KODENSHI-KK74LV174 Datasheet
294Kb / 6P
   Hex D-type flip-flop with reset; positive edge-trigger
logo
Nexperia B.V. All right...
74HC175-Q100 NEXPERIA-74HC175-Q100 Datasheet
747Kb / 18P
   Quad D-type flip-flop with reset; positive-edge trigger
logo
NXP Semiconductors
74AHC273 NXP-74AHC273_08 Datasheet
111Kb / 18P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 03-13 May 2008
74LV273 PHILIPS-74LV273 Datasheet
117Kb / 12P
   Octal D-type flip-flop with reset; positive-edge trigger
1998 May 29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com