Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74AUP1G332GM Arkusz danych(PDF) 2 Page - NXP Semiconductors

Numer części 74AUP1G332GM
Szczegółowy opis  Low-power 3-input OR gate
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AUP1G332GM Arkusz danych(HTML) 2 Page - NXP Semiconductors

  74AUP1G332GM Datasheet HTML 1Page - NXP Semiconductors 74AUP1G332GM Datasheet HTML 2Page - NXP Semiconductors 74AUP1G332GM Datasheet HTML 3Page - NXP Semiconductors 74AUP1G332GM Datasheet HTML 4Page - NXP Semiconductors 74AUP1G332GM Datasheet HTML 5Page - NXP Semiconductors 74AUP1G332GM Datasheet HTML 6Page - NXP Semiconductors 74AUP1G332GM Datasheet HTML 7Page - NXP Semiconductors 74AUP1G332GM Datasheet HTML 8Page - NXP Semiconductors 74AUP1G332GM Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
74AUP1G332_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Preliminary data sheet
Rev. 01.00 — 27 February 2006
2 of 18
Philips Semiconductors
74AUP1G332
Low-power 3-input OR gate
3.
Quick reference data
[1]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
Σ(C
L × VCC
2
× f
o) = sum of the outputs.
[2]
The condition is VI = GND to VCC.
4.
Ordering information
Table 1:
Quick reference data
GND = 0 V; Tamb =25 °C; tr =tf ≤ 3ns.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tPHL, tPLH HIGH-to-LOW and
LOW-to-HIGH
propagation delay
A, BandCtoY
CL = 5 pF; RL =1MΩ;
VCC = 0.8 V
-
17.6
-
ns
CL = 5 pF; RL =1MΩ;
VCC = 1.1 V to 1.3 V
2.3
5.2
10.2
ns
CL = 5 pF; RL =1MΩ;
VCC = 1.4 V to 1.6 V
1.7
3.7
6.0
ns
CL = 5 pF; RL =1MΩ;
VCC = 1.65 V to 1.95 V
1.6
3.0
4.7
ns
CL = 5 pF; RL =1MΩ;
VCC = 2.3 V to 2.7 V
1.4
2.3
3.3
ns
CL = 5 pF; RL =1MΩ;
VCC = 3.0 V to 3.6 V
1.2
2.1
2.9
ns
CI
input capacitance
-
1.0
-
pF
CPD
power dissipation
capacitance
VCC = 1.8 V; f = 1 MHz
[1] [2] -
3.4
-
pF
VCC = 3.3 V; f = 1 MHz
[1] [2] -
4.3
-
pF
Table 2:
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74AUP1G332GW
−40 °C to +125 °C
SC-88
plastic surface mounted package; 6 leads
SOT363
74AUP1G332GM
−40 °C to +125 °C
XSON6
plastic extremely thin small outline package; no leads;
6 terminals; body 1
× 1.45 × 0.5 mm
SOT886
74AUP1G332GF
−40 °C to +125 °C
XSON6
plastic extremely thin small outline package; no leads;
6 terminals; body 1
× 1 × 0.5 mm
SOT891


Podobny numer części - 74AUP1G332GM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74AUP1G332GM NXP-74AUP1G332GM Datasheet
91Kb / 16P
   Low-power 3-input OR gate
Rev. 02-29 February 2008
logo
Nexperia B.V. All right...
74AUP1G332GM NEXPERIA-74AUP1G332GM Datasheet
252Kb / 16P
   Low-power 3-input OR-gate
Rev. 7 - 20 January 2022
More results

Podobny opis - 74AUP1G332GM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74AUP1G332 NXP-74AUP1G332 Datasheet
91Kb / 16P
   Low-power 3-input OR gate
Rev. 02-29 February 2008
logo
Nexperia B.V. All right...
74AUP1G332 NEXPERIA-74AUP1G332 Datasheet
252Kb / 16P
   Low-power 3-input OR-gate
Rev. 7 - 20 January 2022
74AUP1G386 NEXPERIA-74AUP1G386 Datasheet
255Kb / 16P
   Low-power 3-input EXCLUSIVE-OR gate
Rev. 8 - 21 January 2022
logo
NXP Semiconductors
74AUP1G0832 PHILIPS-74AUP1G0832 Datasheet
70Kb / 19P
   Low-power 3-input AND-OR gate
Rev.01.00-26 January2006
logo
Nexperia B.V. All right...
74AUP1G0832 NEXPERIA-74AUP1G0832 Datasheet
259Kb / 16P
   Low-power 3-input AND-OR gate
Rev. 6 - 14 January 2022
logo
NXP Semiconductors
74AUP1G0832 NXP-74AUP1G0832 Datasheet
95Kb / 16P
   Low-power 3-input AND-OR gate
Rev. 02-3 July 2009
74AUP1G3208 NXP-74AUP1G3208 Datasheet
94Kb / 16P
   Low-power 3-input OR-AND gate
Rev. 02-3 July 2009
74AUP1G3208GF NXP-74AUP1G3208GF Datasheet
264Kb / 19P
   Low-power 3-input OR-AND gate
Rev. 5-22 June 2012
74AUP1G3208 PHILIPS-74AUP1G3208 Datasheet
71Kb / 19P
   Low-power 3-input OR-AND gate
Rev.01.00-17 January 2006
74AUP1G386 NXP-74AUP1G386 Datasheet
93Kb / 16P
   Low-power 3-input EXCLUSIVE-OR gate
Rev. 03-2 July 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com