Zakładka z wyszukiwarką danych komponentów |
|
ADM3070E Arkusz danych(PDF) 5 Page - Analog Devices |
|
ADM3070E Arkusz danych(HTML) 5 Page - Analog Devices |
5 / 20 page ADM3070E/ADM3071E/ADM3072E/ADM3073E/ADM3074E/ADM3075E/ADM3076E/ADM3077E/ADM3078E Rev. A | Page 5 of 20 TIMING SPECIFICATIONS—ADM3070E/ADM3071E/ADM3072E VCC = 3.3 V ± 10%, TA = TMIN to TMAX, unless otherwise noted. Table 3. Parameter Symbol Min Typ Max Unit Test Conditions/Comments DRIVER Maximum Data Rate 250 kbps Propagation Delay, Low to High Level tDPLH 250 1500 ns CL = 50 pF , RL = 54 Ω (see Figure 8 and Figure 9) Propagation Delay, High to Low Level tDPHL 250 1500 ns CL = 50 pF , RL = 54 Ω (see Figure 8 and Figure 9) Rise Time/Fall Time tDR/tDF 350 1600 ns CL = 50 pF , RL = 54 Ω (see Figure 8 and Figure 9) |tDPLH − tDPHL| Differential Driver Output Skew tDSKEW 200 ns CL = 50 pF , RL = 54 Ω (see Figure 8 and Figure 9) Enable to Output High tDZH 2500 ns (See Figure 10) Enable to Output Low tDZL 2500 ns (See Figure 11) Disable Time from Low tDLZ 100 ns (See Figure 11) Disable Time from High tDHZ 100 ns (See Figure 10) Enable Time from Shutdown to High tDZH(SHDN) 5500 ns (See Figure 10) Enable Time from Shutdown to Low tDZL(SHDN) 5500 ns (See Figure 11) RECEIVER Maximum Data Rate 250 kbps Propagation Delay, Low to High Level tRPLH 200 ns CL = 15 pF (see Figure 12 and Figure 13) Propagation Delay, High to Low Level tRPHL 200 ns CL = 15 pF (see Figure 12 and Figure 13) |tRPLH − tRPHL| Output Skew tRSKEW 30 ns CL = 15 pF (see Figure 12 and Figure 13) Enable to Output High tRZH 50 ns (See Figure 14) Enable to Output Low tRZL 50 ns (See Figure 14) Disable Time from Low tRLZ 50 ns (See Figure 14) Disable Time from High tRHZ 50 ns (See Figure 14) Enable Time from Shutdown to High tRZH(SHDN) 4000 ns (See Figure 14) Enable Time from Shutdown to Low tRZL(SHDN) 4000 ns (See Figure 14) TIME TO SHUTDOWN tSHDN 50 200 600 ns |
Podobny numer części - ADM3070E |
|
Podobny opis - ADM3070E |