Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADM3078E Arkusz danych(PDF) 5 Page - Analog Devices

Numer części ADM3078E
Szczegółowy opis  3.3 V, 짹15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADM3078E Arkusz danych(HTML) 5 Page - Analog Devices

  ADM3078E Datasheet HTML 1Page - Analog Devices ADM3078E Datasheet HTML 2Page - Analog Devices ADM3078E Datasheet HTML 3Page - Analog Devices ADM3078E Datasheet HTML 4Page - Analog Devices ADM3078E Datasheet HTML 5Page - Analog Devices ADM3078E Datasheet HTML 6Page - Analog Devices ADM3078E Datasheet HTML 7Page - Analog Devices ADM3078E Datasheet HTML 8Page - Analog Devices ADM3078E Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ADM3070E/ADM3071E/ADM3072E/ADM3073E/ADM3074E/ADM3075E/ADM3076E/ADM3077E/ADM3078E
Rev. A | Page 5 of 20
TIMING SPECIFICATIONS—ADM3070E/ADM3071E/ADM3072E
VCC = 3.3 V ± 10%, TA = TMIN to TMAX, unless otherwise noted.
Table 3.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
DRIVER
Maximum Data Rate
250
kbps
Propagation Delay, Low to High Level
tDPLH
250
1500
ns
CL = 50 pF
, RL = 54 Ω (see Figure 8 and Figure 9)
Propagation Delay, High to Low Level
tDPHL
250
1500
ns
CL = 50 pF
, RL = 54 Ω (see Figure 8 and Figure 9)
Rise Time/Fall Time
tDR/tDF
350
1600
ns
CL = 50 pF
, RL = 54 Ω (see Figure 8 and Figure 9)
|tDPLH − tDPHL| Differential Driver Output Skew
tDSKEW
200
ns
CL = 50 pF
, RL = 54 Ω (see Figure 8 and Figure 9)
Enable to Output High
tDZH
2500
ns
(See Figure 10)
Enable to Output Low
tDZL
2500
ns
(See Figure 11)
Disable Time from Low
tDLZ
100
ns
(See Figure 11)
Disable Time from High
tDHZ
100
ns
(See Figure 10)
Enable Time from Shutdown to High
tDZH(SHDN)
5500
ns
(See Figure 10)
Enable Time from Shutdown to Low
tDZL(SHDN)
5500
ns
(See Figure 11)
RECEIVER
Maximum Data Rate
250
kbps
Propagation Delay, Low to High Level
tRPLH
200
ns
CL = 15 pF (see Figure 12 and Figure 13)
Propagation Delay, High to Low Level
tRPHL
200
ns
CL = 15 pF (see Figure 12 and Figure 13)
|tRPLH − tRPHL| Output Skew
tRSKEW
30
ns
CL = 15 pF (see Figure 12 and Figure 13)
Enable to Output High
tRZH
50
ns
(See Figure 14)
Enable to Output Low
tRZL
50
ns
(See Figure 14)
Disable Time from Low
tRLZ
50
ns
(See Figure 14)
Disable Time from High
tRHZ
50
ns
(See Figure 14)
Enable Time from Shutdown to High
tRZH(SHDN)
4000
ns
(See Figure 14)
Enable Time from Shutdown to Low
tRZL(SHDN)
4000
ns
(See Figure 14)
TIME TO SHUTDOWN
tSHDN
50
200
600
ns


Podobny numer części - ADM3078E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM3078E AD-ADM3078E Datasheet
528Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3078E AD-ADM3078E Datasheet
466Kb / 20P
   3.3 V, ±15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. F
ADM3078EARZ AD-ADM3078EARZ Datasheet
528Kb / 20P
   3.3 V, 15,-15 kV ESD-Protected
Rev. E
ADM3078EARZ AD-ADM3078EARZ Datasheet
466Kb / 20P
   3.3 V, ±15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. F
ADM3078EARZ-REEL7 AD-ADM3078EARZ-REEL7 Datasheet
528Kb / 20P
   3.3 V, 15,-15 kV ESD-Protected
Rev. E
More results

Podobny opis - ADM3078E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM3483E AD-ADM3483E Datasheet
649Kb / 20P
   3.3 V, 짹15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
REV. A
ADM3070E AD-ADM3070E Datasheet
466Kb / 20P
   3.3 V, ±15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. F
ADM485E AD-ADM485E Datasheet
399Kb / 16P
   5 V, 짹15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
REV. 0
ADM485E AD-ADM485E_V01 Datasheet
285Kb / 16P
   5 V, ±15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
Rev. B
ADM3483 AD-ADM3483_11 Datasheet
328Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3483 AD-ADM3483 Datasheet
450Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
REV. B
ADM3491ARUZ AD-ADM3491ARUZ Datasheet
328Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3483 AD-ADM3483_V01 Datasheet
327Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3485E AD-ADM3485E_10 Datasheet
303Kb / 16P
   짹15 kV ESD-Protected, 3.3 V,12 Mbps, EIA RS-485/RS-422 Transceiver
Rev. D
ADM1487E AD-ADM1487E_15 Datasheet
286Kb / 16P
   Half-Duplex, RS-485/RS-422 Transceivers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com