Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM29F800T-70EEB Arkusz danych(PDF) 9 Page - Advanced Micro Devices

Numer części AM29F800T-70EEB
Szczegółowy opis  8 Megabit (1,048,576 x 8-Bit/524,288 x 16-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMD [Advanced Micro Devices]
Strona internetowa  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F800T-70EEB Arkusz danych(HTML) 9 Page - Advanced Micro Devices

Back Button AM29F800T-70EEB Datasheet HTML 5Page - Advanced Micro Devices AM29F800T-70EEB Datasheet HTML 6Page - Advanced Micro Devices AM29F800T-70EEB Datasheet HTML 7Page - Advanced Micro Devices AM29F800T-70EEB Datasheet HTML 8Page - Advanced Micro Devices AM29F800T-70EEB Datasheet HTML 9Page - Advanced Micro Devices AM29F800T-70EEB Datasheet HTML 10Page - Advanced Micro Devices AM29F800T-70EEB Datasheet HTML 11Page - Advanced Micro Devices AM29F800T-70EEB Datasheet HTML 12Page - Advanced Micro Devices AM29F800T-70EEB Datasheet HTML 13Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
8/18/97
Am29F800T/Am29F800B
9
PR E L IM IN A R Y
In the standby mode the outputs are in the high imped-
ance state, independent of the OE input.
Output Disable
With the OE input at a logic high level (VIH), output from
the device is disabled. This will cause the output pins
to be in a high impedance state.
Autoselect
The autoselect mode allows the reading of a binary
code from the device and will identify its manufacturer
and type. This mode is intended for use by program-
ming equipment for the purpose of automatically
matching the device to be programmed with its corre-
sponding programming algorithm. This mode is func-
tional over the entire temperature range of the device.
To activate this mode, the programming equipment
must force VID (11.5 V to 12.5 V) on address pin A9.
Two identifier bytes may then be sequenced from the
device outputs by toggling address A0 from VIL to VIH.
All addresses are don’t cares except A0, A1, and A6
(see Table 3).
The manufacturer and device codes may also be read
via the command register, for instances when the
Am29F800 is erased or programmed in a system with-
out access to high voltage on the A9 pin. The command
sequence is illustrated in Table 4 (see Autoselect Com-
mand Sequence).
Byte 0 (A0 = VIL) represents the manufacturer’s code
(AMD=01H) and byte 1 (A0 = VIH) the device identifier
code (Am29F800T = D6H and Am29F800B = 58H for
x8 mode; Am29F800T = 22D6H and Am29F800B =
2258H for x16 mode). These two bytes/words are
given in the table below. All identifiers for manufacturer
and device will exhibit odd parity with DQ7 defined as
the parity bit. In order to read the proper device codes
when executing the Autoselect, A1 must be VIL (see
Tables 3 and 4).
The autoselect mode also facilitates the determination
of sector protection in the system. By performing a read
operation at the address location XX02H with the
higher order address bits A12–A18 set to the desired
sector address, the device will return 01H for a pro-
tected sector and 00H for a non-protected sector.
Table 3.
Am29F800 Sector Protection Verify Autoselect Codes
*Outputs 01H at protected sector addresses
Table 4.
Expanded Autoselect Code Table
(B) – Byte mode
(W) – Word mode
Type
A12–A18
A6
A1
A0
Code (HEX)
Manufacturer Code—AMD
X
VIL
VIL
VIL
01H
Am29F800 Device
Am29F800T
Byte
XVIL
VIL
VIH
D6H
Word
22D6H
Am29F800B
Byte
XVIL
VIL
VIH
58H
Word
2258H
Sector Protection
Sector
Address
VIL
VIH
VIL
01H*
Type
Code
DQ
15
DQ
14
DQ
13
DQ
12
DQ
11
DQ
10
DQ
9
DQ
8
DQ
7
DQ
6
DQ
5
DQ
4
DQ
3
DQ
2
DQ
1
DQ
0
Manufacturer Code—AMD
01H
000000
0
0
0
0
0
0
0
0
0
1
Am29F800
Device
Am29F800T(B)
(W)
D6H
22D6H
A-1
0
HI-Z
0
HI-Z
1
HI-Z
0
HI-Z
0
HI-Z
0
HI-Z
1
HI-Z
0
1
1
1
1
0
0
1
1
0
0
1
1
1
1
0
0
Am29F800B(B)
(W)
58H
2258H
A-1
0
HI-Z
0
HI-Z
1
HI-Z
0
HI-Z
0
HI-Z
0
HI-Z
1
HI-Z
0
0
0
1
1
0
0
1
1
1
1
0
0
0
0
0
0
Sector Protection
01H
000000
0
0
0
0
0
0
0
0
0
1


Podobny numer części - AM29F800T-70EEB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Advanced Micro Devices
AM29F800 AMD-AM29F800 Datasheet
207Kb / 9P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory-Die Revision 1
AM29F800B AMD-AM29F800B Datasheet
518Kb / 39P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
AM29F800B AMD-AM29F800B Datasheet
1Mb / 44P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
AM29F800B-1 AMD-AM29F800B-1 Datasheet
207Kb / 9P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory-Die Revision 1
AM29F800BB-120DGC AMD-AM29F800BB-120DGC Datasheet
207Kb / 9P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory-Die Revision 1
More results

Podobny opis - AM29F800T-70EEB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Advanced Micro Devices
AM29F040 AMD-AM29F040 Datasheet
446Kb / 33P
   4 Megabit (524,288 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
AM29F400AT AMD-AM29F400AT Datasheet
136Kb / 35P
   4 Megabit (524,288 x 8-Bit/262,144 x 16-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
AM29F016 AMD-AM29F016 Datasheet
219Kb / 36P
   16-Megabit (2,097,152 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
AM29LV800T AMD-AM29LV800T Datasheet
207Kb / 48P
   8 Megabit (1,048,576 x 8-Bit/524,288 x 16-Bit) CMOS 3.0 Volt-only, Sectored Flash Memory
logo
Hynix Semiconductor
HY29F040A HYNIX-HY29F040A Datasheet
282Kb / 40P
   512K x 8-bit CMOS 5.0 volt-only, Sector Erase Flash Memory
logo
List of Unclassifed Man...
EN29F800 ETC-EN29F800 Datasheet
221Kb / 38P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 5.0 Volt-only
logo
Advanced Micro Devices
AM29LV081B AMD-AM29LV081B Datasheet
39Kb / 6P
   8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Sector Erase Flash Memory
AM29F017B AMD-AM29F017B Datasheet
443Kb / 35P
   16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29F017D AMD-AM29F017D Datasheet
797Kb / 41P
   16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29F016D AMD-AM29F016D_02 Datasheet
252Kb / 12P
   16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory-Die Revision 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com