Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NCP2821 Arkusz danych(PDF) 18 Page - ON Semiconductor

Numer części NCP2821
Szczegółowy opis  2.65 W Filterless with Selectable Gain Class?묭 Audio Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP2821 Arkusz danych(HTML) 18 Page - ON Semiconductor

Back Button NCP2821 Datasheet HTML 11Page - ON Semiconductor NCP2821 Datasheet HTML 12Page - ON Semiconductor NCP2821 Datasheet HTML 13Page - ON Semiconductor NCP2821 Datasheet HTML 14Page - ON Semiconductor NCP2821 Datasheet HTML 15Page - ON Semiconductor NCP2821 Datasheet HTML 16Page - ON Semiconductor NCP2821 Datasheet HTML 17Page - ON Semiconductor NCP2821 Datasheet HTML 18Page - ON Semiconductor NCP2821 Datasheet HTML 19Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
NCP2821
http://onsemi.com
18
Bill of Materials
Item
Part Description
Ref
PCB
Footprint
Manufacturer
Part Number
1
NCP2821 Audio Amplifier
U1
NCP2821
2
Ceramic Capacitor 100 nF, 50 V, X7R
C1, C2
0603
TDK
C1608X7R1H104KT
3
Ceramic Capacitor 4.7
mF, 6.3 V, X5R
C4
0603
TDK
C1608X5R0J475MT
4
PCB Footprint
J7, J8
5
I/O connector. It can be plugged by
MC−1,5/3−ST−3,81
J2
Phoenix Contact
MC−1,5/3−G
6
I/O connector. It can be plugged by
BLZ5.08/2 (Weidmuller Reference)
J1, J3
Weidmuller
SL5.08/2/90B
7
Jumper Connector, 400 mils
J4
Harwin
D3082−B01
8
Jumper Header Vertical Mount
3*1, 2.54 mm.
J5, J9
Tyco Electronics / AMP
5−826629−0
ORDERING INFORMATION
Device
Marking
Package
Shipping†
NCP2821FCT1G
MAU
9−Pin Flip−Chip CSP
(Pb−Free)
3000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Podobny numer części - NCP2821

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
NCP2820 ONSEMI-NCP2820 Datasheet
287Kb / 22P
   2.65 W Filterless Class?묭 Audio Power Amplifier
November, 2006 ??Rev. 5
NCP2820AFCT2G ONSEMI-NCP2820AFCT2G Datasheet
230Kb / 21P
   Filterless Class-D Audio Power Amplifier
December, 2013 ??Rev. 8
NCP2820D ONSEMI-NCP2820D Datasheet
287Kb / 22P
   2.65 W Filterless Class?묭 Audio Power Amplifier
November, 2006 ??Rev. 5
NCP2820FCT1 ONSEMI-NCP2820FCT1 Datasheet
287Kb / 22P
   2.65 W Filterless Class?묭 Audio Power Amplifier
November, 2006 ??Rev. 5
NCP2820FCT1G ONSEMI-NCP2820FCT1G Datasheet
287Kb / 22P
   2.65 W Filterless Class?묭 Audio Power Amplifier
November, 2006 ??Rev. 5
More results

Podobny opis - NCP2821

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
NCP2820 ONSEMI-NCP2820 Datasheet
287Kb / 22P
   2.65 W Filterless Class?묭 Audio Power Amplifier
November, 2006 ??Rev. 5
NCP9004 ONSEMI-NCP9004 Datasheet
316Kb / 17P
   2.65 W Filterless Class?묭 Audio Power Amplifier
August, 2006 ??Rev. 2
NLMD5820 ONSEMI-NLMD5820 Datasheet
218Kb / 21P
   2.65 W Filterless Class-D Audio Amplifier with Integrated Dual SPST Switch
September, 2007 - Rev. 0
logo
Analog Devices
SSM2306 AD-SSM2306 Datasheet
503Kb / 16P
   2 W, Filterless, Class-D Stereo Audio Amplifier
REV. 0
SSM2304 AD-SSM2304 Datasheet
408Kb / 19P
   2 W Filterless Class-D Stereo Audio Amplifier
Rev. PrD
SSM2306 AD-SSM2306_15 Datasheet
504Kb / 16P
   2 W, Filterless, Class-D Stereo Audio Amplifier
SSM2304 AD-SSM2304_15 Datasheet
935Kb / 20P
   2 W Filterless Class-D Stereo Audio Amplifier
logo
Texas Instruments
TPA2000D1 TI-TPA2000D1 Datasheet
205Kb / 14P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Lyontek Inc.
LY8006 LYONTEK-LY8006_17 Datasheet
878Kb / 16P
   3.3 W Mono Filterless Class D Audio power Amplifier
logo
Texas Instruments
TPA2001D1 TI-TPA2001D1_06 Datasheet
220Kb / 15P
[Old version datasheet]   1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com