Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC13001X Arkusz danych(PDF) 10 Page - Motorola, Inc

Numer części MC13001X
Szczegółowy opis  Monomax Black and White TV Subsystem
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13001X Arkusz danych(HTML) 10 Page - Motorola, Inc

Back Button MC13001X Datasheet HTML 2Page - Motorola, Inc MC13001X Datasheet HTML 3Page - Motorola, Inc MC13001X Datasheet HTML 4Page - Motorola, Inc MC13001X Datasheet HTML 5Page - Motorola, Inc MC13001X Datasheet HTML 6Page - Motorola, Inc MC13001X Datasheet HTML 7Page - Motorola, Inc MC13001X Datasheet HTML 8Page - Motorola, Inc MC13001X Datasheet HTML 9Page - Motorola, Inc MC13001X Datasheet HTML 10Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
MC13001X MC13007X
10
MOTOROLA ANALOG IC DEVICE DATA
P SUFFIX
PLASTIC PACKAGE
CASE 710–02
ISSUE C
OUTLINE DIMENSIONS
NOTES:
1. POSITIONAL TOLERANCE OF LEADS (D), SHALL
BE WITHIN 0.25 (0.010) AT MAXIMUM MATERIAL
CONDITION, IN RELATION TO SEATING PLANE
AND EACH OTHER.
2. DIMENSION L TO CENTER OF LEADS WHEN
FORMED PARALLEL.
3. DIMENSION B DOES NOT INCLUDE MOLD FLASH.
1
SEATING
PLANE
15
14
28
M
A
B
K
C
N
F
G
D
H
J
L
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
36.45
37.21
1.435
1.465
B
13.72
14.22
0.540
0.560
C
3.94
5.08
0.155
0.200
D
0.36
0.56
0.014
0.022
F
1.02
1.52
0.040
0.060
G
2.54 BSC
0.100 BSC
H
1.65
2.16
0.065
0.085
J
0.20
0.38
0.008
0.015
K
2.92
3.43
0.115
0.135
L
15.24 BSC
0.600 BSC
M
0
15
0
15
N
0.51
1.02
0.020
0.040
_
_
_
_
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding
the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and
specifically disclaims any and all liability, including without limitation consequential or incidental damages. “Typical” parameters can and do vary in different
applications. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. Motorola does
not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in
systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of
the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such
unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless
against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part.
Motorola and
are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer.
How to reach us:
USA / EUROPE: Motorola Literature Distribution;
JAPAN: Nippon Motorola Ltd.; Tatsumi–SPD–JLDC, Toshikatsu Otsuki,
P.O. Box 20912; Phoenix, Arizona 85036. 1–800–441–2447
6F Seibu–Butsuryu–Center, 3–14–2 Tatsumi Koto–Ku, Tokyo 135, Japan. 03–3521–8315
MFAX: RMFAX0@email.sps.mot.com – TOUCHTONE (602) 244–6609
HONG KONG: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park,
INTERNET: http://Design–NET.com
51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852–26629298
MC13001X/D
*MC13001X/D*


Podobny numer części - MC13001X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC13017 MOTOROLA-MC13017 Datasheet
84Kb / 4P
   NTSC/PAL CHROMA 10 COLOR TV and TIMEBASE PROCESSOR
MC13017P MOTOROLA-MC13017P Datasheet
84Kb / 4P
   NTSC/PAL CHROMA 10 COLOR TV and TIMEBASE PROCESSOR
MC13020P MOTOROLA-MC13020P Datasheet
793Kb / 6P
   MOTOROLA C-QUAM AM STEREO DECODER
MC13022A MOTOROLA-MC13022A Datasheet
118Kb / 8P
   Advanced Medium Voltage AM Stereo Decoder
MC13022ADW MOTOROLA-MC13022ADW Datasheet
118Kb / 8P
   Advanced Medium Voltage AM Stereo Decoder
More results

Podobny opis - MC13001X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TA7243P TOSHIBA-TA7243P Datasheet
133Kb / 7P
   TV SOUND IF AND AUDIO OUTPUT SUBSYSTEM
logo
NXP Semiconductors
TDA4503 PHILIPS-TDA4503 Datasheet
881Kb / 14P
   SMALL-SIGINAL COMBINATION IC FOR BLACK-AND-WHITE TV
November 1984
logo
STMicroelectronics
TEA2015A STMICROELECTRONICS-TEA2015A Datasheet
525Kb / 16P
   VERTICAL SWEEP FOR BLACK AND WHITE AND 90 COLOR TV SETS
logo
List of Unclassifed Man...
TBA1440G ETC1-TBA1440G Datasheet
201Kb / 6P
   VIDEO IF IC FOR BLACK / WHITE AND COLOR TV SETS
CD7678CP ETC2-CD7678CP Datasheet
259Kb / 8P
   Black and white TV image sound system signal processing circuit
logo
NTE Electronics
NTE7018 NTE-NTE7018 Datasheet
45Kb / 6P
   Integrated Circuit Small-Signal Subsystem for Color TV
logo
NXP Semiconductors
TDA8303 PHILIPS-TDA8303 Datasheet
153Kb / 21P
   Small signal combination IC for black/white TV
July 1992
logo
CML Microcircuits
FX651 CMLMICRO-FX651 Datasheet
461Kb / 16P
   SPM and Security Subsystem
logo
KEC(Korea Electronics)
KTC3206 KEC-KTC3206 Datasheet
438Kb / 3P
   TRIPLE DIFFUSED NPN TRANSISTOR (BLACK AND WHITE TV VIDEO OUTPUT, HIGH VOLTAGE SWITCHING)
logo
Toshiba Semiconductor
2SC2229 TOSHIBA-2SC2229 Datasheet
189Kb / 3P
   TRANSISTOR (BLACK AND WHITE TV VIDEO OUTPUT, HIGH VOLTAHE SWITCHING, DRIVER STAGE AUDIO AMPLIFIER APPLICATIONS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com