Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LD-17Y60 Arkusz danych(PDF) 11 Page - Sharp Corporation

Numer części LD-17Y60
Szczegółowy opis  TFT - LCD module
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SHARP [Sharp Corporation]
Strona internetowa  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LD-17Y60 Arkusz danych(HTML) 11 Page - Sharp Corporation

Back Button LD-17Y60 Datasheet HTML 7Page - Sharp Corporation LD-17Y60 Datasheet HTML 8Page - Sharp Corporation LD-17Y60 Datasheet HTML 9Page - Sharp Corporation LD-17Y60 Datasheet HTML 10Page - Sharp Corporation LD-17Y60 Datasheet HTML 11Page - Sharp Corporation LD-17Y60 Datasheet HTML 12Page - Sharp Corporation LD-17Y60 Datasheet HTML 13Page - Sharp Corporation LD-17Y60 Datasheet HTML 14Page - Sharp Corporation LD-17Y60 Datasheet HTML 15Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
LD-17Y60-9
6. Electrical Characteristics
6-1. TFT-LCD panel driving
Ta=25℃
Parameter
Symbol
Min.
Typ.
Max.
Unit
Remark
Vcc
Supply voltage
Vcc
+3.0
+3.3
+3.6
V
【Note2】
Current dissipation
Icc
425
700
mA
【Note3】
Permissive input ripple voltage
VRF
100
mVp-p
Vcc=+3.3V
Differential input
High
VTH
+100
mV
VCM=+1.2V
threshold voltage
Low
VTL
–100
mV
【Note1】
Input current (High)
IOH
±10
μA
VI=2.4V, Vcc=3.6V
Input current (Low)
IOL
±10
μA
VI=0V, Vcc=3.6V
Terminal resistor
RT
100
Ω
Differential input
【Note1】 V
CM : Common mode voltage of LVDS driver.
【Note2】
1)On-off sequences of Vcc
and data
0<t1≦10ms
0<t2≦10ms
0<t3≦1s
1s≦t4
200ms≦t5
Power sequence for Backlight
is not especially specified, however it is recommended to consider some
timing difference between LVDS input and Backlight input as shown above.
If the Backlight lights on before LCD starting, or if the Backlight is kept on after LCD stopping, the screen
may look white for a moment or abnormal image may be displayed.
This is caused by variation in output signal from timing generator at LVDS input on or off.
It does not
cause the damage to the LCD module.
2)Dip conditions for supply voltage
1)
V2 ≦Vcc< V1
td≦ 10ms
2)
Vcc<V2
Vcc-dip conditions should also
follow the on-off conditions.
【Note3】 Typical current situation : 16-gray-bar pattern
Vcc=+3.3V, CK=65MHz
Horizontal period =20.7 us
Gray scale : GS(4n)
n=0∼15
The explanation of each gray scale, GS(4n), is described
below section 8-2.
0.9Vcc
Back light
data
Vcc
t3
t4
t1
t5
0.1Vcc
0.1Vcc
0.9Vcc
0.1Vcc
t2
OFF
ON
OFF
Vcc
td
V2
V1
V1 : 3.0V
V2 : 2.5V
RGB
GS0
RGB
GS4
RGB
GS8
RGB
GS56
RGB
GS60
....


Podobny numer części - LD-17Y60

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Axiomtek Co., Ltd.
LD-170 AXIOMTEK-LD-170 Datasheet
132Kb / 1P
   17 Industrial Open Frame LCD Monitor
More results

Podobny opis - LD-17Y60

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sharp Corporation
LQ181E1LW31 SHARP-LQ181E1LW31 Datasheet
556Kb / 24P
   TFT-LCD Module
LQ150X1LGN2A SHARP-LQ150X1LGN2A Datasheet
901Kb / 24P
   TFT-LCD MODULE
LQ121S1LG41 SHARP-LQ121S1LG41 Datasheet
3Mb / 19P
   TFT-LCD Module
LQ084S3DG01 SHARP-LQ084S3DG01 Datasheet
702Kb / 20P
   TFT-LCD Module
LQ10D131 SHARP-LQ10D131 Datasheet
1Mb / 19P
   TFT - LCD MODULE
LQ035Q7DB03 SHARP-LQ035Q7DB03 Datasheet
506Kb / 24P
   TFT LCD MODULE
LQ104S1DG21 SHARP-LQ104S1DG21 Datasheet
376Kb / 19P
   TFT-LCD Module
LQ121S1LG61 SHARP-LQ121S1LG61 Datasheet
715Kb / 20P
   TFT-LCD Module
LQ057Q3DC03 SHARP-LQ057Q3DC03 Datasheet
341Kb / 18P
   TFT - LCD module
LQ150X1LW72 SHARP-LQ150X1LW72 Datasheet
835Kb / 24P
   TFT-LCD Module
LQ12DX12 SHARP-LQ12DX12 Datasheet
1Mb / 18P
   TFT-LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com