Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADSP-21267 Arkusz danych(PDF) 11 Page - Analog Devices

Numer części ADSP-21267
Szczegółowy opis  Preliminary Technical Data
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADSP-21267 Arkusz danych(HTML) 11 Page - Analog Devices

Back Button ADSP-21267 Datasheet HTML 7Page - Analog Devices ADSP-21267 Datasheet HTML 8Page - Analog Devices ADSP-21267 Datasheet HTML 9Page - Analog Devices ADSP-21267 Datasheet HTML 10Page - Analog Devices ADSP-21267 Datasheet HTML 11Page - Analog Devices ADSP-21267 Datasheet HTML 12Page - Analog Devices ADSP-21267 Datasheet HTML 13Page - Analog Devices ADSP-21267 Datasheet HTML 14Page - Analog Devices ADSP-21267 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
ADSP-21267
Rev. PrA
|
Page 11 of 44
|
January 2004
PRELIMINARY TECHNICAL DATA
DAI_P20-1
I/O/T
Three-state with
programmable pull-
up
Digital Audio Interface Pins. These pins provide the physical interface to the SRU.
The SRU configuration registers define the combination of on-chip peripheral
inputs or outputs connected to the pin and to the pin’s output enable. The config-
uration registers of these peripherals then determines the exact behavior of the pin.
Any input or output signal present in the SRU may be routed to any of these pins.
The SRU provides the connection from the Serial ports, Input data port, precision
clock generators and timers to the DAI_P20-1 pins These pins have internal 22.5 K
pull-up resistors which are enabled on reset. These pull-ups can be disabled in the
DAI_PIN_PULLUP register.
SPICLK
I/O
Three-state with
pull-up enabled
Serial Peripheral Interface Clock Signal. Driven by the master, this signal controls
the rate at which data is transferred. The master may transmit data at a variety of
baud rates. SPICLK cycles once for each bit transmitted. SPICLK is a gated clock that
is active during data transfers, only for the length of the transferred word. Slave
devices ignore the serial clock if the slave select input is driven inactive (HIGH).
SPICLK is used to shift out and shift in the data driven on the MISO and MOSI lines.
The data is always shifted out on one clock edge and sampled on the opposite edge
of the clock. Clock polarity and clock phase relative to data are programmable into
the SPICTL control register and define the transfer format. SPICLK has a 22.5 K
internal pull-up resistor.
SPIDS
I
Input only
Serial Peripheral Interface Slave Device Select. An active low signal used to select
the DSP as an SPI slave device. This input signal behaves like a chip select, and is
provided by the master device for the slave devices. In multi-master mode the DSPs
SPIDS signal can be driven by a slave device to signal to the DSP (as SPI master) that
an error has occurred, as some other device is also trying to be the master device.
If asserted low when the device is in master mode, it is considered a multi-master
error. For a single-master, multiple-slave configuration where flag pins are used, this
pin must be tied or pulled high to VDDEXT on the master device. For ADSP-21267 to
ADSP-21267 SPI interaction, any of the master ADSP-21267's flag pins can be used
to drive the SPIDS signal on the ADSP-21267 SPI slave device.
MOSI
I/O (O/D)
Three-state with
pull-up enabled
SPI Master Out Slave In. If the ADSP-21267 is configured as a master, the MOSI pin
becomes a data transmit (output) pin, transmitting output data. If the ADSP-21267
is configured as a slave, the MOSI pin becomes a data receive (input) pin, receiving
input data. In an ADSP-21267 SPI interconnection, the data is shifted out from the
MOSI output pin of the master and shifted into the MOSI input(s) of the slave(s).
MOSI has a 22.5 K
Ω internal pull-up resistor.
MISO
I/O (O/D)
Three-state with
pull-up enabled
SPI Master In Slave Out. If the ADSP-21267 is configured as a master, the MISO pin
becomes a data receive (input) pin, receiving input data. If the ADSP-21267 is
configured as a slave, the MISO pin becomes a data transmit (output) pin, trans-
mitting output data. In an ADSP-21267 SPI interconnection, the data is shifted out
from the MISO output pin of the slave and shifted into the MISO input pin of the
master. MISO has a 22.5K
Ω internal pull-up resistor. MISO can be configured as O/D
by setting the OPD bit in the SPICTL register.
Note: Only one slave is allowed to transmit data at any given time. To enable
broadcast transmission to multiple SPI-slaves, the DSP's MISO pin may be disabled
by setting (=1) bit 5 (DMISO) of the SPICTL register.
BOOTCFG1-0
I
Input only
Boot Configuration Select. Selects the boot mode for the DSP. The BOOTCFG pins
must be valid before reset is asserted. See Table 4 on page 13 for a description of
the boot modes.
Table 2. Pin Descriptions (Continued)
Pin
Type
State During &
After Reset
Function


Podobny numer części - ADSP-21267

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADSP-21261 AD-ADSP-21261 Datasheet
1Mb / 44P
   SHARC Embedded Processor
REV. 0
ADSP-21261SKBC-150 AD-ADSP-21261SKBC-150 Datasheet
1Mb / 44P
   SHARC Embedded Processor
REV. 0
ADSP-21261SKBCZ150 AD-ADSP-21261SKBCZ150 Datasheet
1Mb / 44P
   SHARC Embedded Processor
REV. 0
ADSP-21261SKSTZ150 AD-ADSP-21261SKSTZ150 Datasheet
1Mb / 44P
   SHARC Embedded Processor
REV. 0
ADSP-21262 AD-ADSP-21262 Datasheet
1Mb / 44P
   SHARC Processor
REV. A
More results

Podobny opis - ADSP-21267

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5263 AD-AD5263 Datasheet
84Kb / 6P
   Preliminary Technical Data
08 AUG ??2, REV PrD
AD53519 AD-AD53519 Datasheet
291Kb / 13P
   Preliminary Technical Data
REV. Pr J July 22, 2002
ADSP-21368 AD-ADSP-21368 Datasheet
1Mb / 48P
   Preliminary Technical Data
Rev. PrA
logo
Everlight Electronics C...
67-B21SURC-S400-E13-TR8 EVERLIGHT-67-B21SURC-S400-E13-TR8 Datasheet
128Kb / 9P
   Technical Data Sheet TOP View LEDs(Preliminary)
logo
IXYS Corporation
IXGR120N60C2 IXYS-IXGR120N60C2 Datasheet
177Kb / 6P
   Preliminary Technical Information
IXFA24N60X IXYS-IXFA24N60X Datasheet
160Kb / 6P
   Preliminary Technical Information
IXFK90N60X IXYS-IXFK90N60X Datasheet
203Kb / 5P
   Preliminary Technical Information
IXYH40N90C3D1 IXYS-IXYH40N90C3D1 Datasheet
190Kb / 7P
   Preliminary Technical Information
IXFA18N60X IXYS-IXFA18N60X Datasheet
189Kb / 6P
   Preliminary Technical Information
IXXH60N65B4H1 IXYS-IXXH60N65B4H1 Datasheet
190Kb / 8P
   Preliminary Technical Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com